Part Number Hot Search : 
74LVCH 01MXA C9018 106M16 ZMDK56W 01MXA MJD45H11 TZ1000
Product Description
Full Text Search
 

To Download ATS-55250D-C2-R0 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product details dimension a dimension b dimension c dimension d interface material finish notes: d imension c = heat sink height from bottom of the base to the top of the fn feld. thermal performance data are provided for reference only. actual performance may vary by application. ats reserves the right to update or change its products without notice to improve the design or performance. contact ats to learn about custom options available. 1) 2) 3) 4) t hermal performance for more information, to fnd a distributor or to place an order, visit www.qats.com or call: 781.769.2800 (north america); +31 (0) 3569 84715 (europe). ats part # ATS-55250D-C2-R0 features & benefts high performance bga cooling solutions w/ thermal tape attachment rev1_0908 air velocity thermal r esistance ft/min m/s c/w (unducted flow) c/w (ducted flow) 200 1.0 300 1.5 400 2.0 500 2.5 600 3.0 700 3.5 800 4.0 16.5 na na na na na na na 25 mm 25 mm 9.5 mm 25 mm black-anodized saint -gobain c675 high efficiency cross-cut fin design provides low pressure drop characteristics large surface area increases heat sink performance designed for bgas and surface mount packages comes preassembled with high performance thermal interface material ? ? ? ? c a b d *image above is for illustration purposes only.


▲Up To Search▲   

 
Price & Availability of ATS-55250D-C2-R0

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X