Part Number Hot Search : 
HTIP105 00900 TDA2616Q AD534TD HD74L 15BCC DDTA114 74F16
Product Description
Full Text Search
 

To Download 44769-0803 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/21/2010 please check www.molex.com for latest part information part number: 0447690803 status: active overview: microfit_30 description: 3.00mm (.118") pitch micro-fit 3.0, bmi? receptacle header, dual row, vertical, with press-fit plastic pegs, 0.8m (30") gold (au) selective, 8 circuits documents: 3d model product specification ps-44300-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 tuv r72081037 ul e29179 general product family pcb receptacles series 44769 application board-to-board, wire-to-board overview microfit_30 product literature order no usa-106 product name micro-fit 3.0 bmi? physical circuits (loaded) 8 color - resin black durability (mating cycles max) 30 flammability 94v-0 glow-wire compliant no material - metal phosphor bronze material - plating mating gold material - plating termination tin material - resin high temperature thermoplastic number of rows 2 orientation vertical pcb locator yes pcb retention yes pcb thickness recommended (in) 0.062 in pcb thickness recommended (mm) 1.60 mm packaging type tray pitch - mating interface (in) 0.118 in pitch - mating interface (mm) 3.00 mm plating min: mating (in) 30 plating min: mating (m) 0.75 plating min: termination (in) 100 plating min: termination (m) 2.5 polarized to pcb yes surface mount compatible (smc) no temperature range - operating -40c to +105c termination interface: style through hole electrical current - maximum per contact 5a voltage - maximum 250v solder process data duration at max. process temperature (seconds) 5 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc contains svhc: no halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 44769 series mates with 44428 , 44300 , 44432
lead-free process capability wave capable (th only) max. cycles at max. process temperature 1 process temperature max. c 260 material info reference - drawing numbers packaging specification pk-44769-001 product specification ps-44300-001, rps-44300-001 sales drawing sd-44769-001 this document was generated on 05/21/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 44769-0803

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X