Part Number Hot Search : 
79100 PHL2143 F2010 SFR152 CS5171 F2010 TMG5D80D F2010
Product Description
Full Text Search
 

To Download 2SD2553 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inchange semiconductor product specification silicon npn power transistors 2SD2553 description ? with to-3p(h)is package ? high voltage;high speed ? low saturation voltage ? bult-in damper diode applications ? horizontal deflection output for high resolution display,color tv ? high speed switching applications pinning pin description 1 base 2 collector 3 emitter absolute maximum ratings(ta=25 ?? ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1700 v v ceo collector-emitter voltage open base 600 v v ebo emitter-base voltage open collector 5 v i c collector current 8 a i cm collector current-peak 16 a i b base current 4 a p c total power dissipation t c =25 ?? 50 w t j junction temperature 150 ?? t stg storage temperature -55~150 ?? fig.1 simplified outline (to-3p(h)is) and symbol
inchange semiconductor product specification 2 silicon npn power transistors 2SD2553 characteristics tj=25 ?? unless otherwise specified symbol parameter conditions min typ. max unit v (br)ebo emitter-base breakdown voltage i c =400ma ;i b =0 5 v v cesat collector-emitter saturation voltage i c =6a; i b =1.2a 5 v v besat base-emitter saturation voltage i c =6a; i b =1.2a 0.9 1.2 v i cbo collector cut-off current v cb =1700v; i e =0 1 ma i ebo emitter cut-off current v eb =5v; i c =0 66 200 ma h fe-1 dc current gain i c =1a ; v ce =5v 8 28 h fe-2 dc current gain i c =6a ; v ce =5v 5 9 v f diode forward voltage i f =8a 1.6 2.0 v c ob collector output capacitance i e =0 ; v cb =10v,f=1mhz 155 pf f t transition frequency i c =0.1a ; v ce =10v 2 mhz switching times : t s storage time 9 12 | s t f fall time i cp =6a;i b1 =1.5a f h =15.75khz 0.3 0.7 | s
inchange semiconductor product specification 3 silicon npn power transistors 2SD2553 package outline fig.2 outline dimensions (unindicated tolerance: ? 0.20 mm)
inchange semiconductor product specification 4 silicon npn power transistors 2SD2553


▲Up To Search▲   

 
Price & Availability of 2SD2553

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X