Part Number Hot Search : 
SI7456 MPL031 66000 2SA1309 66000 C546A MLL5228 IRMS6115
Product Description
Full Text Search
 

To Download 159PUL-SI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet product specification supersedes data of 18th january 2000 file under bccomponents, bc01 2000 nov 06 bccomponents 159 pul-si aluminum electrolytic capacitors power ultra long life snap-in
2000 nov 06 2 bccomponents product specification aluminum electrolytic capacitors power ultra long life snap-in 159 pul-si features ? polarized aluminum electrolytic capacitors, non-solid electrolyte ? large types, very small dimensions, cylindrical aluminum case, insulated with a blue sleeve ? pressure relief on the top of the aluminum case (1) ? charge and discharge proof ? low esr, high ripple current capability ? useful life: 5 000 hours at 105 c ? keyed polarity version available. applications ? general purpose, industrial and audio/video systems ? smoothing and filtering ? standard and switched mode power supplies ? energy storage in pulse systems. (1) pressure relief in the side, for case size 35 60 mm jw68 2-terminal 3-terminal fig.1 component outlines. cca804 059 pll-si 157 pum-si 159 pul-si smaller dimensions 85 c quick reference data note 1. a 160 volt range is available on request. description value case size ( ? d nom l nom in mm) 22 25 to 35 60 rated capacitance range (e6/e12 series), c r 56 to 1800 f tolerance on c r 20% rated voltage range, u r ; note 1 200 v, 250 v 400 v, 450 v category temperature range ? 40 to +105 c ? 25 to +105 c endurance test at 105 c 2000 hours load life at 105 c 2000 hours useful life at 105 c 5000 hours useful life at 40 c and 1.6 i r applied 500000 hours shelf life at 0 v, 105 c 1000 hours based on sectional specification iec 60384-4-1/en130300 climatic category iec 60068 40/105/56 25/105/56
2000 nov 06 3 bccomponents product specification aluminum electrolytic capacitors power ultra long life snap-in 159 pul-si selection chart for c r , u r and relevant nominal case sizes ( ? d l in mm); preferred types (2-terminals) in bold c r ( f) u r (v) 200 250 400 450 56 ??? 22 25 68 ?? 22 25 22 30 /25 25 82 ?? 22 30 22 35 ?? 25 25 ? 100 ?? 22 35 22 40 ?? 25 30 25 30/30 25 120 ?? 22 35 ? ?? 25 30 25 35 ?? 30 25 ? 150 ?? 22 40 25 40 ?? 25 35 30 30 ?? 30 30 35 25 180 ?? 25 40 25 45 ?? 30 30 30 35 ?? 35 25 ? 220 ? 22 30 25 45 30 40 ? 25 25 30 35 35 30 ?? 35 30 ? 270 ? 22 35 25 50 30 45 ? 25 30 30 40 35 35 ? 30 25 35 30 ? 330 22 30 22 40 30 45 30 50 ? 25 30/30 25 35 35 35 40 390 22 35 25 35 30 50 35 45 25 30 30 30 35 40 ? 470 22 40 25 40 35 45 35 50 30 25 30 30/35 25 ?? 560 ? 25 45 35 50 35 60 25 35 30 35 ?? 30 30 35 30 ?? 680 25 45 30 40 35 60 ? 30 30 35 35 ?? 35 25 ??? 820 25 50 30 45 ?? 30 35 35 35 ?? 35 30 35 40 ?? 1000 30 45 35 40 ?? 35 35 35 45 ?? 1200 30 50 35 45 ?? 35 35 35 50 ?? 1500 35 45 ??? 1800 35 50 ???
2000 nov 06 4 bccomponents product specification aluminum electrolytic capacitors power ultra long life snap-in 159 pul-si mechanical data and packaging quantities two terminal snap-in fig.2 two terminal snap-in. dimensions in mm. for dimensions see table 1. the minus terminal can be marked with a black dot or with an imprinted ? ? ?sign. (1) from mid. 2000 onwards: 4.0 0.5 mm. + terminal ? terminal cca994 ? d l + 2 max. l 5.8 0 ? 1 bottom view (1) fig.3 mounting hole diagram. dimensions in mm. cca995 10 0.1 ? 2 0.1 (2 ) three terminal snap-in + terminal ? terminal ccc162 ? d l + 2 max. l bottom view minus pole marking 4 0.5 fig.4 three terminal snap-in. dimensions in mm. for dimensions see table 1. the negative terminal has two pins which are both electrically connected. ccc163 10 0.1 3.3 0.1 4.75 0.1 ? 2.5 0.1 ? 2 0.1 (2 ) dimensions in mm. the 10 mm spacing of the 2 pin snap-in is used as the base layout and a third hole is added. the third hole is closer to the negative primary hole so that polarization is always maintained, together with added mechanical stability. fig.5 mounting hole diagram.
2000 nov 06 5 bccomponents product specification aluminum electrolytic capacitors power ultra long life snap-in 159 pul-si table 1 physical dimensions, mass and packaging information; see figs 2 and 4 marking the capacitors are marked (where possible) with the following information: ? rated capacitance (in f) ? tolerance code on rated capacitance (m for 20%) ? rated voltage (in v) ? climatic category in accordance with ?iec 60068? ? date code (year and week) in accordance with ?iec 60062? ? code for factory of origin ? name of manufacturer ? ? ? ? sign to indicate the negative terminal, visible from the top and side of the capacitor ? code number (last 8 digits) ? code for basic specification in accordance with ? iec 60384-4-1 ? and ? cecc 30301 ? . nominal case size ? d l (mm) ? d max (mm) l max (mm) mass (g) packaging quantities (units per box) cardboard box dimensions l w h (mm) 22 25 23 27 12 100 260 250 39 22 30 23 32 16 100 260 250 44 22 35 23 37 20 100 260 250 49 22 40 23 42 23 100 260 250 54 25 25 26 27 20 100 290 280 39 25 30 26 32 22 100 290 280 44 25 35 26 37 24 100 290 280 49 25 40 26 42 27 100 290 280 54 25 45 26 47 32 100 290 280 59 25 50 26 52 38 100 290 280 64 30 25 31 27 25 100 340 330 39 30 30 31 32 30 100 340 330 44 30 35 31 37 35 100 340 330 49 30 40 31 42 40 100 340 330 54 30 45 31 47 45 100 340 330 59 30 50 31 52 50 100 340 330 64 35 25 36 27 33 50 390 198 39 35 30 36 32 40 50 390 198 44 35 35 36 37 48 50 390 198 49 35 40 36 42 55 50 390 198 54 35 45 36 47 63 50 390 198 59 35 50 36 52 72 50 390 198 64 35 60 36 62 84 50 390 198 74
2000 nov 06 6 bccomponents product specification aluminum electrolytic capacitors power ultra long life snap-in 159 pul-si electrical data and ordering information unless otherwise specified, all electrical values in table 2 apply at t amb =20 c, p = 86 to 106 kpa, rh = 45 to 75%. note 1. esr at 120 hz is approximately 0.95 esr 100 hz. symbol description c r rated capacitance at 100 hz i r rated rms ripple current at 120 hz, 105 c i l5 max. leakage current after 5 minutes at u r esr typ./max. equivalent series resistance at 100 hz; note 1 z typ./max. impedance at 10 khz ordering examples electrolytic capacitor 159 series 1000 f/200 v; 20% nominal case size: ? 30 45 mm 2- terminal snap - in : catalogue number: 2222 159 42102. 3- terminal snap - in : catalogue number: 2222 159 22102. table 2 electrical data and ordering information; preferred types in bold u r (v) c r 100 hz ( f) nominal case size ? d l (mm) i r 120 hz 105 c (a) i l5 5min (ma) typ. esr 100 hz (1) (m ? ) max. esr 100 hz (1) (m ? ) typ. z 10 khz (m ? ) max. z 10 khz (m ? ) catalogue number 2222 159 ..... 2-term. 3-term. 200 330 22 30 1.08 0.66 450 730 300 500 52331 72331 390 22 35 1.23 0.78 380 610 280 470 42391 22391 390 25 30 1.23 0.78 380 610 280 470 52391 72391 470 22 40 1.37 0.94 300 505 240 400 32471 12471 470 30 25 1.27 0.94 300 505 240 400 52471 72471 560 25 35 1.50 1.12 260 425 235 390 42561 22561 560 30 30 1.52 1.12 260 425 235 390 52561 72561 680 25 45 1.82 1.36 210 350 205 340 42681 22681 680 30 30 1.59 1.36 210 350 205 340 52681 72681 680 35 25 1.44 1.36 210 350 205 340 62681 82681 820 25 50 2.04 1.64 180 290 145 240 32821 12821 820 30 35 1.83 1.64 180 290 145 240 42821 22821 820 35 30 1.77 1.64 180 290 145 240 52821 72821 1000 30 45 2.23 2.00 150 235 135 225 42102 22102 1000 35 35 2.04 2.00 150 235 135 225 52102 72102 1200 30 50 2.47 2.40 130 210 115 190 42122 22122 1200 35 35 2.07 2.40 130 210 115 190 52122 72122 1500 35 45 2.56 3.00 100 170 95 155 52152 72152 1800 35 50 2.80 3.60 90 150 80 130 52182 72182
2000 nov 06 7 bccomponents product specification aluminum electrolytic capacitors power ultra long life snap-in 159 pul-si 250 220 22 30 1.00 0.55 540 1080 420 700 43221 23221 220 25 25 1.00 0.55 540 1080 420 700 53221 73221 270 22 35 1.07 0.67 440 880 335 560 43271 23271 270 25 30 1.08 0.67 440 880 335 560 53271 73271 270 30 25 1.08 0.67 440 880 335 560 63271 83271 330 22 40 1.20 0.82 360 720 255 430 33331 13331 330 25 30 1.21 0.82 360 720 255 430 43331 23331 330 30 25 1.19 0.82 360 720 255 430 53331 73331 390 25 35 1.39 0.97 330 610 245 410 43391 23391 390 30 30 1.41 0.97 330 610 245 410 53391 73391 470 25 40 1.58 1.17 270 505 240 400 33471 13471 470 30 30 1.57 1.17 270 505 240 400 43471 23471 470 35 25 1.37 1.17 270 505 240 400 53471 73471 560 25 45 1.78 1.40 230 425 185 310 43561 23561 560 30 35 1.71 1.40 230 425 185 310 53561 73561 560 35 30 1.67 1.40 230 425 185 310 63561 83561 680 30 40 1.93 1.70 210 350 155 260 43681 23681 680 35 35 1.92 1.70 210 350 155 260 53681 73681 820 30 45 2.16 2.05 180 290 125 210 43821 23821 820 35 35 1.97 2.05 180 290 125 210 53821 73821 820 35 40 2.16 2.05 180 290 125 210 63821 83821 1000 35 40 2.22 2.50 140 235 105 180 53102 73102 1000 35 45 2.41 2.50 140 235 105 180 63102 83102 1200 35 45 2.46 3.00 130 200 95 160 43122 23122 1200 35 50 2.65 3.00 130 200 95 160 53122 73122 u r (v) c r 100 hz ( f) nominal case size ? d l (mm) i r 120 hz 105 c (a) i l5 5min (ma) typ. esr 100 hz (1) (m ? ) max. esr 100 hz (1) (m ? ) typ. z 10 khz (m ? ) max. z 10 khz (m ? ) catalogue number 2222 159 ..... 2-term. 3-term.
2000 nov 06 8 bccomponents product specification aluminum electrolytic capacitors power ultra long life snap-in 159 pul-si 400 68 22 25 0.51 0.27 1600 3200 1170 1950 56689 76689 82 22 30 0.60 0.33 1200 2400 910 1520 46829 26829 82 25 25 0.60 0.33 1200 2400 910 1520 56829 76829 100 22 35 0.69 0.40 990 1980 740 1240 46101 26101 100 25 30 0.70 0.40 990 1980 740 1240 56101 76101 120 22 35 0.76 0.48 800 1600 660 1100 46121 26121 120 25 30 0.76 0.48 800 1600 660 1100 56121 76121 120 30 25 0.77 0.48 800 1600 660 1100 66121 86121 150 22 40 0.86 0.60 700 1400 510 860 36151 16151 150 25 35 0.89 0.60 700 1400 510 860 46151 26151 150 30 30 0.92 0.60 700 1400 510 860 56151 76151 180 25 40 1.01 0.72 590 1170 420 700 36181 16181 180 30 30 0.99 0.72 590 1170 420 700 46181 26181 180 35 25 0.96 0.72 590 1170 420 700 56181 76181 220 25 45 1.15 0.88 470 940 350 590 46221 26221 220 30 35 1.15 0.88 470 940 350 590 56221 76221 220 35 30 1.14 0.88 470 940 350 590 66221 86221 270 25 50 1.31 1.08 380 760 330 550 46271 26271 270 30 40 1.30 1.08 380 760 330 550 56271 76271 270 35 30 1.21 1.08 380 760 330 550 66271 86271 330 30 45 1.47 1.32 320 640 270 450 56331 76331 330 35 35 1.40 1.32 320 640 270 450 66331 86331 390 30 50 1.63 1.56 270 540 240 410 46391 26391 390 35 40 1.57 1.56 270 540 240 410 56391 76391 470 35 45 1.72 1.88 230 450 200 330 56471 76471 560 35 50 1.84 2.24 210 420 170 280 56561 76561 680 35 60 2.24 2.72 180 350 130 230 56681 76681 u r (v) c r 100 hz ( f) nominal case size ? d l (mm) i r 120 hz 105 c (a) i l5 5min (ma) typ. esr 100 hz (1) (m ? ) max. esr 100 hz (1) (m ? ) typ. z 10 khz (m ? ) max. z 10 khz (m ? ) catalogue number 2222 159 ..... 2-term. 3-term.
2000 nov 06 9 bccomponents product specification aluminum electrolytic capacitors power ultra long life snap-in 159 pul-si note 1. esr at 120 hz is approximately 0.95 esr 100 hz. 450 56 22 25 0.48 0.25 1600 3200 1120 1880 57569 77569 68 22 30 0.56 0.30 1200 2400 910 1530 47689 27689 68 25 25 0.56 0.30 1200 2400 910 1530 57689 77689 82 22 35 0.64 0.36 1100 2200 770 1290 57829 77829 100 22 40 0.74 0.45 900 1800 630 1050 37101 17101 100 25 30 0.71 0.45 900 1800 630 1050 47101 27101 100 30 25 0.73 0.45 900 1800 630 1050 57101 77101 120 25 35 0.82 0.54 750 1500 530 885 57121 77121 150 25 40 0.95 0.67 600 1200 420 705 47151 27151 150 30 30 0.93 0.67 600 1200 420 705 57151 77151 150 35 25 0.91 0.67 600 1200 420 705 67151 87151 180 25 45 1.07 0.81 500 1000 360 605 47181 27181 180 30 35 1.06 0.81 500 1000 360 605 57181 77181 220 30 40 1.21 0.99 370 740 310 525 47221 27221 220 35 30 1.14 0.99 370 740 310 525 57221 77221 270 30 45 1.37 1.21 350 700 270 450 47271 27271 270 35 35 1.32 1.21 350 700 270 450 57271 77271 330 30 50 1.54 1.48 300 600 230 390 47331 27331 330 35 40 1.49 1.48 300 600 230 390 57331 77331 390 35 45 1.61 1.75 250 500 200 340 57391 77391 470 35 50 1.72 2.11 210 420 170 290 57471 77471 560 35 60 2.11 2.52 190 380 140 240 57561 77561 u r (v) c r 100 hz ( f) nominal case size ? d l (mm) i r 120 hz 105 c (a) i l5 5min (ma) typ. esr 100 hz (1) (m ? ) max. esr 100 hz (1) (m ? ) typ. z 10 khz (m ? ) max. z 10 khz (m ? ) catalogue number 2222 159 ..... 2-term. 3-term.
2000 nov 06 10 bccomponents product specification aluminum electrolytic capacitors power ultra long life snap-in 159 pul-si additional electrical data parameter conditions value voltage surge voltage 400 v versions u s =1.1 u r 250 v versions u s =1.15 u r reverse voltage 1v current leakage current after 5 minutes at u r i l5 0.01c r u r inductance equivalent series inductance (esl) all case sizes typ. 19 nh max. 25 nh
2000 nov 06 11 bccomponents product specification aluminum electrolytic capacitors power ultra long life snap-in 159 pul-si ripple current and useful life table 3 multiplier of ripple current (i r ) as a function of frequency frequency (hz) i r multiplier 50 0.9 100 0.95 120 1.0 200 1.15 1000 1.3 10000 1.4 fig.6 multiplier of useful life as a function of ambient temperature and ripple current load. i a = actual ripple current at 120 hz and 105 c. i r = rated ripple current at 120 hz and 105 c. (1) useful life at 105 c and i r applied: 5000 hours. 1.3 1.2 1.1 1.0 0.8 0.5 0.0 40 50 60 70 80 90 t amb (c) o i a r i mga454 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 (1) 2.4 2.5 2.6 2.7 100 110 2 7 life multiplier 1 1.2 1.5 2.5 3 4 5 10 15 20 30 40 60 100 150 200 300 400 600
2000 nov 06 12 bccomponents product specification aluminum electrolytic capacitors power ultra long life snap-in 159 pul-si specific tests and requirements general tests and requirements are specified in this handbook, section ? tests and requirements ? . table 4 test procedures and requirements test procedure (quick reference) requirements name of test reference endurance iec 60384-4/ en130300 subclause 4.13 t amb = 105 c; u r applied; 2000 hours ? c/c: 15% esr 1.3 spec. limit i l5 spec. limit load life t amb = 105 c; u r and i r applied; 2000 hours ? c/c: 20% esr 2 spec. limit i l5 spec. limit useful life cecc 30301 subclause 1.8.1 t amb = 105 c; u r and i r applied; 5000 hours ? c/c: 30% esr 3 spec. limit i l5 spec. limit total failure percentage: 3% shelf life (storage at high temperature) iec 60384-4/ en130300 subclause 4.17 t amb = 105 c; no voltage applied; 1000 hours after test: u r to be applied for 30 minutes, 24 to 48 hours before measurement ? c/c: 15% esr 1.5 spec. limit i l5 spec. limit


▲Up To Search▲   

 
Price & Availability of 159PUL-SI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X