Part Number Hot Search : 
AAT31 RGP10M 2SA1532 ACS70 25HF140M 140G2AR 25HF140M D1111
Product Description
Full Text Search
 

To Download RDB105S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev.a5 www.gulfsemi.com RDB105S single phase glass passivated fast recovery surface mount bridge rectifier voltage:600v current:1.0a feature dbs for surface mount application reliable low cost construction utilizing molded plastic technique mechanical data terminal: plated leads solderable per mil-std 202e, method 208c case:ul-94 class v-0 recognized flame retardant epoxy polarity: polarity symbol marked on body mounting position: any dimensions in inches and (millimeters) maximum ratings and electrical characteristics (single-phase, half -wave, 60hz, resistive or inductive lo ad rating at 25 c, unless otherwise stated, for capacitive load, derate current by 20%) symbol rdb 105s units maximum recurrent peak reverse voltage vrrm 600 v maximum rms voltage vrms 420 v maximum dc blocking voltage vdc 600 v maximum average forward rectified current at ta =40 c if(av) 1.0 a peak forward surge current 8.3ms single half sine-wave superimposed on rated load ifsm 30.0 a maximum instantaneous forward voltage at forward current 1.0a vf 1.3 v maximum dc reverse current ta =25 c at rated dc blocking voltage ta =125 c ir 10.0 500.0 m a ma maximum reverse recovery time (note 1) trr 250 ns typical junction capacitance (note 2) cj 25.0 pf operating temperature range tj -55 to +125 c storage and operating junction temperature tstg -55 to +150 c note: 1. reverse recovery condition if = 0.5a, ir =1.0a, irr =0.25a 2. measured at 1.0 mhz and applied voltage of 4.0 volt
1 ratings and characteristic curves RDB105S 1 rev.a5 www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of RDB105S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X