Part Number Hot Search : 
M6271X A5800423 FN155 LT124 AN5125 OPI125 APU429 07370
Product Description
Full Text Search
 

To Download MC100H600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2004 february, 2004 ? rev. 7 1 publication order number: mc10h600/d mc10h600, MC100H600 9-bit ttl to ecl translator the mc10h/100h600 is a 9?bit, dual supply ttl to ecl translator. devices in the on semiconductor 9?bit translator series utilize the plcc?28 for optimal power pinning, signal flow?through and electrical performance. the h600 features both ecl and ttl logic enable controls for maximum flexibility. the 10h version is compatible with mecl 10h ecl logic levels. the 100h version is compatible with 100k levels. ? 9?bit ideal for byte?parity applications ? flow?through configuration ? extra ttl and ecl power/ground pins to minimize switching noise ? ecl and ttl enable inputs ? dual supply ? 3.5 ns max d to q ? pnp ttl inputs for low loading ? choice of ecl compatibility: mecl 10h (10hxxx) or 100k (100hxxx) figure 1. pinout: plcc?28 (top view) pin names pin function gnd v cce v cco v cct v ee d0 ?d8 q0 ?q8 enecl enttl ttl ground (0 v) ecl v cc (0 v) ecl v cc (0 v) ? outputs ttl supply (+ 5.0 v) ecl supply (? 5.2 / ?4.5 v) data inputs (ttl) data outputs (ecl) enable control (ecl) enable control (ttl) d6 5678 91011 25 24 23 22 21 20 19 d7 d8 gnd enttl nc enecl v cce q0 q1 v cco q2 v cco q3 26 27 28 2 3 4 18 17 16 14 13 12 15 d5 d4 v cct d3 d2 d1 d0 q8 q7 v cco q6 v ee q5 q4 device package shipping ordering information mc10h600fn plcc?28 37 units/rail marking diagram a = assembly location wl = wafer lot yy = year ww = work week plcc?28 fn suffix case 776 10h600 awlyyww 1 MC100H600fn plcc?28 37 units/rail http://onsemi.com http://onsemi.com
mc10h600, MC100H600 http://onsemi.com 2 figure 2. logic symbol enecl enttl d0 d1 d2 d3 d4 d5 d6 d7 d8 q0 q1 q2 q3 q4 q5 q6 q7 q8 ttl ecl enecl h h x x l enttl x x h h l d h l h l x q h l h l l truth table
mc10h600, MC100H600 http://onsemi.com 3 dc characteristics: v cct = 5.0 v 10%; v ee = ? 5.2 v 5% (10h version); v ee = ? 4.2 v to ? 5.5 v (100h) 0 c 25 c 75 c symbol parameter min max min max min max unit power supply current i ee ecl 10h 100h ?125 ?122 ?125 ?123 ?125 ?132 ma i cch i ccl ttl 48 50 48 50 48 50 ma note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 10h ecl dc characteristics: v cct = 5.0 v 10%; v ee = ? 5.2 v 5% 0 c 25 c 75 c symbol parameter condition min max min max min max unit i inh i il input high current input low current 0.5 225 0.5 175 0.5 175  a  a v ih v il input high voltage input low voltage ?1170 ?1950 ?840 ?1480 ?1130 ?1950 ?810 ?1480 ?1070 ?1950 ?735 ?1450 mv v oh v ol output high voltage output low voltage 50  to ? 2.0 v ?1020 ?1950 ?840 ?1630 ?980 ?1950 ?810 ?1630 ?920 ?1950 ?735 ?1600 mv note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 100h ecl dc characteristics: v cct = 5.0 v 10%; v ee = ? 4.2 v to ? 5.5 v 0 c 25 c 75 c symbol parameter condition min max min max min max unit i inh i il input high current input low current 0.5 255 0.5 175 0.5 175  a  a v ih v il input high voltage input low voltage ?1165 ?1810 ?880 ?1475 ?1165 ?1810 ?880 ?1475 ?1165 ?1810 ?880 ?1475 mv v oh v ol output high voltage output low voltage 50  to ? 2.0 v ?1025 ?1810 ?880 ?1620 ?1025 ?1810 ?880 ?1620 ?1025 ?1810 ?880 ?1620 mv note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously.
mc10h600, MC100H600 http://onsemi.com 4 ttl dc characteristics: v cct = 5.0 v 10%; v ee = ? 5.2 v 5% (10h); v ee = ? 4.2 v to ? 5.5 v (100h) 0 c 25 c 75 c symbol parameter condition min max min max min max unit v ih v il input high voltage input low voltage 2.0 0.8 2.0 0.8 2.0 0.8 v v i ih input high current v in = 2.7 v v in = 7.0 v 20 100 20 100 20 100  a i il input low current v in = 0.5 v ?0.6 ?0.6 ?0.6 ma v ik input clamp voltage i in = ?18 ma ?1.2 ?1.2 ?1.2 v note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously. ac characteristics: v cct = 5.0 v 10%; v ee = ? 5.2 v 5% (10h); v ee = ?4.2 v to ? 5.5 v (100h) 0 c 25 c 75 c symbol parameter condition min max min max min max unit t plh t propagation delay to output d 50  to ? 2.0 v 1.4 3.0 1.5 3.2 1.7 3.5 ns t phl enecl / enttl 1.8 3.7 1.9 3.9 2.0 4.1 ns t r t f output rise/fall time 20% ?80% 0.5 1.5 0.5 1.5 0.5 1.5 ns note: device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printe d circuit board with maintained transverse airflow greater than 500 lfpm. electrical parameters are guaranteed only over the declared operating temperature range. functional operation of the device exceeding these conditions is not implied. device specification limit values are applied individually under normal operating conditions and not valid simultaneously.
mc10h600, MC100H600 http://onsemi.com 5 package dimensions plcc?28 fn suffix plastic plcc package case 776?02 issue e ?n? ?m? ?l? v w d d y brk 28 1 view s s l-m s 0.010 (0.250) n s t s l-m m 0.007 (0.180) n s t 0.004 (0.100) g1 g j c z r e a seating plane s l-m m 0.007 (0.180) n s t ?t? b s l-m s 0.010 (0.250) n s t s l-m m 0.007 (0.180) n s t u s l-m m 0.007 (0.180) n s t z g1 x view d?d s l-m m 0.007 (0.180) n s t k1 view s h k f s l-m m 0.007 (0.180) n s t notes: 1. datums -l-, -m-, and -n- determined where top of lead shoulder exits plastic body at mold parting line. 2. dimension g1, true position to be measured at datum -t-, seating plane. 3. dimensions r and u do not include mold flash. allowable mold flash is 0.010 (0.250) per side. 4. dimensioning and tolerancing per ansi y14.5m, 1982. 5. controlling dimension: inch. 6. the package top may be smaller than the package bottom by up to 0.012 (0.300). dimensions r and u are determined at the outermost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and interlead flash, but including any mismatch between the top and bottom of the plastic body. 7. dimension h does not include dambar protrusion or intrusion. the dambar protrusion(s) shall not cause the h dimension to be greater than 0.037 (0.940). the dambar intrusion(s) shall not cause the h dimension to be smaller than 0.025 (0.635). dim min max min max millimeters inches a 0.485 0.495 12.32 12.57 b 0.485 0.495 12.32 12.57 c 0.165 0.180 4.20 4.57 e 0.090 0.110 2.29 2.79 f 0.013 0.019 0.33 0.48 g 0.050 bsc 1.27 bsc h 0.026 0.032 0.66 0.81 j 0.020 --- 0.51 --- k 0.025 --- 0.64 --- r 0.450 0.456 11.43 11.58 u 0.450 0.456 11.43 11.58 v 0.042 0.048 1.07 1.21 w 0.042 0.048 1.07 1.21 x 0.042 0.056 1.07 1.42 y --- 0.020 --- 0.50 z 2 10 2 10 g1 0.410 0.430 10.42 10.92 k1 0.040 --- 1.02 ---  
mc10h600, MC100H600 http://onsemi.com 6 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800?282?9855 toll free usa/canada japan : on semiconductor, japan customer focus center 2?9?1 kamimeguro, meguro?ku, tokyo, japan 153?0051 phone : 81?3?5773?3850 mc10h600/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : http://onsemi.com order literature : http://www.onsemi.com/litorder for additional information, please contact your local sales representative.


▲Up To Search▲   

 
Price & Availability of MC100H600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X