Part Number Hot Search : 
SB1630C 1H330 CGL3K 1344A MCSO1V HA16103 180N75 CGL3K
Product Description
Full Text Search
 

To Download HM7719007LTTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.bitechnologies.com magnetic components selector guide 2007/08 edition we reserve the right to change specifications without prior notice. 84 hm77 - 10001lf 1.01 3.40 0.532 1 1.10 11.00 12.5 hm77 - 20001 lf 6.20 1.40 1.33 1 7.00 60.30 70 hm77 - 30001 lf 17.6 1.00 2.40 1 22.7 109.00 125 hm77 - 40002 lf 3.80 4.80 1.76 2 5.20 17.0 19.1 hm77 - 50002 lf 9.40 2.80 2.70 2 12.3 37.80 43.4 hm77 - 60002 lf 29.7 1.40 4.60 2 35.3 141.00 166 hm77 - 70002 lf 114 0.94 10 2 167 330.00 380 hm77 - 80003 lf 2.50 8.00 1.77 3 3.80 7.20 8.30 hm77 - 90003 lf 5.10 5.40 2.51 3 7.50 14.30 17.7 hm77 - 10003 lf 16.2 2.70 4.29 3 21.9 54.70 63 hm77 - 11003 lf 58.1 1.30 7.83 3 73 233.00 290 hm77 - 12003 lf 192 0.90 15.7 3 292 472.00 560 hm77 - 13003 lf 383 0.72 23.5 3 672 750.00 862 hm77 - 14004 lf 0.91 13.3 1.035 4 1.25 4.56 5.70 hm77 - 15004 lf 1.32 11.5 1.33 4 2.10 4.56 5.70 hm77 - 16004 lf 4.90 7.80 3.04 4 7.90 10.50 12.4 ???? ? ????? lf 9.00 5.50 4.06 4 14 19.30 22.3 hm77 - 18004 lf 29.1 2.70 6.90 4 40.5 75.80 85 hm77 - 19004 lf 645 0.74 36.5 4 1134 1040 1250 hm77 - 30004 lf 33 3.0 9.50 4 48 48.5 59 hm77 - 20005 lf 1.75 10.9 1.83 5 2.80 5.68 6.90 hm77 - 21005 lf 2.50 11.4 2.23 5 4.20 6.19 7.50 hm77 - 22006 lf 2.03 13 3.30 6 2.70 5.60 6.80 hm77 - 23006 lf 3.50 12.4 3.13 6 6.50 7.54 8.7 hm77 - 24006 lf 4.70 10.4 3.58 6 8.40 8.30 10.0 hm77 - 25006 lf 9.30 7.20 4.92 6 16 20.05 23.0 hm77 - 26006 lf 16.1 5.10 6.27 6 25.9 30.3 32 hm77 - 27006 lf 50 2.60 10.5 6 72.9 115 130 hm77 - 28006 lf 1070 0.710 54.4 6 1950 1480 1700 hm77 - 29006 lf 68 3.00 9.50 6 122 85 102 hm77 - 31007a lf 2.5 11.4 2.23 7 4.20 5.20 6.20 hm77 - 32007a lf 1.68 13.9 1.83 7 2.80 3.60 4.0 hm77 - 33010a lf 5.2 15.4 5.21 10 10.5 6.20 7.40 hm77 - 34010a lf 77 2.7 52.8 (4) 10 84.6 90 110 hm77 - 35010a lf 38 3.0 29.7 (4) 10 49 50 70 hm77 - 36010a lf 114 2.22 62.7 (4) 10 121 100 120 hm77 - 37010a lf 191 1.50 72.6 (5) 10 275 250 290 hm77 - 38010a lf 115 1.81 75.9 (5) 10 159 190 220 hm77 - 39010a lf 38 3.00 42.9 (5) 10 52 80 100 notes: (1) inductance values are rated at -40c to +130c operating temperature range with rated dc current flowing and the operating et op across the inductor. (2) et op is rated at 500 khz except where designated otherwise. (3) the control values of inductance are measured at the operating flux density equal or less than 10 gauss and without dc current. (4) et op is rated at 250 khz. (5) et o p is r ate d at 150 khz. specifications operating values control values (3) part l dc i dc et op case l w/o dc dc dc number h (1) amps v- s (2) size l o resistance resistance h 20% m ? , nom. m ? max. ? operating temperature range -40c to +130c ? ambient temperature, maximum 80c ? insulation system class b, 1 30 c ? temperature rise, maximum 5 0 c ?? ?? electrical / environmental low profile surface m ount inductors rohs compliant
2007/08 edition magnetic components selector guide we reserve the right to change specifications without prior notice www.bitechnologies.com 85 schematic ordering information outline dimensions (inch/mm) / packaging case size model series model description optional package tr = tape & 13 reel no code used for tubes (standard) lead-free hm77 1000 1 l f tr figure 1 figure 2 figure 3 notes: (1) for case size 1 to 6, the reel capacity is for part number ending with suf?x lftr. (2) for case size 7 & 10, the reel capacity is for part number ending with suf?x alftr


▲Up To Search▲   

 
Price & Availability of HM7719007LTTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X