toroidal inductors medium current ctp4407 mechanical electrical specification 229 colonnade road, nepean, ontario, canada k2e 7k3 tel: (613) 226-1626 fax: (613) 226-7124 www.filtran.com an iso 9001 registered company 32-2 * 01 3.3 0.006 12.2 5.7 11.4 22.9 * 02 3.9 0.006 11.8 5.3 10.5 21.0 * 03 4.7 0.007 11.3 4.8 9.6 19.2 * 04 5.6 0.007 10.8 4.4 8.8 17.5 * 05 6.8 0.008 10.3 4.0 8.0 15.9 * 06 8.2 0.009 9.9 3.6 7.2 14.5 * 07 10 0.010 9.4 3.3 6.6 13.1 * 08 12 0.011 9.0 3.0 6.0 12.0 * 09 15 0.012 8.6 2.7 5.4 10.7 * 10 18 0.013 8.2 2.4 4.9 9.8 * 11 22 0.014 7.8 2.2 4.4 8.9 * 12 27 0.016 7.4 2.0 4.0 8.0 * 13 33 0.017 7.1 1.8 3.6 7.2 * 14 39 0.019 6.8 1.7 3.3 6.6 * 15 47 0.026 5.8 1.5 3.0 6.1 * 16 56 0.028 5.5 1.4 2.8 5.5 * 17 68 0.039 4.7 1.3 2.5 5.0 * 18 82 0.054 4.0 1.1 2.3 4.6 * 19 100 0.075 3.4 1.0 2.1 4.2 * 20 120 0.104 2.9 0.9 1.9 3.8 * 21 150 0.147 2.4 0.8 1.7 3.4 * 22 180 0.161 2.3 0.8 1.5 3.1 * 23 220 0.222 2.0 0.7 1.4 2.8 * 24 270 0.312 1.7 0.6 1.3 2.5 part no. inductance dcr rated current i (amp.) i (amp.) i (amp.) ctp4407 - (uh) ohms amp. rms @ lsat. 10% @ lsat. 25% @ lsat. 50% ctp4407 ctp4407 is a medium current inductor with the following data and features: core type: 0.68?o.d., iron powder, perm 75. power rating: 0.86 watts for temp. rise 50?c. typical applications: input and output filters in switch mode power supplies. four mounting styles are offered: 1 flying leads (1.00?, for vertical or horizontal mounting. 2 4-pin header, for vertical mounting. 3 threaded center hole, flying leads (2.00?. 4 2-pin header, for vertical mounting. style 1 style 2 style 3 style 4 0.85 0.33 0.80 1.00 0.95 0.25 0.60 0.67 0.75 0.85 0.45 thread #6-32 2.00 0.50 0.83 0.95 0.30 0.45 ordering information: substitute the style number for the asterisk (*). example: ctp4407, style 1, 56uh. order: ctp4407 - 116
|