Part Number Hot Search : 
P1S21 ST202BD PN2906 MJ11016G CEIDL369 74AUP3G 33287 MDAG04
Product Description
Full Text Search
 

To Download CAT810ZSDIT10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   ? 2007 by catalyst semiconductor, inc. characteristics subject to change without notice doc. no. 3004, rev. x cat803, cat809, cat810 3-pin microprocessor power supply supervisors fe at ure s precision monitoring of +5.0v (-5%, -10%, -20%), +3.3v (-5%, -10%), +3.0v (-10%) and +2.5v (-5%) power supplies offered in three output confgurations: - cat803: open-drain active low reset - cat809: push-pull active low reset - cat810: push-pull active high reset direct replacements for the max803, max809 and max810 in applications operating over the industrial temperature range r eset valid down to v cc = 1.0v 6a power supply current power supply transient immunity industrial temperature range: -40oc to +85oc available in rohs-compliant sot-23 and sc70 packages a pplicatio n s c omputers servers laptops cable modems wireless communications e mbedded control systems white goods power meters intelligent instruments pdas and handhe ld equipment de scriptio n the cat803, cat809, and cat8  0 are supervisory circuits that monitor power supplies in digital systems. the cat803, cat809, and cat8  0 are direct replacements for the max803, max809 and max8  0 in applications operating over the industrial temperature range. these devices generate a reset signal, which is asserted while the power supply voltage is below a preset threshold level and for at least  40 ms after the power supply level has risen above that level. the underlying foating gate technology, ae 2(tm) used by catalyst semiconductor, makes it possible to offer any custom reset threshold value. seven industry standard threshold levels are offered to support +5.0v, +3.3v, +3.0v and +2.5v systems. the cat803 has an open-drain reset output (active low). the cat803 requires a pull-up resistor on the reset output. the cat809 features a push-pull reset output (active low) and the cat810 features a push-pull reset output (active high). fast transients on the power supply are ignored and the output is guaranteed to be in the correct state at v cc levels as low as  .0v. the cat803, cat809, and cat8  0 are available in both the compact 3-pin sot-23 and sc70 packages. p i n c o nf ig u ratio n (cat803) cat809 (cat810) gnd reset (reset) v cc 3-lead sot23 3-lead sc70 1 2 3 t hreshold s uff ix selector n ominal threshold voltage threshold suffx designation 4.63v l 4.38v m 4.00v j 3.08v t 2.93v s 2.63v r 2.32v z f or ordering information details, see page 11.
cat803, cat809, cat810 2 doc. no. 3004, rev. x ? 2007 by catalyst semiconductor, inc. characteristics subject to change without notice p i n d escriptio n s pin n umber n ame description cat803 cat809 cat810    gnd ground 2 2 reset active low reset. reset is asserted if v cc falls below the reset thresh - old and remains low for at least  40ms after v cc rises above the reset threshold. 2 reset active high reset. reset is asserted if v cc falls below the reset thresh - old and remains high for at least  40ms after v cc rises above the reset threshold. 3 3 3 v cc power supply voltage that is monitored.
cat803, cat809, cat810 3 doc no. 3004, rev. x ? 2007 by catalyst semiconductor, inc. characteristics subject to change without notice e lectrical characteristics v cc = full range, t a = -40 o c to +85 o c unless otherwise noted. typical values at t a = +25 o c and v cc = 5v for the l/m/j versions, v cc = 3.3v for the t/s versions, v cc = 3v for the r version and v cc = 2.5v for the z version. parameter symbol conditions min typ max u nits v cc range t a = 0oc to +70oc  .0 5.5 v t a = -40oc to +85oc  .2 5.5 supply current i cc t a = -40oc to +85oc v cc < 5.5v, j/l/m 8 20 a v cc < 3.6v, r/s/t/z 6  5 reset threshold voltage v th l threshold t a = +25oc 4.56 4.63 4.70 v t a = -40oc to +85oc 4.50 4.75 m threshold t a = +25oc 4.3  4.38 4.45 t a = -40oc to +85oc 4.25 4.50 j threshold t a = +25oc 3.93 4.00 4.06 t a = -40oc to +85oc 3.89 4.  0 t threshold t a = +25oc 3.04 3.08 3.  t a = -40oc to +85oc 3.00 3.  5 s threshold t a = +25oc 2.89 2.93 2.96 t a = -40oc to +85oc 2.85 3.00 r threshold t a = +25oc 2.59 2.63 2.66 t a = -40oc to +85oc 2.55 2.70 z threshold t a = +25oc 2.28 2.32 2.35 t a = -40oc to +85oc 2.25 2.38 ab sol u te m axim u m r ati n gs (1) any pin with respect to ground -0.3v to +6.0v input current, v cc 20ma output current, reset, reset 20ma rate of rise, v cc  00v/s continuous power dissipation derate 2.2mw/oc above 70oc (sc70)  75 mw derate 4mw/oc above 70oc (sot23) 320 mw operating temperature range -40oc to +85oc storage temperature range -65oc to +  05oc lead soldering temperature (  0 sec) 300oc n ote: (  ) stresses above those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specifcation is not implied. exposure to any absolute maximum rating for extended periods may af fect device performance and reliability.
cat803, cat809, cat810 4 doc. no. 3004, rev. x ? 2007 by catalyst semiconductor, inc. characteristics subject to change without notice e lectrical characteristics v cc = full range, t a = -40 o c to +85 o c unless otherwise noted. typical values at t a = +25 o c and v cc = 5v for l/m/j versions, v cc = 3.3v for t/s versions, v cc = 3v for r version and v cc = 2.5v for z version. (continued) n otes: (  ) production testing done at t a = +25oc; limits over temperature guaranteed by design only. (2) reset output for the cat809; reset output for the cat810. parameter symbol conditions min typ (1) max u nits reset threshold tempco 30 ppm/oc v cc to reset delay (note 2) t d v cc = v th to (v th -  00 mv) 20 s reset active timeout period t r t a = -40oc to +85oc  40 240 460 ms reset output voltage low (open-drain active low, cat803 and push-pull, ac - tive l ow , cat809) v ol v cc = v th min, i sink =  .2ma cat803r/s/t/z, cat809r/s/t/z v v cc = v th min, i sink = 3.2ma cat803j/l/m, cat809j/l/m 0.4 v cc >  .0v, i sink = 50a 0.3 reset output voltage high (push-pull, active l ow , cat809) v oh v cc = v th max, i source = 500a cat809r/s/t/z 0.8 v cc v v cc = v th max, i source = 800a cat809j/l/m v cc -  .5 reset output voltage low (push-pull, active h igh , cat8  0) v ol v cc > v th max, i sink =  .2ma cat8  0r/s/t/z 0.3 v v cc > v th max, i sink = 3.2ma cat8  0j/l/m 0.4 reset output voltage high (push-pull active h igh , cat8  0) v oh  .8v < v cc v th min, i source =  50a 0.8 v cc v
cat803, cat809, cat810 5 doc no. 3004, rev. x ? 2007 by catalyst semiconductor, inc. characteristics subject to change without notice t y pical operati n g c haracteristics v cc = full range, t a = -40oc to +85oc unless otherwise noted. typical values at t a = +25oc and v cc = 5v for l/m/j versions, v cc =3.3v for t/s versions, v cc = 3v for r version and v cc = 2.5v for z version. supply current vs. temperature (no load, cat8xxr/s/t/z) 12 10 8 6 4 2 0 -50 0 50 100 150 supply current ( a) temperature (?c) power-down reset delay vs. temperature (cat8xxr/s/t/z) 14 12 10 8 6 4 2 0 power-down reset delay ( s) temperature (?c) power-up reset timeout vs. temperature 260 240 220 200 180 160 power-up reset timeout (ms) temperature (?c) normalized reset threshold vs. temperature 1.0002 1 0.9998 0.9996 0.9994 0.9992 0.999 0.9988 0 20 40 60 80 100 120 normalized threshold temperature (?c) v cc =3.6v v cc =5.5v -50 0 50 100 150 v cc =5v v cc =2.5v -50 0 50 100 150
cat803, cat809, cat810 6 doc. no. 3004, rev. x ? 2007 by catalyst semiconductor, inc. characteristics subject to change without notice 0v ca t803, ca t809 5v 0v 5v reset reset t d v th v cc t r (140msec minimum) ca t810 0v 5v detailed descriptio n s reset timi n g the reset signal is asserted low for the cat803/ cat809 and high for the cat8  0 when the power supply voltage falls below the threshold trip voltage and remains asserted for at least  40ms after the power supply voltage has risen above the threshold. f igure 2. maximum transient duration without causing a reset pulse vs. reset comparator overdrive transient dura tion (s) v cc t ra n sie n t r espo n se the cat803/cat809/cat8  0 protect ps against brownout failure. short duration transients of 4 sec or less and  00mv amplitude typically do not cause a idovh5(6(7 figure 2 shows the maximum pulse duration of negative- going v cc transients that do not cause a reset condition. f igure 1. reset timing diagram as the amplitude of the transient goes further below the threshold (increasing v th - v cc ), the maximum pulse duration decreases. in this test, the v cc starts from an initial voltage of 0.5v above the threshold and drops below it by the amplitude of the overdrive voltage (v th - v cc ).
cat803, cat809, cat810 7 doc no. 3004, rev. x ? 2007 by catalyst semiconductor, inc. characteristics subject to change without notice v alid reset with v cc un der 1.0v to ensure that the cat809 reset pin is in a known state when v cc is under 1.0v, a >10k? pull-down resistor between reset pin and gnd is recommended. for the cat810, a pull-up resistor from reset pin to v cc is needed. cat809 gnd 10k power supply reset cat810 gnd 10k power supply reset v cc v cc figure 3. re s e t valid with v cc u nder 1.0v f igure 4. reset valid with v cc u nder 1.1v f igure 5. b i-directional reset pin interfacing ca t809 gnd v cc powe r suppl y reset buf fere d reset bu f reset input gnd bi-directional i/o pi n p (for example: 68hc1 1) v cc bi - directio n al reset pi n i n ter f aci n g the cat809/8  0 can interface with p/c bi-directional reset pins by connecting a 4.7k? resistor in series with the cat809/8  0 reset output and the p/c bi-directional reset pin.
cat803, cat809, cat810 8 doc. no. 3004, rev. x ? 2007 by catalyst semiconductor, inc. characteristics subject to change without notice c at 803 o pe n-d rai n re s e t a pplicatio n the cat803 features an open-drain reset output and therefore needs a pull-up resistor on the output for proper operation, as shown on figure 6. an advantage of the open-drain output includes the ability to wire and several outputs together to form an inexpensive logic circuit. it is also possible to have the pull-up resistor connected to a different supply which can be higher than the cat803 v cc pin. the value of the pull-up resistor is not critical in most applications, typical values being between 5k? and 10k?. ca t803 gnd v cc powe r suppl y reset reset input gnd p v cc 5k f igure 6. typical cat803 open-drain circuit confguration
cat803, cat809, cat810 9 doc no. 3004, rev. x ? 2007 by catalyst semiconductor, inc. characteristics subject to change without notice p ac k age i nf ormatio n plastic sot-23 (3-pin) n otes: (1) this part is compliant with jedec specifcation to-236 (2) die is face up for mold and trim/form (3) dimensions are exclusive of mold fash and metal burr inches millimeters min max min max plastic sot-23 (3-pin) a 0.0350 0.044  0.89  .  2 a  0.0005 0.0039 0.0  3 0.  0 b 0.0  46 0.0  97 0.37 0.50 c 0.0033 0.007  0.085 0.  8 d 0.  02 0.  97 2.80 3.04 e 0.0472 0.055   .20  .40 e 0.0350 0.0406 0.89  .03 e  0.070  0.0807  .78 2.05 h 0.0827 0.  039 2.  0 2.64 ? 0o 8o 0o 8o l 0.0083 0.0  6  0.275 0.4  l  0.0  60 0.0270 0.275 0.685 b e a a d e c l ? e l h e for current tape and r eel information, download the pd f fle from: www.catsemi.com/documents/tapeandreel.pdf
cat803, cat809, cat810  0 doc. no. 3004, rev. x ? 2007 by catalyst semiconductor, inc. characteristics subject to change without notice p ac k age i nf ormatio n sc70 (3-lead) inches millimeters min max min max plastic sc70 (3-pin) a 0.03  5 0.0433 0.80  .  0 a  0.0000 0.0039 0.00 0.  0 a2 0.03  5 0.0394 0.80  .00 b 0.0059 0.00  8 0.  5 0.30 c 0.0035 0.007  0.09 0.  8 d 0.0709 0.0866  .80 2.20 e 0.0453 0.053   .  5  .35 e1 0.0709 0.0945  .80 2.40 e 0.0255 bsc 0.65bsc l 0.0  02 0.0  8  0.26 0.46 l  0.0  08 0.0226 0.275 0.575 n otes: (1) this part is compliant with jedec specifcation mo-203. (2) die is face up for mold. die is facing down for trim/form. (3) dimensions are exclusive of mold fash and metal burr. for current tape and r eel information, download the pd f fle from: www.catsemi.com/documents/tapeandreel.pdf sc-70 (3-lead) e e b e1 d a2 a a1 l l1 l2 c
cat803, cat809, cat810  doc no. 3004, rev. x ? 2007 by catalyst semiconductor, inc. characteristics subject to change without notice e xample o f o rderi n g inf ormatio n (2) (3) (4) prefix device # suffix 809 s tbi g ? device t ype 803: open-drain / active low output 809: push-pull / active low output 810: push-pull / active high output ca t tr ip level l: 4.63v m: 4.38v j: 4.00v t: 3.08v s: 2.93v r: 2.63v z: 2.32v company id package t ype (1) tbi: sot -23 green sdi: sc70 green lead finish blank: matte-t in g: nipdau t10 t: ta pe & reel 3: 3000/reel 10: 10000/reel t op m ar k i n g n otes: (  ) all packages are rohs-compliant (lead-free, halogen-free). (2) the standard lead fnish is matte-tin. contact factory for other lead fnishes. (3) the device used in the example above is a cat809stbi-gt  0 (push-pull / active low output, trip level of 2.85v to 3.00v nipdau, tape and reel). (4) for additional package and temperature options, please contact your nearest catalyst semiconductor sales offce. device (1) sot-23 pbsn finish (2) sot-23 rohs matte finish (2) sot-23 rohs n ipdau finish (2)(3) sc70 pbsn finish (2) sc70 rohs matte finish (2) sc70 rohs n ipdau finish (2)(3) cat803x n/a rpym rnym n/a rp__ rn__ cat809x paym pbym nrym pa__ pb__ nr__ cat8  0x pcym pdym nsym pc__ pd__ ns__ n otes: (  ) all theshold trip level options have the same marking. (2) the ym in the sot-23 package marking indicates the year and month of roduction and the _ in the sc70 package marking indicates the assembly location. (3) all nipdau devices will be marked to indicate product type and package. threshold and full part numbers will be provided on box and reel labels as well as all shipping documents.
cat803, cat809, cat810  2 doc. no. 3004, rev. x ? 2007 by catalyst semiconductor, inc. characteristics subject to change without notice cat803lsdi cat803lsdi-g cat809lsdi cat809lsdi-g cat8  0lsdi cat8  0lsdi-g cat803msdi cat803msdi-g cat809msdi cat809msdi-g cat8  0msdi cat8  0msdi-g cat803jsdi cat803jsdi-g cat809jsdi cat809jsdi-g cat8  0jsdi cat8  0jsdi-g cat803tsdi cat803tsdi-g cat809tsdi cat809tsdi-g cat8  0tsdi cat8  0tsdi-g cat803ssdi cat803ssdi-g cat809ssdi cat809ssdi-g cat8  0ssdi cat8  0ssdi-g cat803rsdi cat803rsdi-g cat809rsdi cat809rsdi-g cat8  0rsdi cat8  0rsdi-g cat803zsdi cat803zsdi-g cat809zsdi cat809zsdi-g cat8  0zsdi cat8  0zsdi-g cat803ltbi cat803ltbi-g cat809ltbi cat809ltbi-g cat8  0ltbi cat8  0ltbi-g cat803mtbi cat803mtbi-g cat809mtbi cat809mtbi-g cat8  0mtbi cat8  0mtbi-g cat803jtbi cat803jtbi-g cat809jtbi cat809jtbi-g cat8  0jtbi cat8  0jtbi-g cat803ttbi cat803ttbi-g cat809ttbi cat809ttbi-g cat8  0ttbi cat8  0ttbi-g cat803stbi cat803stbi-g cat809stbi cat809stbi-g cat8  0stbi cat8  0stbi-g cat803rtbi cat803rtbi-g cat809rtbi cat809rtbi-g cat8  0rtbi cat8  0rtbi-g cat803ztbi cat803ztbi-g cat809ztbi cat809ztbi-g cat8  0ztbi cat8  0ztbi-g o rderi n g p art n u m b er
cat803, cat809, cat810  3 doc no. 3004, rev. x ? 2007 by catalyst semiconductor, inc. characteristics subject to change without notice r evisio n h istor y date r ev. r eason  0/29/2003 n updated vcc transient response text and figure 2  0/30/2003 o updated power up reset timeout vs. temperature curve 3/  0/2004 p corrected temperature range updated description updated ordering information updated absolute maximum ratings updated electrical characteristics 03/23/2004 q updated description updated ordering information updated absolute maximum ratings updated electrical characteristics updated typical operating characteristics updated package information 3/25/2004 r changed preliminary designation to final updated max reset active timeout period in electrical characteristics updated package drawings 5/  0/2004 s updated top marking table  2/28/2005 t updated features updated ordering information updated top marking 02/  7/2006 q updated typical operating characteristics 08/  0/2006 u updated features updated description updated max reset active timeout period in electrical characteristics updated figure  updated package information correct revision number  0/  7/2006 v updated top marking updated detailed description adding cat803 02/  2/2007 w updated electrical characteristics updated figure  updated ordering information 03/20/2007 x updated detailed descriptions
catalyst semiconductor, inc. corporate headquarters 2975 stender way santa clara, ca 95054 phone: 408.542.  000 fax: 408.542.  200 www.catsemi.com copyrights, trademarks and patents trademarks and registered trademarks of catalyst semiconductor include each of the following: dpp ? ae 2 ? minipot? quad mode? beyond memory? catalyst semiconductor has been issued u.s. and foreign patents and has patent applications pending that protect its products. catalyst semiconductor makes no warranty, representation or guarantee, express or implied, regarding the suitability of its products for any particular purpose, nor that the use of its products will not infringe its intellectual property rights or the rights of third parties with respect to any particular use or application and specifically disclaims any and all liability arising out of any such use or application, including but not limited to, consequential or incidental damages. catalyst semiconductor products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the catalyst semiconductor product could create a situation where personal injury or death may occur. catalyst semiconductor reserves the right to make changes to or discontinue any product or service described herein without notice. products with data sheets labeled advance information or preliminary and other products described herein may not be in production or offered for sale. catalyst semiconductor advises customers to obtain the current version of the relevant product information before placing orders. circuit diagrams illustrate typical semiconductor applications and may not be complete. document no: 3004 revision: x issue date: 03.20.07


▲Up To Search▲   

 
Price & Availability of CAT810ZSDIT10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X