Part Number Hot Search : 
AD790SQ IR3084A 21020 D217ERU 1N6002B T74LS133 PHAP3301 CSNE121
Product Description
Full Text Search
 

To Download C10083MD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features l high throughput due to transmission grating made of quartz l highly accurate optical characteristics l no external power supply required: uses usb bus power l wide spectral response range l easy to install into equipment l wavelength conversion factor * 1 is recorded in internal memory applications l light source spectrum measurement l sunlight or illumination analysis l absorbance measurement module integrating optical system, image sensor and circuit c10082md, C10083MD mini-spectrometer tm series tm series mini-spectrometers are polychromators integrated with optical elements, an image sensor and a driver circuit. two mod els are available: c10082md (tm-uv/vis-mos) and C10083MD (tm-vis/nir-mos). light to be measured is guided into the entrance port of tm series through an optical fiber and the spectrum measured with the built-in image sensor is output from the usb port to a pc for data acquisition. no external power supply is required since usb bus power is used for circuit operation. the tm series comes with sample software, device driver and dll. the sample software lets you easily set measurement conditions, acquire and save data, and display graphs. 1 o ptical characteristics tm-uv/vis-mos tm -v is /n ir -m o s parameter c10082md C10083MD unit spectral response range 200 to 800 320 to 1000 nm spectral resolution max. (spectral response half width) * 2 6 8 nm wavelength reproducibility * 3 0.2 nm wavelength temperature dependence 0.02 nm/c spectral stray light * 2, * 4 -35 db electrical characteristics parameter value unit a/d conversion 16 bit integration time 5 to 10000 ms interface usb1.1 - usb bus power current consumption 100 ma general ratings / absolute maximum ratings parameter value unit dimensions 94 (w ) 90 (d) 55 (h) mm image sensor cmos linear image sensor (s8378-1024q) - number of pixels 1024 pixels s lit * 5 70 (h) 800 (v) m optical na 0.22 - connector for optical fiber sma905d - operating temperature * 6 +5 to +40 c storage temperature -20 to +70 c *1: a conversion factor for converting the image sensor pixel number into a wavelength is recorded in the module. a calculation factor for converting the a/d converted count into the input light intensity is not provided. *2: depends on the slit opening. values were measured with the slit opening listed in the table. *3: measured under constant light input conditions *4: w hen monochromatic light of the following wavelengths is input, spectral stray light is defined as the ratio of the count measured at the input wavelength, to the count measured in a region of the input wavelength 40 nm. c10082md: 500 nm, C10083MD: 650 nm *5: e ntrance slit aperture size *6: no condensation light spectrally separated by a grating is focused according to light wavelength on predetermined image sensor positions, and high-order light is also input onto positions at integer-multiples of wavelengths. in these mini-spectrometers an optical filter is attached to the image sensor to cut off high-order light, but this also causes a drop in the image sensor output at the following wavelengths. c10082md: near 340 nm and 500 nm, C10083MD: near 500 nm and 700 nm types not using a high-order light cut off filter are also available. please specify by adding ?-01? to the type number when or dering. (example: c10082md-01)
mini-spectrometer tm series c10082md, C10083MD kaccc0287ea entrance slit collimating lens image sensor transmission grating focusing mirror 2 optical component layout tm series mini-spectrometers use a transmission holographic grating made of quartz and precision optical components arranged on a rugged optical base, making it possible to deliver high throughput and highly accurate optical charac- teristics. connection example (transmission light measurement) light to be measured is guided into the entrance port of tg series through an optical fiber and the spectrum measured with the built-in image sensor is output through the usb port to a pc for data acquisition. there are no moving parts inside the unit so stable measurements are obtained at all times. an optical fiber that guides light input from external sources al- lows a flexible measurement setup. dedicated software package (supplied with unit) installing the dedicated software package (containing sample software, device driver, dll)* 7 into your pc allows running the following basic tasks: measurement data acquisition and save measurement condition setup module information acquisition (wavelength conversion factor, polychromator type, etc.) graphic display arithmetic operation pixel number to wavelength conversion dark subtraction comparison calculation with reference data (transmittance, reflectance) gaussian approximation (peak position and count, fwhm) note: two or more mini-spectrometers can be connected and used with one pc simultaneously. *7: compatible os: microsoft windows professional edition 2000 (sp3 or later) and xp (sp1a or later) device driver and dll for controlling hardware are also provided. you can develop your own measurement programs by using a software development environment that includes microsoft visual c++ and visual basic.* 8 the dll provides functions such as usb port open/close, measurement condition setup, measurement data and module information acquisition. *8: operation of the device driver and dll has been verified only with microsoft visual c++ ? and visual basic ? . microsoft visual c++ and microsoft visual basic are either registerd trademarks or trademarks of microsoft corporation in the united states. uv-vis fiber light source (deuterium lamp and halogen lamp) l10290 pc usb cable quartz cell (for holding liquid sample) mini- spectrometer fiber kaccc0288ef
mini-spectrometer tm series c10082md, C10083MD wavelength (nm) 200 0 10000 20000 30000 40000 ad count 400 600 300 500 700 800 blue led orange led red led (typ. ta=25 ?c) kacca0171ec 94 55 90 accessories usb cable dedicated software (sample software, device driver, dll) 3 kaccb0126ea measurement example line spectra from led were measured with c10082md (tm-uv/vis-mos) dimensional outline (unit: mm) options (sold separately) optical fibers for light input type. no product name core diameter (m) specification a9762-01 fiber for uv/visible range (resistance to uv) 600 n.a.=0.22, length 1.5 m, connectorized sma905d at both ends
mini-spectrometer tm series c10082md, C10083MD hamamatsu photonics k.k., solid state division 1126-1 ichino-cho, higashi-ku, hamamatsu city, 435-8558 japan, telephone: (81) 53-434-3311, fax: (81) 53-434-5184, www.hamamatsu.com u.s.a.: hamamatsu corporation: 360 foothill road, p.o.box 6910, bridgewater, n.j. 08807-0910, u.s.a., telephone: (1) 908-231-0 960, fax: (1) 908-231-1218 germany: hamamatsu photonics deutschland gmbh: arzbergerstr. 10, d-82211 herrsching am ammersee, germany, telephone: (49) 08152 -3750, fax: (49) 08152-2658 france: hamamatsu photonics france s.a.r.l.: 19, rue du saule trapu, parc du moulin de massy, 91882 massy cedex, france, teleph one: 33-(1) 69 53 71 00, fax: 33-(1) 69 53 71 10 united kingdom: hamamatsu photonics uk limited: 2 howard court, 10 tewin road, welwyn garden city, hertfordshire al7 1bw, unit ed kingdom, telephone: (44) 1707-294888, fax: (44) 1707-325777 north europe: hamamatsu photonics norden ab: smidesv ? gen 12, se-171 41 solna, sweden, telephone: (46) 8-509-031-00, fax: (46) 8-509-031-01 italy: hamamatsu photonics italia s.r.l.: strada della moia, 1/e, 20020 arese, (milano), italy, telephone: (39) 02-935-81-733, fax: (39) 02-935-81-741 information furnished by hamamatsu is believed to be reliable. however, no responsibility is assumed for possible inaccuracies or omissions. specifications are subject to change without notice. no patent rights are granted to any of the circuits described herein. ?200 7 hamamatsu photonics k.k. cat. no. kacc1119e05 jan. 2007 dn 4 cmos linear image sensor type no. type image sensor spectral response range (nm) c9407ma c9409ma rc-vis-mos rc-vis-mos 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 oem model 9 cmos linear image sensor 9 340 to 780 spectral resolution max. (nm) type no. type spectral resolution max. (nm) image sensor spectral response range (nm) c10082ca c10082cah c10082md c10083ca c10083cah C10083MD c9404ca c9404cah c9404mc c9405ca c9405mc c9406gc c9913gc c9914gb tm-uv/vis-ccd tm-vis/nir-ccd tm-vis/nir-ccd tm-vis/nir-mos tg-uv-ccd tg-uv-mos tm-uv/vis-ccd tm-uv/vis-mos high sensitivity tg-swnir-ccd tg-swnir-mos tg-cooled nir- i tg-nir tg-uv-ccd tg-cooled nir- ii tm series tg series tg series 6 6 8 ( n mini-spectrometer line-up non-cooled type low noise (cooled type) low noise (cooled type) high resolution wide dynamic range high resolution wide dynamic range high sensitivity high resolution wide dynamic range wide dynamic range high sensitivity high sensitivity rc series rc series 340 to 780 spectrometer module spectrometer head


▲Up To Search▲   

 
Price & Availability of C10083MD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X