Part Number Hot Search : 
WT8811 N5400 EE20C HBC327 87760 LX5560L MAX38 M5S61AJ
Product Description
Full Text Search
 

To Download C10083CAH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features l integrated with back-thinned type ccd image sensor: sensitivity is about two orders of magnitude higher than cmos type l high resolution: 1 nm (c10082cah, C10083CAH) l high throughput due to transmission grating made of quartz l highly accurate optical characteristics l wide spectral response range l easy to install into equipment l wavelength conversion factor * 1 is recorded in internal memory applications l low-light-level measurement such as fluorescence measurement l semiconductor process control l evaluation of light source characteristics such as led module high sensitivity type (integrated with back-thinned type ccd image sensor) c10082ca, c10082cah, c10083ca, C10083CAH mini-spectrometer tm series tm series mini-spectrometers are polychromators integrated with optical elements, an image sensor and a driver circuit. light t o be measured is guided into the entrance port of tm series through an optical fiber and the spectrum measured with the built-in image sensor is output from the usb port to a pc for data acquisition. they are high sensitivity mini-spectrometers employing a back-thinned type ccd image sen sor. their sensitivity is about two orders of magnitudes higher than cmos type making tm series even more ideal for low-light-level measur ement. c10082cah and C10083CAH are high resolution type (spectral resolution: 1 nm typ.). mini-spectrometer tm series comes supplied with free sample software that allows setting measurement conditions, acquiring and saving data, and displaying graphs. driver software and dll are also supplied as accessory items to allow the users to configure their own m easurement software. 1 o ptical characteristics tm-uv/vis-ccd tm -vis/n ir -c c d parameter c10082ca c10082cah c10083ca C10083CAH unit spectral response range 200 to 800 320 to 1000 nm spectral resolution m ax. (spectral response half width) * 2 6 1 * 3 8 * 4 1 * 3, * 4 nm wavelength reproducibility * 5 0.2 nm wavelength temperature dependence 0.04 nm/c spectral stray light * 2, * 6 -33 -30 db e lectrical characteristics parameter specification unit a/d conversion 16 bit integration tim e 10 to 10000 ms interface u sb 1.1 - usb bus power current consumption 100 ma external power supply 5 v general ratings / absolute maximum ratings parameter specification unit dimensions 95 (w ) 92 (d) 76 (h) mm image sensor back-thinned type ccd image sensor (s10420-1106) - number of pixels 2048 pixels slit (h) (v) * 7 70 800 10 1000 70 800 10 1000 m optical na 0.22 0.11 0.22 0.11 - connector for optical fiber sma905d - operating temperature * 8 +5 to +40 c storage temperature -20 to +70 c *1: a conversion factor for converting the image sensor pixel number into a wavelength is recorded in the module. a calculation factor for converting the a/d converted count into the input light intensity is not provided. *2: depends on the slit opening. values were measured with the slit listed in the table ? g eneral ratings / absolute m axim um ratings?. *3: typical *4: =320 to 900 nm *5: measured under constant light input conditions *6: w hen monochromatic light of the following wavelengths is input, spectral stray light is defined as the ratio of the count m easured at the input wavelength, to the count measured in a region of the input wavelength 40 nm. c10082ca/c10082cah: 500 nm, c10083ca/C10083CAH: 650 nm *7: entrance slit aperture size *8: n o condensation output comparison (relative value) * a/d count when constant light level enters fiber. c10082ca c10082cah c10082md c10083ca C10083CAH c10083md wavelength (nm) relative sensitivity * 200 300 400 500 600 700 800 900 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 1 1000 (typ. ta=25 ?c) kaccb0168ea measurable optical power kaccb0146ea 10 -15 10 -13 10 -11 10 -9 10 -7 light power * (w) c10082ca (ccd type) c10082ca (ccd type) * light power incident on mini-spectrometer through slit ( =500 nm, integration time: 10 ms to 10000 ms) c10082md (cmos type) comparison of ccd type and cmos type
mini-spectrometer tm series c10082ca, c10082cah, c10083ca, C10083CAH 2 kaccc0287ea entrance slit collimating lens image sensor transmission grating focusing mirror  optical component layout tm series mini-spectrometers use a transmission holographic grating made of quartz and precision optical components arranged on a rugged optical base, making it possible to deliver high throughput and highly accurate optical charac- teristics. usb cable pc ac adapter (accessories) mini-spectrometer quartz cell (for holding liquid sample) fiber high power uv-vis fiber light source (deuterium lamp and halogen lamp) l10290  connection example (transmission light measurement) light to be measured is guided into the entrance port of tg series through an optical fiber and the spectrum measured with the built-in image sensor is output through the usb port to a pc for data acquisition. there are no moving parts inside the unit so stable measurements are obtained at all times. an optical fiber that guides light input from external sources al- lows a flexible measurement setup.  spectral resolution vs. wavelength wavelength (nm) spectral resolution (nm) 200 300 400 500 600 700 800 900 1000 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0.0 c10083ca (slit width 70 m, optical na 0.22) c10082ca (slit width 70 m, optical na 0.22) C10083CAH (slit width 10 m, optical na 0.11) c10082cah (slit width 10 m, optical na 0.11) kaccb0159ea kaccc0317ea light spectrally separated by a grating is focused according to light wavelength on predetermined image sensor posi- tions, and high-order light is also input onto positions at integer-multiples of wavelengths. in these mini-spectrometers an optical filter is attached to the image sensor to cut off high-order light, but this also causes a drop in the image sensor output at the following wavelengths. c10082ca/10082cah: near 340 nm and 500 nm, c10083ca/C10083CAH: near 500 nm and 700 nm types not using a high-order light cut-off filter are also available. please specify by adding ?-01? to the type number when ordering. (example: c10082ca -01)
mini-spectrometer tm series c10082ca, c10082cah, c10083ca, C10083CAH 3 300 wavelength (nm) ad count 400 2500 2000 1500 1000 500 0 500 600 700 800 900 1000 kacca0188ec 76 95 92 kaccb0145ea  measurement example (c10083ca) fluorescence measurement of quinine solution (1000 ppm)  dimensional outline (unit: mm)  dedicated software package (supplied with unit) installing the dedicated software package (containing sample software, device driver, dll)* 9 into your pc allows running the following basic tasks: measurement data acquisition and save measurement condition setup module information acquisition (wavelength conversion factor, polychromator type, etc.) graphic display arithmetic operation pixel number to wavelength conversion dark subtraction comparison calculation with reference data (transmittance, reflectance) gaussian approximation (peak position and count, fwhm) note: two or more mini-spectrometers can be connected and used with one pc simultaneously. *9: compatible os: microsoft windows professional edition 2000 (sp3 or later) and xp (sp1a or later) device driver and dll for controlling hardware are also provided. you can develop your own measurement programs by using a software development environment that includes microsoft visual c++ and visual basic.* 10 the dll provides functions such as usb port open/close, measurement condition setup, measurement data and module information acquisition. *10: operation of the device driver and dll has been verified only with microsoft visual c++ ? and visual basic ? . microsoft visual c++ and microsoft visual basic are either registerd trademarks or trademarks of microsoft corporation in the united states and other countries.
mini-spectrometer tm series c10082ca, c10082cah, c10083ca, C10083CAH hamamatsu photonics k.k., solid state division 1126-1 ichino-cho, higashi-ku, hamamatsu city, 435-8558 japan, telephone: (81) 53-434-3311, fax: (81) 53-434-5184, www.hamamatsu.com u.s.a.: hamamatsu corporation: 360 foothill road, p.o.box 6910, bridgewater, n.j. 08807-0910, u.s.a., telephone: (1) 908-231-0 960, fax: (1) 908-231-1218 germany: hamamatsu photonics deutschland gmbh: arzbergerstr. 10, d-82211 herrsching am ammersee, germany, telephone: (49) 08152 -3750, fax: (49) 08152-2658 france: hamamatsu photonics france s.a.r.l.: 19, rue du saule trapu, parc du moulin de massy, 91882 massy cedex, france, teleph one: 33-(1) 69 53 71 00, fax: 33-(1) 69 53 71 10 united kingdom: hamamatsu photonics uk limited: 2 howard court, 10 tewin road, welwyn garden city, hertfordshire al7 1bw, unit ed kingdom, telephone: (44) 1707-294888, fax: (44) 1707-325777 north europe: hamamatsu photonics norden ab: smidesv ? gen 12, se-171 41 solna, sweden, telephone: (46) 8-509-031-00, fax: (46) 8-509-031-01 italy: hamamatsu photonics italia s.r.l.: strada della moia, 1/e, 20020 arese, (milano), italy, telephone: (39) 02-935-81-733, fax: (39) 02-935-81-741 information furnished by hamamatsu is believed to be reliable. however, no responsibility is assumed for possible inaccuracies or omissions. specifications are subject to change without notice. no patent rights are granted to any of the circuits described herein. ?200 7 hamamatsu photonics k.k. cat. no. kacc1126e02 oct. 2007 dn 4  accessories usb cable dedicated software (sample software, device driver, dll) ac adapter (for power supply)  options (sold separately) optical fibers for light input type. no product name core diameter (m) specification a9762-01 fiber for uv/visible range (resistance to uv) 600 n.a.=0.22, length 1.5 m, connectorized sma905d at both ends cmos linear image sensor type no. type image sensor spectral response range (nm) c9409ma rc-vis-mos 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 oem model 9 340 to 780 spectral resolution max. (nm) type no. type spectral resolution max. (nm) image sensor spectral response range (nm) c10082ca c10082cah c10082md c10083ca C10083CAH c10083md c9404ca c9404cah c9404mc c9405ca c9405mc c9406gc c9913gc c9914gb tm-uv/vis-ccd tm-vis/nir-ccd tm-vis/nir-ccd tm-vis/nir-mos tg-uv-ccd tg-uv-mos tm-uv/vis-ccd tm-uv/vis-mos high sensitivity tg-swnir-ccd tg-swnir-mos tg-cooled nir- i tg-nir tg-uv-ccd tg-cooled nir- ii tm series tg series tg series 6 6 8 (  =320 to 900 nm) (  =320 to 900 nm) (  = 550 to 900 nm) (  = 550 to 1100 nm) 8 3 3 5 5 7 7 8 1 * 1 * 1 * back-thinned type ccd image sensor back-thinned type ccd image sensor back-thinned type ccd image sensor back-thinned type ccd image sensor back-thinned type ccd image sensor cmos linear image sensor cmos linear image sensor cmos linear image sensor nmos linear image sensor ingaas linear image sensor 200 400 600 800 1000 1200 1400 1600 1800 2000 2200 * typ. 1100 to 2200 900 to 1700 500 to 1100 320 to 1000 200 to 400 200 to 800 n mini-spectrometer line-up non-cooled type low noise (cooled type) low noise (cooled type) high resolution wide dynamic range high resolution wide dynamic range high sensitivity high resolution wide dynamic range wide dynamic range high sensitivity high sensitivity c9407ma rc-vis-mos rc series spectrometer module 340 to 780 cmos linear image sensor 9 rc series spectrometer head


▲Up To Search▲   

 
Price & Availability of C10083CAH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X