Part Number Hot Search : 
MS256 MS256 1N415 B2040 2SC29 DG180AP FQB5N30 6754M
Product Description
Full Text Search
 

To Download 74ABTH162245ADL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
     
  74abt162245a 74abth162245a 16-bit bus transceiver with 30 w series termination resistors (3-state) product specification supersedes data of 1996 nov 20 ic23 data handbook 1998 feb 25 integrated circuits
philips semiconductors product specification 74abt162245a 74abth162245a 16-bit bus transceiver with 30 w series termination resistors (3-state) 2 1998 feb 25 853-1772 19018 features ? 16-bit bidirectional bus interface ? power-up 3-state ? multiple v cc and gnd pins minimize switching noise ? 3-state buffers ? output capability: +12ma/32ma ? latch-up protection exceeds 500ma per jedec std 17 ? esd protection exceeds 2000 v per mil std 883 method 3015 and 200v per machine model ? same part as 74abt16245a-1 ? 74abth162245a incorporates bus hold data inputs which eliminate the need for external pull-up resistors to hold unused inputs ? bus-hold data inputs eliminate the need for external pull-up resistors to hold unused inputs description the 74abt162245a high-performance bicmos device combines low static and dynamic power dissipation with high speed. the 74abt162245a device is a 16-bit transceiver featuring non-inverting 3-state bus compatible outputs in both send and receive directions. the control function implementation minimizes external timing requirements. the device features two output enable (1oe , 2oe ) inputs for easy cascading and two direction (1dir, 2dir) inputs for direction control. the 74abt162245a is designed with 30 ohm series resistance in both the upper and lower output structures on both a and b ports. this design reduces line noise in applications such as memory address drivers, clock drivers, and bus receiver/transmitters. the 74abt162245a is the same as the 74abt16245a-1. the part number has been changed to reflect industry standards two options are available, 74abt162245a which does not have the bus hold feature and the 74abth162245a which incorporates the bus hold feature. quick reference data symbol parameter conditions t amb = 25 c; gnd = 0v typical unit t plh t phl propagation delay nax to nbx or nbx to nax c l = 50pf; v cc = 5v 2.0 3.0 ns c in input capacitance v i = 0v or v cc 3 pf c i/o i/o pin capacitance v o = 0v or v cc ; 3-state 7 pf i ccz quiescent su pp ly current outputs disabled; v cc = 5.5v 300 na i ccl quiescent su ly current outputs low; v cc = 5.5v 10 ma ordering information packages temperature range outside north america north america dwg number 48-pin plastic ssop type iii 40 c to +85 c 74abt162245a dl bt162245a dl sot370-1 48-pin plastic tssop type ii 40 c to +85 c 74abt162245a dgg bt162245a dgg sot362-1 48-pin plastic ssop type iii 40 c to +85 c 74abth162245a dl bh162245a dl sot370-1 48-pin plastic tssop type ii 40 c to +85 c 74abth162245a dgg bh162245a dgg sot362-1
philips semiconductors product specification 74abt162245a 74abth162245a 16-bit bus transceiver with 30 w series termination resistors (3-state) 1998 feb 25 3 pin configuration 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 1dir 1b0 1b1 gnd 1b2 1b3 1b4 1b5 gnd 1b6 1b7 2b0 2b1 gnd 2b3 v cc 2b4 v cc 2b2 2b5 gnd 2b7 2dir 2b6 1oe 1a0 1a1 gnd 1a2 1a3 1a4 1a5 gnd 1a6 1a7 2a0 2a1 gnd 2a3 v cc 2a4 v cc 2a2 2a5 gnd 2a7 2oe 2a6 sa00020 pin description symbol pin number name and function 1dir, 2dir 1, 24 direction control inputs (active-high) 1a0 1a7, 2a0 2a7 47, 46, 44, 43 41, 40, 38, 37 36, 35, 33, 32 30, 29, 27, 26 data inputs/outputs (a side) 1b0 1b7 2b0 2b7 2, 3, 5, 6 8, 9, 11, 12 13, 14, 16, 17 19, 20, 22, 23 data inputs/outputs (b side) 1oe , 2oe 48, 25 output enables gnd 4, 10, 15, 21 28, 34, 39, 45 ground (0v) v cc 7, 18, 31, 42 positive supply voltage logic symbol 2dir 24 36 35 33 32 30 29 27 26 23 22 20 19 17 16 14 13 2oe 2a0 2a1 2a2 2a3 2a4 2a5 2a6 2a7 2b0 2b1 2b2 2b3 2b4 2b5 2b6 2b7 25 1dir 1 47 46 44 43 41 40 38 37 12 11 9 8 6 5 3 2 1oe 1a0 1a1 1a2 1a3 1a4 1a5 1a6 1a7 1b0 1b1 1b2 1b3 1b4 1b5 1b6 1b7 48 sa00021 function table inputs inputs/outputs noe ndir nax nbx l l a = b inputs l h inputs b = a h x z z h = high voltage level l = low voltage level x = d0n't care z = high impedance aoffo state
philips semiconductors product specification 74abt162245a 74abth162245a 16-bit bus transceiver with 30 w series termination resistors (3-state) 1998 feb 25 4 logic symbol (ieee/iec) ? 1 48 47 g3 1 3 en1 (ba) 3 en2 (ab) 2 ? 2 3 44 5 43 6 41 8 40 9 38 11 37 12 46 25 24 ? 4 36 35 5 ? 13 14 33 16 32 17 30 19 29 20 27 22 26 23 g6 6 en4 (ba) 6 en5 (ab) sa00022 schematic of each output v cc gnd output sa00042 27 w 27 w
philips semiconductors product specification 74abt162245a 74abth162245a 16-bit bus transceiver with 30 w series termination resistors (3-state) 1998 feb 25 5 absolute maximum ratings 1, 2 symbol parameter conditions rating unit v cc dc supply voltage 0.5 to +7.0 v i ik dc input diode current v i < 0 18 ma v i dc input voltage 3 1.2 to +7.0 v i ok dc output diode current v o < 0 50 ma v out dc output voltage 3 output in off or high state 0.5 to +5.5 v i o dc out p ut current output in low state 128 ma i out dc o u tp u t c u rrent output in high state 64 ma t stg storage temperature range 65 to 150 c notes: 1. stresses beyond those listed may cause permanent damage to the device. these are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under arecommended operating conditionso is not implied. exposur e to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. the performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create ju nction temperatures which are detrimental to reliability. the maximum junction temperature of this integrated circuit should not excee d 150 c. 3. the input and output voltage ratings may be exceeded if the input and output current ratings are observed. recommended operating conditions symbol parameter limits unit symbol parameter min max unit v cc dc supply voltage 4.5 5.5 v v i input voltage 0 v cc v v ih high-level input voltage 2.0 v v il low-level input voltage 0.8 v i oh high-level output current 32 ma i ol low-level output current 12 ma d t/ d v input transition rise or fall rate 0 10 ns/v t amb operating free-air temperature range 40 +85 c
philips semiconductors product specification 74abt162245a 74abth162245a 16-bit bus transceiver with 30 w series termination resistors (3-state) 1998 feb 25 6 dc electrical characteristics limits symbol parameter test conditions t amb = +25 c t amb = 40 c to +85 c unit min typ max min max v ik input clamp voltage v cc = 4.5v; i ik = 18ma 0.9 1.2 1.2 v v cc = 4.5v; i oh = 3ma; v i = v il or v ih 2.5 2.9 2.5 v v oh high-level output voltage v cc = 5.0v; i oh = 3ma; v i = v il or v ih 3.0 3.4 3.0 v v cc = 4.5v; i oh = 32ma; v i = v il or v ih 2.0 2.4 2.0 v v o low-level output voltage v cc = 4.5v; i ol = 8ma; v i = v il or v ih 0.46 0.65 0.65 v v ol low-level output voltage v cc = 4.5v; i ol = 12ma; v i = v il or v ih 0.50 0.80 0.80 v i i input leakage current v cc = 5.5v; v i = gnd or 5.5v control pins 0.01 1.0 1.0 m a bus hold current v cc = 4.5v; v i = 0.8v 50 50 i hold bus hold current a and b inputs 4 74abth162245a v cc = 5.5v; v i = 2.0v 75 75 m a 74abth162245a v cc = 5.5v; v i = 0 to 5.5v 500 i off power-off leakage current v cc = 0.0v; v o or v i 4.5v 5.0 100 100 m a i pu /i pd power-up/down 3-state output current 3 v cc = 2.0v; v o = 0.5v; v i = gnd or v cc; v oe = don't care 5.0 50 50 m a i ih +i ozh 3-state output high current v cc = 5.5v; v o = 5.5v; v i = v il or v ih 0.5 10 10 m a i il +i ozl 3-state output low current v cc = 5.5v; v o = 0.0v; v i = v il or v ih 0.5 10 10 m a i cex output high leakage current v cc = 5.5v; v o = 5.5v; v i = gnd or v cc 5.0 50 50 m a i o output current 1 v cc = 5.5v; v o = 2.5v 50 92 180 50 180 ma i cch v cc = 5.5v; outputs high, v i = gnd or v cc 0.3 0.70 0.70 ma i ccl quiescent supply current v cc = 5.5v; outputs low, v i = gnd or v cc 10 19 19 ma i ccz v cc = 5.5v; outputs 3-state; v i = gnd or v cc 0.3 0.70 0.70 ma outputs enabled, one data input at 3.4v, other inputs at v cc or gnd; v cc = 5.5v 400 700 700 m a additional su pp ly current p er outputs 3-state, one data input at 3.4v, other inputs at v cc or gnd; v cc = 5.5v 74abt162245a 1.0 50 50 m a d i cc additional s u ppl y c u rrent per input pin 2 outputs 3-state, one data input at 3.4v, other inputs at v cc or gnd; v cc = 5.5v 74abth162245a 100 250 250 m a control pins, outputs disabled, one enable input at 3.4v, other inputs at v cc or gnd; v cc = 5.5v 400 700 700 m a notes: 1. not more than one output should be tested at a time, and the duration of the test should not exceed one second. 2. this is the increase in supply current for each input at 3.4v. 3. this parameter is valid for any v cc between 0v and 2.1v, with a transition time of up to 10msec. from v cc = 2.1v to v cc = 5 10% a transition time of up to 100 m sec is permitted. 4. this is the bus hold overdrive current required to force the input to the opposite logic state.
philips semiconductors product specification 74abt162245a 74abth162245a 16-bit bus transceiver with 30 w series termination resistors (3-state) 1998 feb 25 7 ac characteristics gnd = 0v; t r = t f = 2.5ns; c l = 50pf, r l = 500 w limits symbol parameter waveform t amb = +25 c v cc = +5.0v t amb = 40 c to +85 c v cc = +5.0v 0.5v unit min typ max min max t plh t phl propagation delay nax to nbx or nbx to nax 1 1.0 1.5 2.0 3.0 3.3 4.5 1.0 1.5 3.5 4.9 ns t pzh t pzl output enable time to high and low level 2 1.5 2.0 3.1 5.0 4.3 6.1 1.5 2.0 5.0 7.0 ns t phz t plz output disable time from high and low level 2 1.7 1.5 3.5 3.2 4.8 4.5 1.7 1.5 5.4 4.9 ns ac waveforms v m = 1.5v, v in = gnd to 3.0v input 1.5v output t plh t phl sa00028 1.5v 1.5v 1.5v 3 v 0 v v oh v ol waveform 1. input to output propagation delays noe input output output v m v m t pzh t phz v oh v m v m v ol t pzl t plz 3.5v 0v v ol + 0.3v v oh 0.3v sa00024 waveform 2. 3-state output enable and disable times
philips semiconductors product specification 74abt162245a 74abth162245a 16-bit bus transceiver with 30 w series termination resistors (3-state) 1998 feb 25 8 test circuit and waveforms pulse generator r t v in d.u.t. v out r l v cc r l 7.0v test circuit for 3-state outputs v m v m t w amp (v) negative pulse 10% 10% 90% 90% 0v v m v m t w amp (v) positive pulse 90% 90% 10% 10% 0v t thl (t f ) t tlh (t r )t thl (t f ) t tlh (t r ) v m = 1.5v input pulse definition definitions r l = load resistor; see ac characteristics for value. c l = load capacitance includes jig and probe capacitance; see ac characteristics for value. r t = termination resistance should be equal to z out of pulse generators. input pulse requirements family amplitude rep. rate t w t r t f 74abt/h16 3.0v 1mhz 500ns 2.5ns 2.5ns switch position test switch t plz closed t pzl closed all other open sa00018 c l
philips semiconductors product specification 74abt162245a 74abth162245a 16-bit bus transceiver with 30 w series termination resistors (3-state) 9 1998 feb 25 ssop48: plastic shrink small outline package; 48 leads; body width 7.5 mm sot370-1
philips semiconductors product specification 74abt162245a 74abth162245a 16-bit bus transceiver with 30 w series termination resistors (3-state) 1998 feb 25 10 tssop48: plastic thin shrink small outline package; 48 leads; body width 6.1mm sot362-1
philips semiconductors product specification 74abt162245a 74abth162245a 16-bit bus transceiver with 30 w series termination resistors (3-state) 1998 feb 25 11 notes
philips semiconductors product specification 74abt162245a 74abth162245a 16-bit bus transceiver with 30 w series termination resistors (3-state) yyyy mmm dd 12 definitions short-form specification e the data in a short-form specification is extracted from a full data sheet with the same type number and title. for detailed information see the relevant data sheet or data handbook. limiting values definition e limiting values given are in accordance with the absolute maximum rating system (iec 134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the dev ice at these or at any other conditions above those given in the characteristics sections of the specification is not implied. exposure to limi ting values for extended periods may affect device reliability. application information e applications that are described herein for any of these products are for illustrative purposes only. philips semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. disclaimers life support e these products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. philips semiconductors customers using or selling these products for use i n such applications do so at their own risk and agree to fully indemnify philips semiconductors for any damages resulting from such application. right to make changes e philips semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. philips semiconductors ass umes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or m ask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right in fringement, unless otherwise specified. philips semiconductors 811 east arques avenue p.o. box 3409 sunnyvale, california 940883409 telephone 800-234-7381 ? copyright philips electronics north america corporation 1998 all rights reserved. printed in u.s.a. print code date of release: 05-96 document order number: 9397-750-03487    
  data sheet status objective specification preliminary specification product specification product status development qualification production definition [1] this data sheet contains the design target or goal specifications for product development. specification may change in any manner without notice. this data sheet contains preliminary data, and supplementary data will be published at a later date. philips semiconductors reserves the right to make chages at any time without notice in order to improve design and supply the best possible product. this data sheet contains final specifications. philips semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. data sheet status [1] please consult the most recently issued datasheet before initiating or completing a design.


▲Up To Search▲   

 
Price & Availability of 74ABTH162245ADL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X