Part Number Hot Search : 
MAX5106 2022R68 LTI210 FP205 AP1346CS ISPA06 TIP115 NH130
Product Description
Full Text Search
 

To Download UC3844-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  device operating temperature range package     high performance current mode controllers ordering information uc3844d uc3845d t a = 0 to +70 c t a = 25 to +85 c so14 so14 pin connections order this document by uc3844/d d suffix plastic package case 751a (so14) n suffix plastic package case 626 1 8 1 14 (top view) v ref (top view) compensation voltage feedback current sense r t /c t v ref v cc output gnd 1 2 3 45 6 7 8 compensation nc voltage feedback nc current sense nc r t /c t nc v cc v c output gnd power ground 1 2 3 4 5 6 7 9 8 10 11 12 13 14 uc3844n uc3845n plastic plastic uc2844d uc2845d so14 so14 uc2844n uc2845n plastic plastic 1 motorola analog ic device data    
  the uc3844, uc3845 series are high performance fixed frequency current mode controllers. they are specifically designed for offline and dctodc converter applications offering the designer a cost effective solution with minimal external components. these integrated circuits feature an oscillator, a temperature compensated reference, high gain error amplifier, current sensing comparator, and a high current totem pole output ideally suited for driving a power mosfet. also included are protective features consisting of input and reference undervoltage lockouts each with hysteresis, cyclebycycle current limiting, a latch for single pulse metering, and a flipflop which blanks the output off every other oscillator cycle, allowing output deadtimes to be programmed for 50% to 70%. these devices are available in an 8pin dualinline plastic package as well as the 14pin plastic surface mount (so14). the so14 package has separate power and ground pins for the totem pole output stage. the ucx844 has uvlo thresholds of 16 v (on) and 10 v (off), ideally suited for offline converters. the ucx845 is tailored for lower voltage applications having uvlo thresholds of 8.5 v (on) and 7.6 v (off). ? current mode operation to 500 khz output switching frequency ? output deadtime adjustable from 50% to 70% ? automatic feed forward compensation ? latching pwm for cyclebycycle current limiting ? internally trimmed reference with undervoltage lockout ? high current totem pole output ? input undervoltage lockout with hysteresis ? low startup and operating current ? direct interface with motorola sensefet products simplified block diagram 5.0v reference flip flop & latching pwm v cc undervoltage lockout oscillator error amplifier 7(12) v c 7(11) output 6(10) pwr gnd 5(8) 3(5) current sense v ref 8(14) 4(7) 2(3) 1(1) gnd 5(9) r t c t voltage feedback r r + v ref undervoltage lockout output comp. pin numbers in parenthesis are for the d suffix so14 package. v cc ? motorola, inc. 1996 rev 1
uc3844, 45 uc2844, 45 2 motorola analog ic device data maximum ratings rating symbol value unit total power supply and zener current (i cc + i z ) 30 ma output current, source or sink (note 1) i o 1.0 a output energy (capacitive load per cycle) w 5.0 m j current sense and voltage feedback inputs v in 0.3 to + 5.5 v error amp output sink current i o 10 ma power dissipation and thermal characteristics d suffix, plastic package, case 751a maximum power dissipation @ t a = 25 c thermal resistance junctiontoair n suffix, plastic package, case 626 maximum power dissipation @ t a = 25 c thermal resistance junctiontoair p d r q ja p d r q ja 862 145 1.25 100 mw c/w w c/w operating junction temperature t j + 150 c operating ambient temperature uc3844, uc3845 uc2844, uc2845 t a 0 to + 70 25 to + 85 c storage temperature range t stg 65 to + 150 c electrical characteristics (v cc = 15 v, [note 2], r t = 10 k, c t = 3.3 nf, t a = t low to t high [note 3], unless otherwise noted.) uc284x uc384x characteristics symbol min typ max min typ max unit reference section reference output voltage (i o = 1.0 ma, t j = 25 c) v ref 4.95 5.0 5.05 4.9 5.0 5.1 v line regulation (v cc = 12 v to 25 v) reg line 2.0 20 2.0 20 mv load regulation (i o = 1.0 ma to 20 ma) reg load 3.0 25 3.0 25 mv temperature stability t s 0.2 0.2 mv/ c total output variation over line, load, temperature v ref 4.9 5.1 4.82 5.18 v output noise voltage (f = 10 hz to khz, t j = 25 c) v n 50 50 m v long term stability (t a = 125 c for 1000 hours) s 5.0 5.0 mv output short circuit current i sc 30 85 180 30 85 180 ma oscillator section frequency t j = 25 c t a = t low to t high f osc 47 46 52 57 60 47 46 52 57 60 khz frequency change with voltage (v cc = 12 v to 25 v) d f osc/ d v 0.2 1.0 0.2 1.0 % frequency change with temperature t a = t low to t high d f osc/ d t 5.0 5.0 % oscillator voltage swing (peaktopeak) v osc 1.6 1.6 v discharge current (v osc = 2.0 v, t j = 25 c) i dischg 10.8 10.8 ma notes: 1. maximum package power dissipation limits must be observed. 2. adjust v cc above the startup threshold before setting to 15 v. 3. low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible t low = 2 0 c for uc3844, uc3845 t high = +70 c for uc3844, uc3845 t low = 25 c for uc2844, uc2845 t high = +85 c for uc2844, uc2845
uc3844, 45 uc2844, 45 3 motorola analog ic device data electrical characteristics (v cc = 15 v, [note 2], r t = 10 k, c t = 3.3 nf, t a = t low to t high [note 3], unless otherwise noted,) uc284x uc384x characteristics symbol min typ max min typ max unit error amplifier section voltage feedback input (v o = 2.5 v) v fb 2.45 2.5 2.55 2.42 2.5 2.58 v input bias current (v fb = 2.7 v) i ib 0.1 1.0 0.1 2.0 m a open loop voltage gain (v o = 2.0 v to 4.0 v) a vol 65 90 65 90 db unity gain bandwidth (t j = 25 c) bw 0.7 1.0 0.7 1.0 mhz power supply rejection ratio (v cc = 12 v to 25 v) psrr 60 70 60 70 db output current sink (v o = 1.1 v, v fb = 2.7 v) source (v o = 5.0 v, v fb = 2.3 v) i sink i source 2.0 0.5 12 1.0 2.0 0.5 12 1.0 ma output voltage swing high state (r l = 15 k to ground, v fb = 2.3 v) low state (r l = 15 k to v ref , v fb = 2.7 v) v oh v ol 5.0 6.2 0.8 1.1 5.0 6.2 0.8 1.1 v current sense section current sense input voltage gain (notes 4 & 5) a v 2.85 3.0 3.15 2.85 3.0 3.15 v/v maximum current sense input threshold (note 4) v th 0.9 1.0 1.1 0.9 1.0 1.1 v power supply rejection ratio v cc = 12 v to 25 v (note 4) psrr 70 70 db input bias current i ib 2.0 10 2.0 10 m a propagation delay (current sense input to output) t plh(in/out) 150 300 150 300 ns output section output voltage low state (i sink = 20 ma) (i sink = 200 ma) high state (i sink = 20 ma) (i sink = 200 ma) v ol v oh 12 12 0.1 1.6 13.5 13.4 0.4 2.2 13 12 0.1 1.6 13.5 13.4 0.4 2.2 v output voltage with uvlo activated v cc = 6.0 v, i sink = 1.0 ma v ol(uvlo) 0.1 1.1 0.1 1.1 v output voltage rise time (c l = 1.0 nf, t j = 25 c) t r 50 150 50 150 ns output voltage fall time (c l = 1.0 nf, t j = 25 c) t f 50 150 50 150 ns undervoltage lockout section startup threshold ucx844 ucx845 v th 15 7.8 16 8.4 17 9.0 14.5 7.8 16 8.4 17.5 9.0 v minimum operating voltage after turnon ucx844 ucx845 v cc(min) 9.0 7.0 10 7.6 11 8.2 8.5 7.0 10 7.6 11.5 8.2 v pwm section duty cycle maximum minimum dc max dc min 46 48 50 0 47 48 50 0 % total device power supply current (note 2) startup: (v cc = 6.5 v for ucx845a, (v cc 14 v for ucx844) operating i cc 0.5 12 1.0 17 0.5 12 1.0 17 ma power supply zener voltage (i cc = 25 ma) v z 30 36 30 36 v notes: 2. adjust v cc above the startup threshold before setting to 15 v. 3. low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible t low = 2 0 c for uc3844, uc3845 t high = +70 c for uc3844, uc3845 t low = 25 c for uc2844, uc2845 t high = +85 c for uc2844, uc2845 4. this parameter is measured at the latch trip point with v fb = 0 v. 5. comparator gain is defined as: a v d v output compensation d v current sense input
uc3844, 45 uc2844, 45 4 motorola analog ic device data r t w , timing resistor (k ) figure 1. timing resistor versus oscillator frequency figure 2. output deadtime versus oscillator frequency figure 3. error amp small signal transient response figure 4. error amp large signal transient response 0.5 m s/div 20 mv/div v cc = 15 v a v = 1.0 t a = 25 c v cc = 15 v a v = 1.0 t a = 25 c 1.0 m s/div 200 mv/div 10 k 20 k 50 k 100 k 200 k 500 k 1.0 m f osc , oscillator frequency (hz) v cc = 15 v t a = 25 c 10 k 20 k 50 k 100 k 200 k 500 k 1.0 m f osc , oscillator frequency (hz) % dt, percent output deadtime figure 5. error amp open loop gain and phase versus frequency figure 6. current sense input threshold versus error amp output voltage note: output switches at onehalf the oscillator frequency. c t = 10 nf 5.0 nf 2.0 nf 1.0 nf 100 pf 500 pf 200 pf 2.55 v 2.5 v 2.45 v 2.5 v 3.0 v 2.0 v 100 50 20 10 5.0 2.0 1.0 75 70 65 60 55 50 20 a vol , open loop voltage gain (db) 10 m 10 f, frequency (hz) gain phase v cc = 15 v v o = 2.0 v to 4.0 v r l = 100 k t a = 25 c 0 30 60 90 120 150 180 100 1.0 k 10 k 100 k 1.0 m 0 20 40 60 80 100 , excess phase (degrees) f 0 v o , error amp output voltage (v) 0 , current sense input threshold (v) v th 0.2 0.4 0.6 0.8 1.0 1.2 2.0 4.0 6.0 8.0 v cc = 15 v t a = 25 c t a = 55 c t a = 125 c
uc3844, 45 uc2844, 45 5 motorola analog ic device data figure 7. reference voltage change versus source current figure 8. reference short circuit current versus temperature figure 9. reference load regulation figure 10. reference line regulation d , output voltage change (2.0 mv/div) o 2.0 ms/div v d , output voltage change (2.0 mv/div) o 2.0 ms/div v v cc = 12 v to 25 v t a = 25 c d , reference voltage change (mv) ref 0 20 40 60 80 100 120 i ref , reference source current (ma) v v cc = 15 v t a = 55 c t a = 25 c t a = 125 c , reference short circuit current (ma) sc 55 25 0 25 50 75 100 125 t a , ambient temperature ( c) v cc = 15 v r l 0.1 w i figure 11. output saturation voltage versus load current figure 12. output waveform 50 ns/div v cc = 15 v c l = 1.0 nf t a = 25 c 800 600 400 200 0 i o , output load current (ma) , output saturation voltage (v) sat v v cc t a = 25 c t a = 55 c sink saturation (load to v cc ) gnd source saturation (load to ground) t a = 55 c v cc = 15 v 80 m s pulsed load 120 hz rate t a = 25 c v cc = 15 v i o = 1.0 ma to 20 ma t a = 25 c 0 4.0 8.0 12 16 20 24 110 90 70 50 90% 10% 0 1.0 2.0 3.0 2.0 1.0 0
uc3844, 45 uc2844, 45 6 motorola analog ic device data figure 13. output cross conduction figure 14. supply current versus supply voltage 100 ns/div v cc = 30 v c l = 15 pf t a = 25 c , supply current 100 ma/div 20 v/div i , output voltage v cc o 25 20 15 10 5 0 0 10203040 , supply current (ma) cc v cc , supply voltage (v) i r t = 10 k c t = 3.3 nf v fb = 0 v i sense = 0 v t a = 25 c ucx845 ucx844 pin function description pin fi dii 8pin 14pin function description 1 1 compensation this pin is error amplifier output and is made available for loop compensation. 2 3 voltage feedback this is the inverting input of the error amplifier. it is normally connected to the switching power supply output through a resistor divider. 3 5 current sense a voltage proportional to inductor current is connected to this input. the pwm uses this information to terminate the output switch conduction. 4 7 r t /c t the oscillator frequency and maximum output duty cycle are programmed by connecting resistor r t to v ref and capacitor c t to ground. operation to 1.0 mhz is possible. 5 gnd this pin is combined control circuitry and power ground (8pin package only). 6 10 output this output directly drives the gate of a power mosfet. peak currents up to 1.0 a are sourced and sunk by this pin. the output switches at onehalf the oscillator frequency. 7 12 v cc this pin is the positive supply of the control ic. 8 14 v ref this is the reference output. it provides charging current for capacitor c t through resistor r t . 8 power ground this pin is a separate power ground return (14pin package only) that is connected back to the power source. it is used to reduce the effects of switching transient noise on the control circuitry. 11 v c the output high state (v oh ) is set by the voltage applied to this pin (14pin package only). with a separate power source connection, it can reduce the effects of switching transient noise on the control circuitry. 9 gnd this pin is the control circuitry ground return (14pin package only) and is connected to back to the power source ground. 2,4,6,13 nc no connection (14pin package only). these pins are not internally connected.
uc3844, 45 uc2844, 45 7 motorola analog ic device data operating description the uc3844, uc3845 series are high performance, fixed frequency, current mode controllers. they are specifically designed for offline and dctodc converter applications offering the designer a cost effective solution with minimal external components. a representative block diagram is shown in figure 15. oscillator the oscillator frequency is programmed by the values selected for the timing components r t and c t . capacitor c t is charged from the 5.0 v reference through resistor r t to approximately 2.8 v and discharged to 1.2 v by an internal current sink. during the discharge of c t , the oscillator generates an internal blanking pulse that holds the center input of the nor gate high. this causes the output to be in a low state, thus producing a controlled amount of output deadtime. an internal flipflop has been incorporated in the ucx844/5 which blanks the output off every other clock cycle by holding one of the inputs of the nor gate high. this in combination with the c t discharge period yields output deadtimes programmable from 50% to 70%. figure 1 shows r t versus oscillator frequency and figure 2, output deadtime versus frequency, both for given values of c t . note that many values of r t and c t will give the same oscillator frequency but only one combination will yield a specific output deadtime at a given frequency. in many noise sensitive applications it may be desirable to frequencylock the converter to an external system clock. this can be accomplished by applying a clock signal to the circuit shown in figure 17. for reliable locking, the freerunning oscillator frequency should be set about 10% less than the clock frequency. a method for multi unit synchronization is shown in figure 18. by tailoring the clock waveform, accurate output duty cycle clamping can be achieved to realize output deadtimes of greater than 70% error amplifier a fully compensated error amplifier with access to the inverting input and output is provided. it features a typical dc voltage gain of 90 db, and a unity gain bandwidth of 1.0 mhz with 57 degrees of phase margin (figure 5). the noninverting input is internally biased at 2.5 v and is not pinned out. the converter output voltage is typically divided down and monitored by the inverting input. the maximum input bias current is 2.0 m a which can cause an output voltage error that is equal to the product of the input bias current and the equivalent input divider source resistance. the error amp output (pin 1) is provide for external loop compensation (figure 28). the output voltage is offset by two diode drops ( 1.4 v) and divided by three before it connects to the inverting input of the current sense comparator. this guarantees that no drive pulses appear at the output (pin 6) when pin 1 is at its lowest state (v ol ). this occurs when the power supply is operating and the load is removed, or at the beginning of a softstart interval (figures 20, 21). the error amp minimum feedback resistance is limited by the amplifier's source current (0.5 ma) and the required output voltage (v oh ) to reach the comparator's 1.0 v clamp level: r f(min) 3.0 (1.0 v) + 1.4 v 0.5 ma = 8800 w current sense comparator and pwm latch the uc3844, uc3845 operate as a current mode controller, whereby output switch conduction is initiated by the oscillator and terminated when the peak inductor current reaches the threshold level established by the error amplifier output/compensation (pin1). thus the error signal controls the inductor current on a cyclebycycle basis. the current sense comparator pwm latch configuration used ensures that only a single pulse appears at the output during any given oscillator cycle. the inductor current is converted to a voltage by inserting the ground referenced sense resistor r s in series with the source of output switch q1. this voltage is monitored by the current sense input (pin 3) and compared a level derived from the error amp output. the peak inductor current under normal operating conditions is controlled by the voltage at pin 1 where: i pk = v (pin 1) 1.4 v 3 r s abnormal operating conditions occur when the power supply output is overloaded or if output voltage sensing is lost. under these conditions, the current sense comparator threshold will be internally clamped to 1.0 v. therefore the maximum peak switch current is: i pk(max) = 1.0 v r s when designing a high power switching regulator it becomes desirable to reduce the internal clamp voltage in order to keep the power dissipation of r s to a reasonable level. a simple method to adjust this voltage is shown in figure 19. the two external diodes are used to compensate the internal diodes yielding a constant clamp voltage over temperature. erratic operation due to noise pickup can result if there is an excessive reduction of the i pk(max) clamp voltage. a narrow spike on the leading edge of the current waveform can usually be observed and may cause the power supply to exhibit an instability when the output is lightly loaded. this spike is due to the power transformer interwinding capacitance and output rectifier recovery time. the addition of an rc filter on the current sense input with a time constant that approximates the spike duration will usually eliminate the instability; refer to figure 23.
uc3844, 45 uc2844, 45 8 motorola analog ic device data + sink only positive true logic = r s + internal bias reference regulator oscillator s r q v ref uvlo 3.6v 36v v cc 7(12) q1 v in v cc v c 7(11) 6(10) 5(8) 3(5) + 1.0ma error amplifier 1(1) 2(3) 4(7) 8(14) 5(9) gnd output compensation voltage feedback input r t c t v ref pwm latch current sense comparator r r power ground current sense input 2r r 1.0v pin numbers in parenthesis are for the d suffix so14 package. q t + + + + + v cc uvlo output 2.5v figure 15. representative block diagram output/ compensation current sense input latch ``reset'' input output capacitor c t latch ``set'' input large r t /small c t small r t /large c t figure 16. timing diagram
uc3844, 45 uc2844, 45 9 motorola analog ic device data undervoltage lockout two undervoltage lockout comparators have been incorporated to guartantee that the ic is fully functional before the output stage is enabled. the positive power supply terminal (v cc and the reference output (v ref ) are each monitored by separate comparators. each has builtin hysteresis to prevent erratic output behavior as their respective thresholds are crossed. the v cc comparator upper and lower thresholds are 16 v/10 v for the ucx844, and 8.4 v/7.6 v for the ucx845. the v ref comparator upper and lower thresholds are 3.6 v/3/4 v. the large hysteresis and low startup current of the ucx844 makes it ideally suited in offline converter applications where efficient bootstrap startup techniques later required (figure 29). the ucx845 is intended for lower voltage dctodc converter applications. a 36 v zener is connected as a shunt regulator from v cc to ground. its purpose is to protect the ic from excessive voltage that can occur during system startup. the minimum operating voltage for the ucx844 is 11 v and 8.2 v for the ucx845. output these devices contain a single totem pole output stage that was specifically designed for direct drive of power mosfets. it is capable of up to 1.0 a peak drive current and has a typical rise and fall time of 50 ns with a 1.0 nf load. additional internal circuitry has been added to keep the output in a sinking mode whenever and undervoltage lockout is active. this characteristic eliminates the need for an external pulldown resistor. the so14 surface mount package provides separate pins for v c (output supply) and power ground. proper implementation will significantly reduce the level of switching transient noise imposed on the control circuitry. this becomes particularly useful when reducing the i pk(max) clamp level. the separate v c supply input allows the designer added flexibility in tailoring the drive voltage independent of v cc. a zener clamp is typically connected to this input when driving power mosfets in systems where v cc is greater the 20 v. figure 22 shows proper power and control ground connections in a current sensing power mosfet application. reference the 5.0 v bandgap reference is trimmed to 1.0% tolerance at t j = 25 c on the uc284x, and 2.0% on the uc384x. its primary purpose is to supply charging current to the oscillator timing capacitor. the reference has short circuit protection and is capable of providing in excess of 20 ma for powering additional control system circuitry. design considerations do not attempt to construct the converter on wirewrap or plugin prototype boards. high frequency circuit layout techniques are imperative to prevent pulsewidth jitter. this is usually caused by excessive noise pickup imposed on the current sense or voltage feedback inputs. noise immunity can be improved by lowering circuit impedances at these points. the printed circuit layout should contain a ground plane with lowcurrent signal and highcurrent switch and output grounds returning on separate paths back to the input filter capacitor. ceramic bypass capacitors (0.1 m f) connected directly to v cc , v c , and v ref may be required depending upon circuit layout. this provides a low impedance path for filtering the high frequency noise. all high current loops should be kept as short as possible using heavy copper runs to minimize radiated emi. the error amp compensation circuitry and the converter output voltage divider should be located close to the ic and as far as possible from the power switch and other noise generating components. figure 17. external clock synchronization figure 18. external duty cycle clamp and multiunit synchronization the diode clamp is required if the sync amplitude is large enough to cause the bottom side of ct to go more than 300 mv below ground. external sync input 47 5(9) r r bias osc v ref r t 8(14) 4(7) 2(3) 1(1) 0.01 c t 2r r ea + + 5(9) r r bias osc 8(14) 4(7) 2(3) 1(1) 2r r ea + + 7 5.0k 3 8 6 5 1 c r s mc1455 2 r a + + 4 q 5.0k 5.0k r b to additional ucx84xa's f = 1.44 (r a + 2r b )c d max = r b r a + 2r b
uc3844, 45 uc2844, 45 10 motorola analog ic device data figure 19. adjustable reduction of clamp level figure 20. softstart circuit figure 21. adjustable buffered reduction of clamp level with softstart figure 22. current sensing power mosfet virtually lossless current sensing can be achieved with the implement of a sensefet power switch. for proper operation during over current conditions, a reduction of the i pk(max) clamp level must be implemented. refer to figures 19 and 21. 5(9) r r bias osc 8(14) 4(7) 2(3) 1(1) 2r r ea + + q1 r s 3(5) 5(8) 1.0v r s q comp/latch 5.0v ref v clamp v in v cc 7(11) 6(10) + + + + 7(12) + r 1 r 2 r 2 v clamp 1.67 + 1 + 0.33 x 10 3 i pk(max) v clamp r s where: 0 v clamp 1.0 v r2 r1 1.0ma r 1 r 1 + r 2 5(9) r r bias osc 8(14) 4(7) 2(3) 1(1) 2r r ea + + 1.0v r s q 5.0v ref + + + c t softstart  3600c in m f 1.0ma 5(9) r r bias osc 8(14) 4(7) 2(3) 1(1) 2r r ea + + q1 r s 3(5) 5(8) 1.0v r s q comp/latch 5.0v ref v clamp v in v cc 7(11) 6(10) + + + + 7(12) + mpsa63 r1 r2 c t softstart = in 1 v c r 1 r 2 c r 2 v clamp 1.67 + 1 i pk(max) v clamp r s where: 0 v clamp 1.0 v 1.0ma r 1 3v clamp r 1 + r 2 r s 1/4 w (5) (8) r s q comp/latch 5.0v ref v in v cc (11) (10) + + + + (12) + power ground to input source return v pin 5 if: sensefet = mtp10n10m r s = 200 then: v pin 5 = 0.075 i pk sensefet r s i pk r ds(on) m g d s k control circuitry ground: to pin (9) r dm(on) + r s + 0.33 x 10 3 r 1 r 2 r 1 + r 2 figure 23. current waveform spike suppression the addition of the rc filter will eliminate instability caused by the leading edge spike on the current waveform. q1 r s 3(5) 5(8) r s q comp/latch 5.0v ref v in v cc 7(11) 6(10) + + + + 7(12) + r c t 1.0m t t t t
uc3844, 45 uc2844, 45 11 motorola analog ic device data the mcr101 scr must be selected for a holding of less than 0.5 ma at t a(min) . the simple two transistor circuit can be used in place of the scr as shown. all resistors are 10 k. figure 24. mosfet parasitic oscillations figure 25. bipolar transistor drive figure 26. isolated mosfet drive figure 27. latched shutdown figure 28. error amplifier compensation the totempole output can furnish negative base current for enhanced transistor turnoff, with the addition of capacitor c 1 . error amp compensation circuit for stabilizing any currentmode topology except for boost and flyback converters operating with continuous inductor current. error amp compensation circuit for stabilizing currentmode boost and flyback topologies operating with continuous inductor current. series gate resistor r g will damp any high frequency parasitic oscillations caused by the mosfet input capacitance and any series wiring inductance in the gatesource circuit. q1 r s 3(5) 5(8) r s q comp/latch 5.0v ref v in v cc 7(11) 6(10) + + + + 7(12) + r g q1 r s 3(5) 5(8) v in 6(1) c 1 i b + 0 base charge removal q1 3(5) 5(8) r s q comp/latch 5.0v ref v in v cc 7(11) 6(10) + + + + 7(12) + n p r c r s n s isolation boundary v gs waveforms + 0 + 0 i pk = v (pin 1) 1.4 3 r s n p n s 50% dc 25% dc 5(9) r r bias osc 8(14) 4(7) 2(3) 1(1) 2r r ea + + 1.0ma 2n 3903 2n 3905 mcr 101 5(9) 2(3) 1(1) 2r r ea + + 1.0ma c i r f r i r d from v o 2.5v 5(9) 2(3) 1(1) 2r r ea + + 1.0ma c p c i r f from v o r p r d r i 2.5v t r f 8.8 k t
figure 29. 27 watt offline flyback regulator t1 primary: 45 turns # 26 awg t1 secondary 12 v: 9 turns # 30 awg t1 (2 strands) bifiliar wound t1 secondary 5.0 v: 4 turns (six strands) t1 #26 hexfiliar wound t1 secondary feedback: 10 turns #30 awg t1 (2 strands) bifiliar wound t1 core: ferroxcube ec353c8 t1 bobbin: ferroxcube ec35pcb1 t1 gap 0.01o for a primary inductance of 1.0 mh l1 15 m h at 5.0 a, coilcraft z7156. l2, l3 25 m h at 1.0 a, coilcraft z7157. comp/latch s r q 1n4935 1n4935 5.0v ref bias osc + + 47 100 ea + + 7(12) l1 5.0v/4.0a 2200 1000 + mur110 mbr1635 1000 1000 10 ++ + l2 5.0v rtn 12v/0.3a 1n4937 l3 mur110 12v rtn 12v/0.3a t1 1.0k 470pf 3(5) 5(8) 6(10) 7(11) 22 w 1n4937 2.7k 3300pf 4.7k 56k 250 + 115vac 4.7 w mda 202 68 5(9) + 1(1) 2(3) 4(7) 33k 0.01 1.0nf 18k 4.7k mtp 4n50 8(14) 10 + + 680pf 0.5 w 150k 100pf + + + + 1n5819 t uc3844, 45 uc2844, 45 12 motorola analog ic device data test conditions results line regulation: 5.0 v 12 v v in = 95 vac to 130 vac d = 50 mv or 0.5% d = 24 mv or 0.1% load regulation: 5.0 v 12 v v in = 115 vac, i out = 1.0 a to 4.0 a v in = 115 vac, i out = 100 ma to 300 ma d = 300 mv or 3.0% d = 60 mv or 0.25% output ripple: 5.0 v 12 v v in = 115 vac 40 mv pp 80 mv pp efficiency v in = 115 vac 70% all outputs are at nominal load currents, unless otherwise noted.
uc3844, 45 uc2844, 45 13 motorola analog ic device data + + internal bias reference regulator oscillator s r q v ref uvlo 3.6v 34v 7(12) v in = 15v 7(11) 6(10) 5(8) 3(5) + 0.5ma error amplifier 1(1) 2(3) 4(7) 8(14) 5(9) 10k 1.0nf pwm latch current sense comparator r r 2r r 1.0v the capacitor's equivalent series resistance must limit the drive output current to 1.0 a. an additional series resistor may be required when using tantalum or other low esr capacitors. the converter's output can provide excellent line and load regulation by connecting the r2/r1 resistor divider as shown. t + + + + v cc uvlo 2.5v uc3845 + 47 1n5819 + 15 10 1n5819 connect to pin 2 for closed loop operation. + 47 r2 r1 v o  2 (v in ) v o = 2.5 + 1 r2 r2 output load regulation (open loop configuration) i o (ma) v o (v) 0 2 9 18 36 29.9 28.8 28.3 27.4 24.4 figure 30. stepup charge pump converter + + internal bias reference regulator oscillator s r q v ref uvlo 3.6v 34v 7(12) v in = 15v 7(11) 6(10) 5(8) 3(5) + 0.5ma error amplifier 1(1) 2(3) 4(7) 8(14) 5(9) 10k 1.0nf pwm latch current sense comparator r r 2r r 1.0v the capacitor's equivalent series resistance must limit the drive output current to 1.0 a. an additional series resistor may be required when using tantalum or other low esr capacitors. t + + + + v cc uvlo 2.5v uc3845 + 47 + 15 10 1n5819 + 47 v o  (v in ) output load regulation i o (ma) v o (v) 0 2 9 18 32 14.4 13.2 12.5 11.7 10.6 1n5819 figure 31. voltageinverting charge pump converter
uc3844, 45 uc2844, 45 14 motorola analog ic device data outline dimensions n suffix plastic package case 62605 issue k d suffix plastic package case 751a03 (so14) issue f notes: 1. dimension l to center of lead when formed parallel. 2. package contour optional (round or square corners). 3. dimensioning and tolerancing per ansi y14.5m, 1982. 14 5 8 f note 2 a b t seating plane h j g d k n c l m m a m 0.13 (0.005) b m t dim min max min max inches millimeters a 9.40 10.16 0.370 0.400 b 6.10 6.60 0.240 0.260 c 3.94 4.45 0.155 0.175 d 0.38 0.51 0.015 0.020 f 1.02 1.78 0.040 0.070 g 2.54 bsc 0.100 bsc h 0.76 1.27 0.030 0.050 j 0.20 0.30 0.008 0.012 k 2.92 3.43 0.115 0.135 l 7.62 bsc 0.300 bsc m 10 10 n 0.76 1.01 0.030 0.040  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions a and b do not include mold protrusion. 4. maximum mold protrusion 0.15 (0.006) per side. 5. dimension d does not include dambar protrusion. allowable dambar protrusion shall be 0.127 (0.005) total in excess of the d dimension at maximum material condition. a b g p 7 pl 14 8 7 1 m 0.25 (0.010) b m s b m 0.25 (0.010) a s t t f r x 45 seating plane d 14 pl k c j m  dim min max min max inches millimeters a 8.55 8.75 0.337 0.344 b 3.80 4.00 0.150 0.157 c 1.35 1.75 0.054 0.068 d 0.35 0.49 0.014 0.019 f 0.40 1.25 0.016 0.049 g 1.27 bsc 0.050 bsc j 0.19 0.25 0.008 0.009 k 0.10 0.25 0.004 0.009 m 0 7 0 7 p 5.80 6.20 0.228 0.244 r 0.25 0.50 0.010 0.019  motorola reserves the right to make changes without further notice to any products herein. motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. atypicalo parameters which may be provided in motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. motorola does not convey any license under its patent rights nor the rights of others. motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the motorola product could create a situation where personal injury or death may occur. should buyer purchase or use motorola products for any such unintended or unauthorized application, buyer shall indemnify and hold motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that motorola was negligent regarding the design or manufacture of the part. motorola and are registered trademarks of motorola, inc. motorola, inc. is an equal opportunity/affirmative action employer. how to reach us: usa / europe / locations not listed : motorola literature distribution; japan : nippon motorola ltd.; tatsumispdjldc, 6f seibubutsuryucenter, p.o. box 20912; phoenix, arizona 85036. 18004412447 or 6023035454 3142 tatsumi kotoku, tokyo 135, japan. 038135218315 mfax : rmfax0@email.sps.mot.com touchtone 6 022446609 asia / pacific : motorola semiconductors h.k. ltd.; 8b tai ping industrial park, internet : http://designnet.com 51 ting kok r oad, tai po, n.t., hong kong. 85226629298 uc3844/d  ?


▲Up To Search▲   

 
Price & Availability of UC3844-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X