|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
1. configuration & dimensions : 3. electrical characteristics ( @ 25c ) : superworld electronics (s) pte ltd 2. schematic : ST7-30 (f) series power transformer pg. 1 note : specifications subject to change without notice. please check our website for latest information. 15.01.2008 gram 510 c 46.99 (1.850) b a 10.16 (.400) 10.16 (.400) none optional mtg. screw & nut* unit : mm (inch) 40.50 h (1.600) l va 66.68 (2.625) w 55.58 (2.188) size 7 36 ---- ml ---- pcb pattern a b a 30.48 (1.200) 46.49 (1.830) 7 8 6 5 1.041 (0.041) 4 3 2 1 l h a b a 7.11 (0.28) 6 c w ml 6 pin type st 115vac 60hz 5 7 8 4 1 clearance hole for optional mtg screw and nut pc terminal " " indicates polarity k. core size j. temperature rise ei-66 x 16.00 m/m . less than 60 deg c . ac 2500v 60hz 1 minutes . dc 500v 100meg ohm of more . = - ohm . secondary = - ohm . i. withstand voltage (hi-pot) h. insulation resistance pin 7-8 parallel 15.00v . primary = 22.50 ohm . g. dc resistance pin 1-4 pin 5-6 series 30.00v . f. full load secondary voltage (5%) less than 390ma . e. full load primary current parallel 2.4a . series 1.2a . d. secondary load current parallel ac 18.10v . series ac 36.20v . c. secondary voltage (5%) less than 60ma . b. no load primary current ac 115 v 60 hz . a. primary voltage
|
Price & Availability of ST7-30 |