Part Number Hot Search : 
NJU3504 RZ3538A FR101 BH5510KV N33T1G B0515 A3031 AN792
Product Description
Full Text Search
 

To Download ST7-120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. configuration & dimensions : 3. electrical characteristics ( @ 25c ) : superworld electronics (s) pte ltd 2. schematic : ST7-120 (f) series power transformer pg. 1 note : specifications subject to change without notice. please check our website for latest information. 15.01.2008 gram 510 c 46.99 (1.850) b a 10.16 (.400) 10.16 (.400) none optional mtg. screw & nut* unit : mm (inch) 40.50 h (1.600) l va 66.68 (2.625) w 55.58 (2.188) size 7 36 ---- ml ---- pcb pattern a b a 30.48 (1.200) 46.49 (1.830) 7 8 6 5 1.041 (0.041) 4 3 2 1 l h a b a 7.11 (0.28) 6 c w ml 6 pin type st 115vac 60hz 5 7 8 4 1 clearance hole for optional mtg screw and nut pc terminal " " indicates polarity k. core size j. temperature rise ei-66 x 16.00 m/m . less than 60 deg c . ac 2500v 60hz 1 minutes . dc 500v 100meg ohm of more . = - ohm . secondary = - ohm . i. withstand voltage (hi-pot) h. insulation resistance pin 7-8 parallel 60.00v . primary = 22.50 ohm . g. dc resistance pin 1-4 pin 5-6 series 120.00v . f. full load secondary voltage (5%) less than 390ma . e. full load primary current parallel 0.6a . series 0.3a . d. secondary load current parallel ac 73.10v . series ac 146.20v . c. secondary voltage (5%) less than 60ma . b. no load primary current ac 115 v 60 hz . a. primary voltage


▲Up To Search▲   

 
Price & Availability of ST7-120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X