Part Number Hot Search : 
MPSA92 123M0 CL2ZF IX2701 BCW29R 12001 24M05 VX27T
Product Description
Full Text Search
 

To Download P1086 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  P1086 vishay siliconix document number: 70259 s-04030?rev. e, 04-jun-01 www.vishay.com 9-1 p-channel jfet  
 v gs(off) max (v) r ds(on) max (  ) i d(off) typ (pa) t on typ (ns) 10 75 ?10 25        low on-resistance?<75   fast switching?t on : 25 ns  high off-isolation?i d(off) : ?10 pa  low capacitance: 5 pf  low insertion loss  low error voltage  high-speed analog circuit performance  negligible ?off-error,? excellent accuracy  good frequency response  eliminates additional buffering  analog switches  choppers  sample-and-hold  normally ?on? switches  current limiters   the P1086 is a p-channel analog switch designed to provide low on-resistance and fast switching. this device is optimized for use in complementary switching applications with the vishay siliconix j/sst111 series. the P1086 device is available in various lead forms and tape-and-reel for automated assembly (see packaging information). to-226aa (to-92) top view s g d 1 2 3  


  gate-drain voltage 30 v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . gate-source voltage 30 v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . gate current ?50 ma . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . storage temperature ?55 to 150  c . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . operating junction temperature ?55 to 150  c . . . . . . . . . . . . . . . . . . . . . . . . . . lead temperature ( 1 / 16 ? from case for 10 sec.) 300  c . . . . . . . . . . . . . . . . . . . power dissipation a 350 mw . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . notes a. derate 2.8 mw/  c above 25  c
P1086 vishay siliconix www.vishay.com 9-2 document number: 70259 s-04030 ? rev. e, 04-jun-01          limits parameter symbol test conditions min typ a max unit static gate-source breakdown voltage v (br)gss i g = 1  a , v ds = 0 v 30 45 gate-source cutoff voltage v gs(off) v ds = ? 15 v, i d = ? 1  a 10 v saturation drain current b i dss v ds = ? 20 v, v gs = 0 v ? 10 ma v gs = 15 v, v ds = 0 v 0.01 2 gate reverse current i gss t a = 85  c 0.6 gate operating current i g v dg = ? 15 v, i d = ? 1 ma 0.01 na v gs = 12 v ? 0.01 drain cutoff current i d(off) v ds = ? 15 v v gs = 7 v ? 0.01 ? 10 t a = 85  c ? 0.001 ? 0.5  a drain-source on-resistance r ds(on) v gs = 0 v, i d = ? 1 ma 75  gate-source forward voltage v gs(f) v ds = 0 v, i g = ? 1 ma ? 0.7 v dynamic common-source forward transconductance g fs v ds = ? 15 v, i d = ? 1 ma 4.5 ms common-source output conductance g os v ds = ? 15 v, i d = ? 1 ma f = 1 khz 20  s drain-source on-resistance r ds(on) v gs = 0 v, i d = 0 ma , f = 1 khz 75  common-source input capacitance c iss v ds = ? 15 v, v gs = 0 v f = 1 mhz 20 45 common-source reverse transfer capacitance c rss v ds = 0 v, v gs = 10 v, f = 1 mhz 5 10 pf equivalent input noise voltage e n v dg = ? 10 v, i d = ? 1 ma f = 1 khz 20 nv ? hz switching t d(on) 10 15 turn-on time t r v gs(l) = 0 v, v gs(h) = 10 v 15 20 t d(off) v gs(l) = 0 v, v gs(h) = 10 v see switching circuit 10 15 ns turn-off time t f 20 50 notes a. typical values are for design aid only, not guaranteed nor subject to production testing. pscia b. pulse test: pw  300  s duty cycle 3%.
P1086 vishay siliconix document number: 70259 s-04030 ? rev. e, 04-jun-01 www.vishay.com 9-3             200 06810 4 2 160 0 ? 100 ? 80 ? 60 ? 40 ? 20 0 on-resistance and drain current vs. gate-source cutoff voltage v gs(off) ? gate-source cutoff voltage (v) r ds @ i d = ? 1 ma, v gs = 0 v i dss @ v ds = ? 15 v, v gs = 0 v i dss r ds 120 80 40 18 0 15 12 9 6 3 6810 2 250 200 150 100 50 0 forward transconductance and output conductance vs. gate-source cutoff voltage v gs(off) ? gate-source cutoff voltage (v) g fs and g os @ v ds = ? 15 v v gs = 0 v, f = 1 khz g fs g os 4 output characteristics ? drain current (ma) i d v ds ? drain-source voltage (v) 1.0 v 0.5 v 1.5 v 2.0 v ? 25 0 ? 12 ? 16 ? 20 ? 20 ? 15 ? 10 ? 5 0 ? 8 ? 4 v gs(off) = 3 v v gs = 0 v output characteristics ? drain current (ma) i d v ds ? drain-source voltage (v) 1.5 v 2.0 v ? 2 0 ? 0.3 ? 0.4 ? 0.5 ? 1.6 ? 1.2 ? 0.8 ? 0.4 0 ? 0.2 ? 0.1 v gs(off) = 3 v v gs = 0 v 250 200 150 100 50 0 ? 1 ? 10 ? 100 on-resistance vs. drain current i d ? drain current (ma) t a = 25  c v gs(off) = 1.5 v 3 v 5 v 300 ? 55 25 125 0 ? 15 85 on-resistance vs. temperature t a ? temperature (  c) v gs(off) = 1.5 v 3 v 5 v i d = ? 1 ma r ds changes x 0.7%/  c 240 180 120 60 ? 35 5 45 65 105 0.5 v 1.0 v s) g os ? output conductance (  r ds(on) ? drain-source on-resistance ( ? ) i dss ? saturation drain current (ma) g fs ? forward transconductance (ms) r ds(on) ? drain-source on-resistance ( ? ) r ds(on) ? drain-source on-resistance ( ? )
P1086 vishay siliconix www.vishay.com 9-4 document number: 70259 s-04030 ? rev. e, 04-jun-01             20 0 ? 9 ? 12 ? 6 ? 3 ? 15 16 12 8 4 0 turn-on switching turn-off switching v gs(off) ? gate-source cutoff voltage (v) i d ? drain current (ma) t r approximately independent of i d v dd = ? 10 v, r g = 220  v gs(h) = 10 v, v gs(l) = 0 v t on @ i d = ? 10 ma t d(off) v gs(off) = 1.5 v t f v gs(off) = 1.5 v t on @ i d = ? 5 ma v dd = ? 10 v, v gs(h) = 10 v, v gs(l) = 0 v 50 05 40 20 10 0 30 1234 t r @ i d = ? 5 ma 5 v 5 v switching time (ns) switching time (ns) capacitance vs. gate-source voltage gate leakage current capacitance (pf) v gs ? gate-source voltage (v) v dg ? drain-gate voltage (v) v ds = 0 v f = 1 mhz c iss c rss t a = 125  c t a = 25  c ? 10 ma 10 na 100 pa 100 na 1 na ? gate leakage i g 10 pa 1 pa 0.1 pa 30 01216 820 24 12 6 0 0 ? 40 ? 20 ? 10 ? 50 18 4 ? 30 i gss @ 125  c i gss @ 25  c i d = ? 10 ma 10 100 1 k 100 k 10 k 100 10 1 transfer characteristics noise voltage vs. frequency f ? frequency (hz) v ds = ? 15 v t a = ? 55  c 125  c v ds = ? 10 v i d = ? 0.1 ma ? 1 ma ? drain current (ma) i d v gs ? gate-source voltage (v) ? 40 0345 ? 32 ? 16 ? 8 0 ? 24 12 v gs(off) = 3 v ? 1 ma 25  c e n ? noise voltage nv / hz ? 1 ma
P1086 vishay siliconix document number: 70259 s-04030 ? rev. e, 04-jun-01 www.vishay.com 9-5 
  v dd ? 6 v v gg 12 v r l * 1800  r g * 220  i d(on) ? 3 ma *non-inductive input pulse sampling scope rise time < 1 ns rise time 0.4 ns fall time < 1 ns input resistance 10 m  pulse width 100 ns input capacitance 1.5 pf prf 1 mhz 7.5 k  51  1.2 k  51  51  1.2 k  0.1 mf sampling scope v gg v dd r g v gs(h) v gs(l) r l


▲Up To Search▲   

 
Price & Availability of P1086

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X