Part Number Hot Search : 
MM5Z10V 5KE40 LM7824T MP3501G BF547 00BGC EBS24A PAC7302
Product Description
Full Text Search
 

To Download MMBZ5234B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  micro commercial corp. 21201 itasca st. chatsworth, ca 91311 phone: (818) 701-4933 fax: (818) 701-4939 mmbz5221 b thru mmbz52 59 b 41 0 mw zener diode 2.4 to 39 v o lts features ? wide voltage range available ? small outline package for space savings ? high temp soldering: 250 c for 10 seconds at terminals ? surface mount package ? o pe r ating ju nct io n t e m pe r atu r e: - 55 c to +15 0 c ? sto r age t e m pe r atu r e: - 55 c to +15 0 c ? 5 0 0 m w att dc po w er di s s i pation suggested solder pad layout . 10 2 2. 60 inches mm .03 5 . 9 00 .0 5 5 1. 4 0 .03 5 . 88 0 .03 5 . 88 0 dimensions inches mm dim min max min max note a .110 .1 19 2.80 3.0 0 b .0 86 . 103 2. 2 0 2.6 0 c .047 .05 6 1.20 1.40 d .03 3 .041 . 85 1.0 5 e .0 66 .08 3 1.7 0 2. 10 f -- - .0 06 -- - . 15 g .0 35 .0 44 . 90 1. 10 h .0 02 .0 06 . 05 .1 5 j .0 1 3 .0 20 . 35 . 50 k . 007 -- - . 20 -- - a b c d e f g sot-23 www. mccsemi .com maximum ratings mcc j *pin configuration - top view maximum ratings @ 25 o c unless otherwise specified zener current i f 1 00 ma maximum forward voltage v f 1 . 2 v power dissipation ( n o t e s a ) p (av) 4 1 0 mwatt pe ak f o r w ar d s ur ge i f sm 4 . 0 a mps notes: a. mounted on 5.0mm2(.013mm thick) l a nd ar e a s . b. me a sured on 8.3ms, single ha l f sine-wave or equivalent c ur rent (not e s b) square wave, duty cycle = 4 pulses per minute maximum . h k
mmbz5221 b t h ru mmbz52 59b electrical characteristics @ 25 o c unless otherwise specified normal zener voltage vz@ izt test current izt maximum zener impedance ?b? suffix only zzt @ izt zzk @ izk=0.25ma maximum reverse leakage current ir @ vr maximum zener voltage temp coefficient ?b? suffix only mcc part number marking volts ma ohms ohms ua volts %/ o c mmbz5221 b c1 2.4 20 30 1200 100 1.0 - 0.085 mmbz5222 b c2 2.5 20 30 1250 100 1.0 - 0.085 mmbz5223 b c3 2.7 20 30 1300 75 1.0 - 0.080 mmbz5225 b c5 3.0 20 29 1600 50 1.0 - 0.075 mmbz5226 b d1 3.3 20 28 1600 25 1.0 - 0.070 mmbz522 7 b d2 3.6 20 24 1700 15 1.0 - 0.065 mmbz5228 b d3 3.9 20 23 1900 10 1.0 - 0.060 mmbz5229 b d4 4.3 20 22 2000 5.0 1.0 0.055 mmbz5230 b d5 4.7 20 19 1900 5.0 2.0 0.030 mmbz5231 b e1 5.1 20 17 1600 5.0 2.0 0.030 mmbz5232 b e2 5.6 20 11 1600 5.0 3.0 +0.038 mmbz5234 b e4 6.2 20 7.0 1000 5.0 4.0 +0.045 mmbz5235 b e5 6.8 20 5.0 750 3.0 5.0 +0.050 mmbz5236 b f1 7.5 20 6.0 500 3.0 6.0 +0.058 mmbz5237 b f2 8.2 20 8.0 500 3.0 6.5 +0.062 mmbz5239 b f4 9.1 20 10 600 3.0 7.0 +0.068 mmbz5240 b f5 10 20 17 600 3.0 8.0 +0.075 mmbz5241 b h1 11 20 22 600 2.0 8.4 +0.076 mmbz5242 b h2 12 20 30 600 1.0 9.1 +0.077 mmbz5243 b h3 13 9.5 13 600 0.5 9.9 +0.079 mmbz5245 b h5 15 8.5 16 600 0.1 11 +0.082 mmbz5246 b j1 16 7.8 17 600 0.1 12 +0.083 mmbz5248 b j3 18 7.0 21 600 0.1 14 +0.085 mmbz5250 b j5 20 6.2 25 600 0.1 15 +0.086 mmbz5251 b k1 22 5.6 29 600 0.1 17 +0.087 mmbz5252 b k2 2 4 5.2 33 600 0.1 18 +0.088 mmbz5254 b k4 27 4.6 41 600 0.1 21 +0.090 ww w . mccs b emi .com mmbz5255 b k5 28 4.5 44 600 0.1 21 +0.091 mmbz5256 b m1 30 4.2 49 600 0.1 23 +0.091 mmbz5257 b m2 33 3.8 58 700 0.1 25 +0.092 mmbz5258 b m3 36 3.4 70 700 0.1 27 +0.093 mmbz5259 b m4 39 3 .2 80 800 0.1 30 +0.094 mcc note: 1.tolerance and type number designation. the type numbers listed have a standard tolerance on the nominal zener voltage of 5%. 2.specials available include: a. nominal zener voltages between the voltages shown and tighter voltage tolerances. b. matched sets. 3.zener voltage (v z ) measurement. guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature (t l ) at 30 o c, from the diode body. 4. zener impedance (z z ) derivation. the zener impedance is derived from the 60 cycle ac voltage, which results when an ac current having an rms value equal to 10% of the dc zener current (i zt or i zk ) is superimposed on i zt or i zk . 5. surge current (i r ) non-repetitive. the rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, i zt , per jedec registration; however, actual device capability is as described in figure 5.
mmbz5221 b th ru mmbz52 59b www. mccsemi .com mcc typical reverse current tempera ture c oefficient ,mv / c) o nominal zener voltage, volts -1 0 1 2 3 4 5 6 7 8 12 11 10 98765432 -2 -3 steady state power derating effect of zener voltage on zener impedance 100101 1000 100 10 1 i z =1ma 5ma 20 ma dynamic impedance,  normal zener voltage, volts t j =25 c o i z(ac)=0.1 i f=1 khz z(dc) for w ard c urrent ,m a typical forward voltage forward voltage, volts 1.21.11.00.90.80.70.60.50.4 1000 100 10 1 75 c o 5c o 25 c o 150 c o typical capacitance 100 1000 100 10 1 101 bias at 50% of v z nom 0 v bias 1 v bias cap acit ance, pf nominal zener voltage, volts t =25 c a o 100 10 1 nominal zener voltage, volts tempera ture c oefficient ,mv / c) o 10 100 temperature ( c) o power d issip a tion, w atts steady state power derating 1.2 1.0 0.8 0.6 0.4 0.2 0 150125100755025 p dv . s .t a 155
mmbz5221b th ru mmbz52 59b mcc www. mccsemi .com zener voltage v.s. zener current typical leakge current 90 1000 100 10 1 0.1 0.01 0.001 0.0001 0.00001 80706050403020100 leakage current ( a)  nominal zener voltage, vlots +150 c o +25 c o -55 c o 12 100 10 1 0.1 0.01 1086420 zener current ,m a zener voltage, volts t =25 c a o 100 10 1 0.1 0.01 10 30 50 70 90 t =25 c a o zener voltage, volts zener voltage v.s. zener current zener current ,m a


▲Up To Search▲   

 
Price & Availability of MMBZ5234B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X