Part Number Hot Search : 
EVALZ KBP203 CDBUR43 MC3340P FMM5829X 6953B 5KP40 CDBUR43
Product Description
Full Text Search
 

To Download MMAD1108 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  switching diode a rray steering diode tvs array? www. microsemi . com scottsdale division MMAD1108 and MMAD1108e3 MMAD1108, e3 description appearance these low capacitance diode arrays are multiple, discrete, isolated junctions fabricated by a planar process and mounted in a 16-pin package for use as steering diodes protecting up to eight i/o ports from esd, eft, or surge by directing them either to the positive side of the power supply line or to ground (see figure 1). an external tvs diode may be added between the positive supply line and gr ound to prevent overvoltage on the supply rail. they may also be used in fast switching core-driver applications. this includes computers and peripheral equipment such as magnetic cores, thin-film memories, plated-wire memories, etc., as well as decoding or encoding applications. t hese arrays offer many advantages of integrated circuits such as high-dens ity packaging and improved reliability. this is a result of fewer pick and place operations, smaller footprint, smaller weight, and elimination of various di screte packages that may not be as user friendly in pc board mounting. th ey are available with either tin-lead plating terminations or as rohs compliant with annealed matte-tin finish by adding an ?e3? suffix to the part number. top viewing pin layout important: for the most current data, consult microsemi?s website: http://www.microsemi.com microsemi scottsdale division page 1 copyright ? 2005 6-28-2005 rev l features applications / benefits ? 8 diode array / protects 8 lines ? low capacitance steering diode protection for high frequency data lines ? molded 16-pin dual-in-line package ? rs-232 & rs-422 interface networks ? ul 94v-0 flammability classification ? ethernet: 10 base t ? low capacitance 1.5 pf per diode ? computer i / o ports ? switching speeds less than 5 ns ? lan ? rohs compliant devices available by adding ?e3? suffix ? switching core drivers ? iec 61000-4 compatible 61000-4-2 (esd): air 15kv, contact ? 8 kv 61000-4-4 (eft): 40a ? 5/50 ns 61000-4-5 (surge): 12a, 8/20 s maximum ratings mechanical and packaging ? case: void-free transfer molded thermosetting epoxy body meeting ul94v-0 flammability classification ? operating temperatur e: -55c to +150c ? storage temperature: -55c to +150c ? forward surge current: 2 amps (8.3 ms) ? terminals: tin-lead or rohs compliant annealed matte-tin plating solderable per mil-std- 750 method 2026 12 amps (8/20 s ) ? continuous forward current: 400 ma (one diode) ? power dissipation (p d ): 1500 mw (total) ? marking: msc logo, MMAD1108 or MMAD1108e3 and date code. pin #1 is to the left of the dot or indent on top of package ? solder temperature: 260c for 10 s (maximum) ? weight: 0.127 grams (approximate) ? tape & reel packaging: 2500 pcs (standard) ? carrier tube packaging: 48 pcs electrical ch aracteristics per line @ 25c unless otherwise specified reverse recovery working leakage capacitance forward forward leakage breakdown peak current voltage voltage current voltage time reverse i c v v i v br r r f f t voltage @ 0 v @ i br =100a t = 25 c t = 150 c i = 10 ma i = 100 ma v v rwm v a a a a pf rr ns f v f v part number max @v typ max max max min max max @v r r MMAD1108 90 75 0.200 20 300 20 1.5 5.0 1.00 1.20 MMAD1108e3 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503
switching diode a rray steering diode tvs array? www. microsemi . com scottsdale division MMAD1108 and MMAD1108e3 MMAD1108, e3 symbols & definitions microsemi scottsdale division page 2 copyright ? 2005 6-28-2005 rev l i/o port su pp l y rail ( +v cc ) symbol definition v br minimum breakdown voltage: the minimum voltage the device will exhibit at a specified current. working peak reverse voltage: the maximum peak voltage that can be appl ied over the operating temperature range. v rwm v maximum forward voltage: the maximum forward volt age the device will exhibit at a specified current. f maximum leakage current: the maximum leakage current that will flow at t he specified voltage and temperature. i r capacitance: the capacitance of the tvs as defin ed @ 0 volts at a frequency of 1 mhz and stated in picofarads. c outline and circuit gnd (or -v cc ) steering diode application fi g ure 1 inches millimeters max min max dim min a 0.358 0.398 9.09 10.10 b 0.150 0.158 3.81 4.01 c 0.053 0.069 1.34 1.75 d 0.011 0.021 0.28 0.53 f 0.016 0.050 0.41 1.27 g 0.050 bsc 01.27 bsc j 0.006 0.010 0.15 0.25 k 0.004 0.008 0.10 0.20 l 0.189 0.206 4.80 5.23 p 0.228 0.244 5.79 6.19 outline circuit configuration pad layout 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503


▲Up To Search▲   

 
Price & Availability of MMAD1108

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X