Part Number Hot Search : 
LTC24 XP131 1200F LVTH16 03100 DD98N 30DB40 TS27M2M
Product Description
Full Text Search
 

To Download MBRA160T3-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2002 april, 2002 rev. 2 1 publication order number: mbra160t3/d mbra160t3 surface mount schottky power rectifier sma power surface mount package . . . employing the schottky barrier principle in a large area metaltosilicon power diode. state of the art geometry features epitaxial construction with oxide passivation and metal overlay contact. ideally suited for low voltage, high frequency rectification, or as free wheeling and polarity diodes in surface mount applications where compact size and weight are critical to the system. ? small compact surface mountable package with jbent leads ? rectangular package for automated handling ? highly stable oxide passivated junction ? very low forward voltage drop ? guardring for stress protection mechanical characteristics: ? case: epoxy, molded ? weight: 70 mg (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead and mounting surface temperature for soldering purposes: 260 c max. for 10 seconds ? shipped in 12 mm tape, 5000 units per 13 inch reel ? polarity: cathode lead indicated by polarity band ? esd ratings: machine model = c esd ratings: human body model = 3b ? marking: b16 maximum ratings rating symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 60 v average rectified forward current (at rated v r , t c = 105 c) i o 1.0 a nonrepetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 30 a storage/operating case temperature t stg , t c 55 to +150 c operating junction temperature t j 55 to +125 c voltage rate of change (rated v r , t j = 25 c) dv/dt 10,000 v/  s device package shipping ordering information mbra160t3 sma 5000/tape & reel schottky barrier rectifier 1.0 amperes 60 volts marking diagram b16 = device code sma case 403d plastic b16 http://onsemi.com
mbra160t3 http://onsemi.com 2 thermal characteristics characteristic symbol value unit thermal resistance junctiontolead (note 1.) thermal resistance junctiontoambient (note 1.) r q jl r q ja 35 86 c/w electrical characteristics maximum instantaneous forward voltage (note 2.) v f t j = 25 c t j = 125 c volts maximum instantaneous forward voltage (note 2 . ) (i f = 1.0 a) 0.510 0.475 maximum instantaneous reverse current i r t j = 25 c t j = 125 c ma maximum instantaneous reverse current (v r = 60 v) 0.2 10 1. mounted on 2 square pc board with 1 square total pad size, pc board fr4. 2. pulse test: pulse width 250 m s, duty cycle 2.0%.
mbra160t3 http://onsemi.com 3 figure 1. typical forward voltage 0.1 0.3 0.4 0.7 0.2 0.5 10 0.1 1 i f , instantaneous forward current (amps) v f , instantaneous forward voltage (volts) figure 2. maximum forward voltage 0.1 0.8 0.4 0.6 0.3 0.5 10 0.1 1 v f , instantaneous forward voltage (volts) i f , instantaneous forward current (amps) figure 3. typical reverse current 10 30 02040 1e05 1e04 i r , instantaneous reverse voltage (v) v r , reverse voltage (volts) figure 4. typical capacitance 75 c 25 c 1e03 1e02 125 c 75 c 25 c 10 30 70 02040 20 30 c, capacitance (pf) v r , reverse voltage (volts) 40 50 1e06 0.6 0.8 125 c 60 50 50 60 60 70 80 figure 5. current derating junctiontolead 20 60 04080 0.8 t l , lead temperature ( c) figure 6. forward power dissipation 1.2 1.6 1.8 square wave dc 0.2 0.6 1.8 0 0.4 0.8 0 0.1 p fo , average power dissipation (w) i o , average forward current (amps) 0.2 0.4 120 100 160 1 1.2 0.5 0.8 0.9 i f , average forward current (a) 75 c 25 c 125 c 0.2 0.7 25 c 1.4 1 0.6 140 0.4 0.2 0 1.4 1.6 0.3 0.6 0.7 square wave dc
mbra160t3 http://onsemi.com 4 package dimensions sma case 403d02 issue a sma footprint mm inches 0.157 4.0 0.0787 2.0 0.0787 2.0 s a db k j c h dim min max min max millimeters inches a 0.160 0.180 4.06 4.57 b 0.090 0.115 2.29 2.92 c 0.075 0.095 1.91 2.41 d 0.050 0.064 1.27 1.63 h 0.002 0.006 0.05 0.15 j 0.006 0.016 0.15 0.41 k 0.030 0.060 0.76 1.52 s 0.190 0.220 4.83 5.59 polarity indicator optional as needed notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 403d-01 obsolete, new standard is 403d-02. on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mbra160t3/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com n. american technical support : 8002829855 toll free usa/canada


▲Up To Search▲   

 
Price & Availability of MBRA160T3-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X