Part Number Hot Search : 
CFRM103 AM7947 DG200 J110A C13005 24D300 PD030 D1GD1
Product Description
Full Text Search
 

To Download L78LR0509 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  any and all sanyo products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft?s control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. consult with your sanyo representative nearest you before using any sanyo products described or contained herein in such applications. sanyo assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges,or other parameters) listed in products specifications of any and all sanyo products described or contained herein. monolithic linear ic 150ma, 5v 5-pin voltage regulator with reset function ordering number:enn2622b l78lr05 sanyo electric co.,ltd. semiconductor company tokyo office tokyo bldg., 1-10, 1 chome, ueno, taito-ku, tokyo, 110-8534 japan d1599th (kt)/61093ts/8039yt/5178ta/7067ta, ts no.2622?1/6 package dimensions unit:mm 3103 [l78lr05] 1 : input 2 : delay capacitor 3 : gnd 4 : reset output 5 : output sanyo : tp-5h overview the l78lr05 is voltage regulator ic that performs the re- set signal generating function when the power supply of a microcomputer system is turned on/off. the l78lr05 is convenient for battery backup system at the time of power failure. the reset threshold voltage v rt is ranked as shown below. applications ? prevention of malfunction that may occur when the power supply of a microcomputer is turned on/off. ? measures taken against abnormal operations that may occur at the time of instantaneous break of power supply. ? direct battery backup for sram. features ? 5v, 150ma output. ? capable of generating a microcomputer reset signal. ? no battery-regulator switching circuit required at the bat- tery backup mode (output leakage current : 2 a or less). ? an external capacitor can be used to set the reset output delay time. ? applicable to the power supply of cmos, nmos micro- computers. ? especially suited for use as an on-board regulator for a microcomputer system. ? small-sized power package tp-5h permitting the equip- ment to be made compact. ? the allowable power dissipation can be increased by be- ing surface-mounted on the board. ? capable of being mounted in a variety of methodes be- cause of various lead forming versions available. ? on-chip protectors (overcurrent limiter, aso protector, thermal protector). v t r k n a rbcdefgh v t r ) v (8 . 45 . 42 . 49 . 36 . 33 . 30 . 3 6.5 2.3 0. 5 1.2 0.5 0.5 1.3 1.3 1.3 1.3 0.6 5.0 1.5 5.5 7.0 7.5
l78lr05 no.2622?2/6 operating characteristics at ta = 25 ? c, v in =10v, i out =40ma, c in =1 f, c o =10 f equivalent circuit block diagram specifications maximum ratings at ta = 25 ? c r e t e m a r a pl o b m y ss n o i t i d n o cs g n i t a rt i n u e g a t l o v t u p n i m u m i x a mv n i x a m 5 2v n o i t a p i s s i d r e w o p e l b a w o l l ax a m d p) n i f o n ( 0 . 1w e r u t a r e p m e t g n i t a r e p or p o t 0 8 + o t 0 3 ? e r u t a r e p m e t e g a r o t sg t s t 0 5 1 + o t 5 5 ? ? c ? c operating conditions at ta = 25 ? c r e t e m a r a pl o b m y ss n o i t i d n o cs g n i t a rt i n u e g a t l o v t u p n iv n i 0 2 o t 5 . 7v t n e r r u c t u p t u oi t u o 0 5 1 o t 1a m r e t e m a r a pl o b m y ss n o i t i d n o c s g n i t a r t i n u n i mp y tx a m e g a t l o v t u p t u o v 1 t u o 8 . 40 . 52 . 5v v 2 t u o v 7 v n i a m 1 , v 0 2 i t u o a m 0 75 7 . 45 2 . 5v n o i t a l u g e r e n i l v 1 e n i l o 0 . 65 7v m v 2 e n i l o 0 . 30 5v m n o i t a l u g e r d a o l v 1 d a o l o 0 . 90 6v m v 2 d a o l o 0 . 30 3v m n o i t a p i s s i d t n e r r u ci c c 4 . 14 . 3a m n o i t a i r a v n o i t a p i s s i d t n e r r u c i e n i l c c v 8 v n i v 0 22 1 . 05 . 1a m i d a o l c c a m 1 i t u o a m 0 41 0 . 01 . 0a m e g a t l o v e s i o n t u p t u ov o n z h 0 1 f i , z h k 0 0 1 o a m 1 =0 8v e g a t l o v t u p t u o f o t n e i e i f f e o c e r u t a r e p m e t v t u o / j t 5 . 0 n o i t c e j e r e l p p i rj e r r 9 7b d e g a t l o v t u o p o r dv p o r d 5 . 12 . 2v t n e r r u c t r o h s t u p t u oi c s o 0 5 10 0 30 5 4a m e g a t l o v t u p t u o t e s e r - " h "v h r o 8 . 40 . 52 . 5v e g a t l o v t u p t u o t e s e r - " l "v l r o 0 10 0 2v m e g a t l o v d l o h s e r h t t e s e rv t r 0 6 . 48 . 45 9 . 4v 0 3 . 45 . 45 6 . 4v 0 0 . 42 . 45 3 . 4v 0 7 . 39 . 35 0 . 4v 0 4 . 36 . 35 7 . 3v 0 1 . 33 . 35 4 . 3v 0 8 . 20 . 35 1 . 3v e g a t l o v s i s e r e t s y h d l o h s e r h t t e s e rv h t r 0 50 0 10 0 2v m e m i t y l e d t u p t u o t e s e rt d c d f 1 . 0 =5 . 70 15 . 2 1s m t n e r r u c e g a k a e l n i p t u p t u oi k a e l o v n i v , 0 = o v 6 =1 0 0 . 02a t n e r r u c e g a k a e l n i p t u p t u o t e s e ri k a e l r o v n i v , 0 = r o v 6 =1 0 0 . 02a tj=25 c tj=25 c, 7v v in 20v tj=25 c, 8v v in 20v tj=25 c, 1ma i out 100ma tj=25 c, 1ma i out 40ma tj=25 c, i out =100ma i out =1ma, tj=25 to 125 c tj=25 c, f=120hz, 8v v in 18v tj=25 c tj=25 c tj=25 c tj=25 c, v in =3v, i o =1ma b, tj=25 c c, tj=25 c d, tj=25 c e, tj=25 c f, tj=25 c g, tj=25 c h, tj=25 c mv/ ? c
l78lr05 no.2622?3/6 sample application circuit 1 note 1 : when the capacitance of cd is large, the capacitor may not discharge completely, causing t d to be made shorter than a set value. if this is a problem, either connect a high speed diode (ds442) between pin2 (anode side) and pin5 (cathode side) or ensure an adequate disc harge time by using values for capacitors cin and cd such that cin>cd. note 2 : if a pull-up resistor is connected to the reset output pin externally, it is possible to cause a sink current up to 4m a to flow. reset operation sample application circuit 2 (direct battery backup) since the leakage current at the output pin (pin5) of the l78lr05 is so low as 2 a or less, a backup circuit can be implemented by connectiong an electric double layer capacitor (super capacitor : nec, gold capacitor : matsushita elec- tric) or a ni cd battery direct to the output pin. since a reverse blocking diode, which has been so far connected to the output pin, is not required, a regulated power-supply voltage can be supplied to a load during the steady-state operation, without voltage drop caused by the diode and effects of temperature characteristics, current characteristics of the diode. no battery-regulator switching circuit is required at the battery backup start mode. note 3 : the capacitance of reset output signal delay capacitor c d must exceed that of input capacitor c in . if the capacitance of c d is small, a reset pulse signal may be generated once when the main power source is turned off (at the battery backup start mode).
l78lr05 no.2622?4/6 allowable power dissipation the allowable power dissipation is 1.0v (ta=25 c) with fin attached. when the l78lr05 is surface-mounted on a hybrid ic board or printed circuit board, a high allowable power dissipation can be obtained, though it is placed in a small-sized package. shown below is the relationship between the cu-foiled area the allowable power dissipation when the l78lr05 is surface-mounted on a glass epoxy boad (50 50 0.8mm 3 ). * the measured values of pd represent the values measured when solder on the cu-foiled area is all wet. lead forming ma forming lr forming fa forming
l78lr05 no.2622?5/6
specifications of any and all sanyo products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. sanyo electric co., ltd. strives to supply high-quality high-reliability products. however, any and all semiconductor products fail with some probability. it is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of sanyo electric co. , ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo product that you intend to use. information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. sanyo believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. this catalog provides information as of december, 1999. specifications and information herein are subject to change without notice. l78lr05 ps no.2622?6/6


▲Up To Search▲   

 
Price & Availability of L78LR0509

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X