Part Number Hot Search : 
UFR3020 WR12BF SN65HV UHE0J472 RMH1W L9122 ORD213 SK1502
Product Description
Full Text Search
 

To Download HCF4060BM1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/10 august 2003 n medium-speed operation n common reset n fully static operation n buffered inputs and outputs n quiescent current specified up to 20v n 5v, 10v and 15v parametric ratings n input leakage current i i = 100na (max) at v dd =18vt a = 25c n 100% tested for quiescent current n meets all requirements of jedec jesd13b "standard specifications for description of b series cmos devices" description the hcf4060b is a monolithic integrated circuit fabricated in metal oxide semiconductor technology available in dip and sop packages. the hcf4060b consists of an oscillator section and 14 ripple carry binary counter stages. the oscillator configuration allows design of either rc or crystal oscillator circuits. a reset i nput is provided which reset the counter to the all 0s state and disable oscillator. a high level on the reset line accomplishes the reset function. all counter stages are master slave flip-flops. the state of the counter is advanced one step in binary order on the negative transition of f 1 (and f 0 ). all inputs and outputs are fully buffered. schmitt trigger action on the clock pin permits unlimited clock rise and fall time. hcf4060b 14-stage ripple carry binary counter/divider and oscillator pin connection order codes package tube t & r dip hcf4060bey sop HCF4060BM1 hcf4060m013tr dip sop
hcf4060b 2/10 input equivalent circuit pin description functional diagram logic diagram pin no symbol name and function 1, 2, 3, 4, 5, 6, 7, 13, 14, 15 q 12 ,q 13 ,q 14 , q 6 ,q 5 ,q 7 ,q 4 , q 9 ,q 8 ,q 10 outputs 9, 10, 11 f 0 , f 0 , f 1 oscillator input 12 reset reset 8 v ss negative supply volt- age 16 v dd positive supply volt- age
hcf4060b 3/10 absolute maximum ratings absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditions is not implied. all voltage values are referred to v ss pin voltage. recommended operating conditions symbol parameter value unit v dd supply voltage -0.5 to +22 v v i dc input voltage -0.5 to v dd + 0.5 v i i dc input current 10 ma p d power dissipation per package 200 mw power dissipation per output transistor 100 mw t op operating temperature -55 to +125 c t stg storage temperature -65 to +150 c symbol parameter value unit v dd supply voltage 3to20 v v i input voltage 0 to v dd v t op operating temperature -55 to 125 c
hcf4060b 4/10 dc specifications the noise margin for both "1" and "0" level is: 1v min. with v dd =5v, 2v min. with v dd =10v, 2.5v min. with v dd =15v symbol parameter test condition value unit v i (v) v o (v) |i o | ( m a) v dd (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. i l quiescent current 0/5 5 0.04 5 5 150 m a 0/10 10 0.04 10 10 300 0/15 15 0.04 20 20 600 0/20 20 0.08 100 100 3000 v oh high level output voltage 0/5 <1 5 4.95 4.95 4.95 v 0/10 <1 10 9.95 9.95 9.95 0/15 <1 15 14.95 14.95 14.95 v ol low level output voltage 5/0 <1 5 0.05 0.05 0.05 v 10/0 <1 10 0.05 0.05 0.05 15/0 <1 15 0.05 0.05 0.05 v ih high level input voltage 0.5/4.5 <1 5 3.5 3.5 3.5 v 1/9 <1 10 7 7 7 1.5/13.5 <1 15 11 11 11 v il low level input voltage 4.5/0.5 <1 5 1.5 1.5 1.5 v 9/1 <1 10 3 3 3 13.5/1.5 <1 15 4 4 4 i oh output drive current 0/5 2.5 <1 5 -1.36 -3.2 -1.15 -1.1 ma 0/5 4.6 <1 5 -0.44 -1 -0.36 -0.36 0/10 9.5 <1 10 -1.1 -2.6 -0.9 -0.9 0/15 13.5 <1 15 -3.0 -6.8 -2.4 -2.4 i ol output sink current 0/5 0.4 <1 5 0.44 1 0.36 0.36 ma 0/10 0.5 <1 10 1.1 2.6 0.9 0.9 0/15 1.5 <1 15 3.0 6.8 2.4 2.4 i i input leakage current 0/18 any input 18 10 -5 0.3 0.3 1 m a c i input capacitance any input 5 7.5 pf
hcf4060b 5/10 dynamic electrical characteristics (t amb = 25c, c l = 50pf, r l = 200k w ,t r =t f =20ns) (*) typical temperature coefficient for all v dd values is 0.3%/c, all input rise and fall times= 20 ns. (**) rc oscillator applications are not recommended at supply voltages below 7v for r x <50k w symbol parameter test condition value (*) unit v dd (v) min. typ. max. t tlh t thl output transition time 5 100 200 ns 10 50 100 15 40 80 t plh t phl propagation delay time ( f to q 4 out) 5 370 740 ns 10 150 300 15 100 200 t plh t phl propagation delay time (q n to q n+1 ) 5 100 200 ns 10 50 100 15 40 80 t w input pulse width 5 f = 100 khz 50 100 ns 10 20 40 15 15 30 t r t f input pulse rise and fall time 5 unlimited m s 10 15 f max maximum clock input frequency 5 3.5 7 mhz 10 8 16 15 12 24 reset operation t phl propagation delay time 5 180 360 ns 10 80 160 15 50 100 t w input pulse width 5 60 120 ns 10 30 60 15 20 40 rc operation variation of frequency (unit-to-unit) 5 c x = 200pf, r s = 560k w, r x =50k w 18 21.5 25 khz 10 20 23 26 15 21.1 24 27 variation of frequency with voltage change (same unit) 5to10 c x = 200pf, r s = 560k w, r x =50k w 2 khz 10 to 15 1 r x 5 c x =10 m f 20 m w 10 c x =50 m f 20 15 c x =10 m f 10 c x 5 r x =500k w 1000 f 10 r x =300k w 50 15 r x =300k w 50 maximum oscillator frequency (**) 10 r x =5k w, c x = 15pf 530 650 810 khz 15 690 800 940
hcf4060b 6/10 detail of typical flip-flop stage typical rc oscillator circuit typical crystal oscillator circuit
hcf4060b 7/10 dim. mm. inch min. typ max. min. typ. max. a1 0.51 0.020 b 0.77 1.65 0.030 0.065 b 0.5 0.020 b1 0.25 0.010 d 20 0.787 e 8.5 0.335 e 2.54 0.100 e3 17.78 0.700 f 7.1 0.280 i 5.1 0.201 l 3.3 0.130 z 1.27 0.050 plastic dip-16 (0.25) mechanical data p001c
hcf4060b 8/10 dim. mm. inch min. typ max. min. typ. max. a 1.75 0.068 a1 0.1 0.2 0.004 0.008 a2 1.65 0.064 b 0.35 0.46 0.013 0.018 b1 0.19 0.25 0.007 0.010 c 0.5 0.019 c1 45? (typ.) d 9.8 10 0.385 0.393 e 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 8.89 0.350 f 3.8 4.0 0.149 0.157 g 4.6 5.3 0.181 0.208 l 0.5 1.27 0.019 0.050 m 0.62 0.024 s8 ? (max.) so-16 mechanical data po13h
hcf4060b 9/10 dim. mm. inch min. typ max. min. typ. max. a 330 12.992 c 12.8 13.2 0.504 0.519 d 20.2 0.795 n 60 2.362 t 22.4 0.882 ao 6.45 6.65 0.254 0.262 bo 10.3 10.5 0.406 0.414 ko 2.1 2.3 0.082 0.090 po 3.9 4.1 0.153 0.161 p 7.9 8.1 0.311 0.319 tape & reel so-16 mechanical data
hcf4060b 10/10 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2003 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - canada - china - finland - france - germany - hong kong - india - israel - italy - japan - malaysia - malt a - morocco singapore - spain - sweden - switzerland - united kingdom - united states. ? http://www.st.com


▲Up To Search▲   

 
Price & Availability of HCF4060BM1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X