Part Number Hot Search : 
ACS7131 VT6516 26330 TA6250GV TA6250GV AS1712 2001521 ST62T40
Product Description
Full Text Search
 

To Download EDSX10-70C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifications features this recorder can record up to 6 channels of thermo - couples, resistance bulbs and dc voltage/current signals. the adoption of ink jet system makes it possible to record measured data in analog trace and digital color printing (6 colors, max) on a 100mm wide chart paper. 1. compact size depth: 175mm, mass; about 1.2kg (continuous type) depth: 197mm, mass; about 1.5kg (6-intermittent type) ideally suited for use with machines and equipments. 2. high-quality recording ? continuous traces without pen offset are possible by our unique ink jet system. ? scales are printed on a chart paper for each channel, eliminating the need for scale plate. ? 6 different scale on 6 intermittent recording universal input type is available. 3. easy setting of input signals dc voltage input (5mv span, 50v max.), dc current (4-20ma, 10-50ma), 12 kinds of thermocouples and re - sistance bulbs (pt100) are feld-settable for each channel. 4. digital printing in addition to analog recording of measured data, peri - odic data printing, measured value list, scale printing, alarm printing, burnout printing, and parameter list are also available. 5. easy operation ? a cartridge type recording device is used for easy replacement. ? allow to draw out the chart paper while recording. input system input points: 1, 2-continuous recording, 6-intermittent recording input signal: thermocouple: b, r, s, k, e, j, t, n, w, l, u, pn resistance bulb: pt100 dc voltage: 5 0 m v, 5 0 0 m v, 5 v, 5 0 v range dc current: 4 to 20ma dc, 10 to 50ma dc (shunt resistor (option) need to be connected to the terminal.) input signal setting and change: setting and change of input signal be - tween thermocouple, resistance bulb and dc voltage (50mv, 500mv, 5v, 50v range) is possible for each channel by the setting pin in the instrument and keyboard operation. measuring range (recording range): recording range on each channel is set - table within the raference range with keyboard operation. measurement cycle: 1, 2-continuous: 0.2s/point 6-intermittent: 30s/all points burnout: when thermocouple or resistance bulb input is disconnected, the recording is defected to 100%. input flter: settable within the range of 0-255s by 1s. steps. initial set before delivery is 3 s. microjet recorder-e scaling is possible within the range of -32767 to +32767 (decimal point may be put as necessary) reference range input signal b r s k e j t n w l u pn pt 100 50mv 500mv 5v 50v scaling c 400 to 1760 0 to 1760 0 to 1760 -200 to 1370 -200 to 800 -200 to 1100 -200 to 400 0 to 1300 0 to 1760 -200 to 900 -200 to 400 0 to 1300 -200 to 600 -50.00 to 50.00mv -500.0 to 500.0mv -5.000 to 5.000v -50.00 to 50.00v thermocouple f 752 to 3200 32 to 3200 32 to 3200 -328 to 2498 -328 to 1472 -328 to 2012 -328 to 752 32 to 2372 32 to 3200 -328 to 1652 -328 to 752 32 to 2372 -328 to 1112 recording system writing system: ink jet system, in 6 colors as max. chart width: 100mm chart length: z fold 15.08m service life of ink (depends on operating conditions): about 12 months for 1 continuous line recording at 20mm/h of chart speed. data sheet EDSX10-70C apr. 1, 2011 date phe resistance bulb dc voltage
2 phe recording color: 1-continuous: recording: purple printing: purple 2-continuous: recording: no. 1 channel, red no. 2 channel, blue printing: purple 6-intermittent recording: no. 1 channel, orange no. 2 channel, green no. 3 channel, purple no. 4 channel, red no. 5 channel, black no. 6 channel, blue printing: black chart speed: 10, 20, 24, 30, 50, 120, 200, 300, 400, 1000, 1200, 1500 mm/h can be changed by key operation. initial set before delivery is 20mm/h (note) in continuous type, it records data intermittently when the speed ex - ceeds 400mm/h. recording cycle: continuous recording: depend on chart speed [calculation formula] recording cycle (sec) = 400 chart speed (mm/h) (not faster than 2 seconds.) intermittent recording: 30 s/all points. industrial unit: selectable on each channel in max. 7 characters by ascii code. printing function: [printing during analog recording] [note] chart speed of continuous type should be slower than 400mm/ h and that of intermittent type should be slower than 50mm/h. channel no. printing: beside of record - ing line periodic printing: channel number, mea - surement value, unit, chart speed and year, month, day, hour, min - ute. [note] print period is automatically fxed on chart speed. scale printing: this print out is effected alternately with periodic printing. [note] print inter val is automatically fxed on chart speed. alarm printing: channel number, kind of alarm and hour, minute. burnout printing: channel number and hour, minute. [printing independent of analog recording] [note] printing is performed by key op - eration, while analog recording is interrupted. after completion of the printing, analog recording starts again. instantaneous value list:channel num - ber, measured value, industrial unit, year, m o n t h , d ay, h o u r, minute. parameter list (set value list): input signal, recording range, measuring range, s c a l i n g r a n g e , u n i t , alarm, input filter, chart speed, year, month, day, hour, minute, etc. scale line printing: optional scale line by user. test pattern: all characters and color patterns can be printed. [other printing] recording start mark chart speed change mark indicating, key operation system indication: led (7 segments), 6 digits, green indication character: 7 segments, alphanumeral character height 10mm, width 5mm contents of indication: channel no.: 1 digit (1 to 6) measured value: 5 digits (including sign for value below 0) temperature: 1 d i g i t b e l o w d e c i m a l point voltage/current: scaling, -9999 is displayed for -10000 and under. time: hour, minute status indication: symbolic code as alarm, burnout or carriage failure. measurement display cycle: 3s for channel selection, 1s for data update in the same channel operation key: 3 keys and 1 reset key key lock: soft key lock is available by key operation. power requirement line supply: specify when ordering rated voltage 100 to 120vac or 200 to 240vac usable voltage 85 to 132vac or 180 to 264vac frequency: 50/60hz power consumption: 100 to 120vac or 200 to 240vac, with - out option, 13va or less 100 to 120vac or 200 to 240vac, with alarm, 15va or less
3 alarm type: absolute value alarm, high and low setting: two levels for each channel (high: 2 lev - els, low: 2 levels, or each level at high/ low) indication: alarm level is indicated for each chan - nel at occurrence of alarm. printing: channel no. alarm level and hour, minute. hysteresis: approx. 0.2% of measuring (recording) range alarm output: see optional specifcations. physical data mounting: panel (may be inclined up to 30 back - wards from the vertical) two or more recorders can be mounted side by side. panel thickness: 2 to 30mm material: case: mold front door frame: mold finish color: case: black front door frame: black protective structure: front door: iec ip50 case size: bezel 144 x 144mm depth 175mm (continuous type) 195mm intermittent type) cutout 137 x 137mm external terminals: screw terminals (m4 screw) mass: approx. 1.2kg (continuous type) approx. 1.5kg (intermittent type) external terminals: m4 screw performance and characteristics indication accuracy*1: dc voltage, dc current : (0.3% of measuring range +1 digit) thermocouple, resistance bulb: depend on the measuring range for each input signal. refer to the table below. input signal b (1% of measuring range+1 digit) measuring range 600c or more 1112f or more (0.3% of measuring range+1 digit) measuring range 1000c or more 1832f or more r 600c or more 1112f or more 1000c or more 1832f or more s 600c or more 1112f or more 1000c or more 1832f or more k 200c or more 392f or more 300c or more 572f or more e 200c or more 392f or more 300c or more 572f or more j 200c or more 392f or more 300c or more 572f or more t 200c or more 392f or more 300c or more 572f or more n 200c or more 392f or more 300c or more 572f or more w 400c or more 752f or more 500c or more 932f or more l 200c or more 392f or more 300c or more 572f or more u 200c or more 392f or more 300c or more 572f or more pn 200c or more 392f or more 300c or more 572f or more pt100 50c or more 122f or more 150c or more 302f or more [note] 1. for thermocouple input, in case of measuring range includes -200c to -100c (-328f to -148f), indication accuracy should be added +0.5%. 2. the indication accuracy of thermocouple does not include reference junction compensation error. resolution*1: thermocouple input : 0.1c 0.1f resistance bulb : 0.1c 0.1f dc voltage : 50mv : 10v : 500mv : 100v : 5v : 1mv : 50v : 10mv dc current : c o nve r t e d va l u e t o dc voltage is guaran - teed recording accuracy *1: indication accuracy (0.2% of measur - ing range) recording resolution: 0.1mm chart speed accuracy: 0.1% (in case continuous feed of more than 1m. expansion and contrac - tion of paper is not included) reference junction compensation accuracy: k, e, j, t, n, l, u, pn : 0.5c b, r, s, w : 1c 90% response time: less than 2s (continuous type only) maximum input voltage: thermocouple, resistance bulb and dc voltage (50mv, 500mv range): 10v dc or less dc 5v/50v range: 100v dc or less input resistance: thermocouple, 50mv voltage range > 10m ? 5v/50v range: > 1m ? 500mv range: > 100k ? isolation: 100m ? (between each terminal and earth at 500v dc) channel to channel: 500v ac, 1min power terminal to ground: 2000v ac, 1min input terminal to ground: 50 0v ac, 1min power terminal to input terminal: 1000v ac, 1min alarm to alarm: 750v ac, 1min (leak current: 5ma or less) common mode noise rejection: 120db (50/60hz) series mode noise rejection: 30db (50/60hz) clock accuracy: 50ppm (2 minutes per month) memory protection: non-volatile memory for parameters. lithium battery for clock. [note] *1 measurement condition: 232c, 6510%rh, power voltage 100 to 120v, 200 to 240v, frequency 50/60hz within 1%, warm-up time 30min or more, vertical mounting, and free from the effects of vibration, noise, etc. = 90 to 60
4 phe operating environment temperature limits: 0 to 50c humidity limits: 20 to 80%rh (temperature humidity < 3200) mounting position: front inclination 0, rear inclination 30, left/right inclination 0 signal source resistance: thermocouple input: 1k ? or less resistance bulb input: less than 10 ? (line resistance of each wire of 3-wires system should be balanced) voltage input: less than 0.1% of input resistance vibration: 10 to 60hz, 0.2m/s 2 or less shock: none optional specifcations alarm output (do): 2, 4 or 6 points n.o contact relay (refer to code symbols) contact capacity 250v ac/3a. 30v dc/3a (resistance load) alarm output unit is required. external control input (di): 1 point, no-volt age cont act input is used for selection of chart speed in 2 steps. normally, operation is effected at main chart speed. sub-speed is selected with cont act on, and main speed with contact off. main/sub speed is set by key operation. when sub-speed is set to 0mm/h, re - cording start/stop can be selected. alarm output /external control input unit is required. other functions printing/recording adjustment: make adjustment when characters bend and/or disturbance of record (round trip difference) occur. adjustment of zero/span of analog trend record position: the position of ink cartridge is adjusted for correct recording on 0% point and 100% point on chart paper. this adjustment should be made after replacement of ink cartridge or chart paper. measured value shift: indication or recording value is shifted by adding or subtracting calculation of measured value. sub chart speed: this is for selecting chart speed with external control input. it is selected from the following. 0, 10, 20, 30, 50, 120, 200, 300, 400, 1000, 1200, 1500mm/h initial set before delivery: 20mm/h 0mm/h means stop recording. channel skip: this is used to stop the operation of unused channel. skipped channel stops all operations including display and alarm. setting recording status at power on: re c o r d i n g c a n b e s t a r t e d a g a i n o r disabled when power is on or when power is recovered from failure. real time clock: setting year, month, day, hour, minute
5 description 0 0 v v 2 p h e v e 1 2 3 4 5 6 7 8 9 10 11 12 13 recording points <4th digit code> 1 continuous recording 2 continuous recording 6 intermittent recording power supply ? temperature unit <7th digit code> 100 to 120vac 50/60hz c 200 to 240vac 50/60hz c 100 to 120vac 50/60hz f 200 to 240vac 50/60hz f alarm output/external control input (1 point) <11th digit code> without 2 points alarm output (1 continuous only) 4 points alarm output (2 continuous only) 6 points alarm output (6-intermittent only) 2 points alarm output/external control (1 continuous only) 4 points alarm output/external control (2 continuous only) 6 points alarm output/external control (6 intermittent only) 1 2 9 1 2 3 4 0 1 2 3 a b c input : universal (programmable) range: field settable (programmable) note) 1. initial set before delivery is ; ? thermocouple k type 0 to 1200c 2. shunt resistor (10 ? 0.1%) should be ordered separately for current input. shunt resister : ordering code phzt1101 3. when changing the kinds of input signal, some adjustments may become necessary. code symbols scope of delivery recorder, panel mounting bracket, accessories (ink cartridge 1 pc, chart paper 1 roll, input signal setting pin for replacement 1pc, ink absorption cloth 1 sheet). instruc - tion manual (1 copy) note: ink cartridge is not mounted on the recorder at the time of delivery. yht,orht,se ?smo,rbahsnatt6rnsodec item ink cartridge chart paper (0 to 50, 50 uniform division) part no. phzh2002 (1, 2-continuous) phzh1002 (6-intermittent) pex00dl1 - 5000b unit of quantity for sale 1 pc 1 pc 1 box (6 charts) it em shunt resistor type phzt11 01 specifcation for 10 0.1%
6 phe l n pe 11 12 13 rtd tc v input terminal 136.4 144 144 136.5 161 175 197 2 < t < 30 t alarm output /external control input unit(option) mounting bracket panel power terminal input terminal 19 11 14 21 12 22 23 13 24 25 15 16 26 27 17 18 28 29 19 alarm output 1 alarm output 2 not used not used not used not used external control input not used not used 137 +1.5 0 l +1.5 0 137 +1.5 0 175min when mounting multiple n unit when mounting one unit 137 +1.5 0 panel cutout connection diagram alarm output / external control input unit power terminal 100 to 120vac or 200 to 240vac 50/60hz (144 x n) C 6 282 426 570 714 858 1002 1146 1290 1434 2 3 4 5 6 10 n 7 8 9 l (mm) no. of units +1.5 0 = = ~ + C outline diagram (unit:mm) 1-continuous type
7 l n pe 21 22 23 11 12 13 input 2 input 1 136.4 144 144 136.5 161 175 197 2 < t < 30 t alarm output /external control input unit(option) mounting bracket panel power terminal input terminal 19 11 14 21 12 22 23 13 24 25 15 16 26 27 17 18 28 29 19 alarm 1 alarm 2 alarm 3 alarm 4 not used not used external control input not used not used 175min when mounting multiple n unit when mounting one unit panel cutout input terminal connection diagram alarm output /external control input unit power terminal 100 to 120vac or 200 to 240vac 50/60hz (144 x n) C 6 282 426 570 714 858 1002 1146 1290 1434 2 3 4 5 6 10 n 7 8 9 no. of units 137 +1.5 0 l +1.5 0 137 +1.5 0 137 +1.5 0 l (mm) +1.5 0 ~ = = rtd tc v + C + C 2-continuous type outline diagram (unit:mm)
175min when mounting multiple n unit when mounting one unit (144 x n) C 6 282 426 570 714 858 1002 1146 1290 1434 2 3 4 5 6 10 n 7 8 9 11 14 21 12 22 23 13 24 25 15 16 26 27 17 18 28 29 19 alarm output 1 alarm output 2 alarm output 3 alarm output 4 alarm output 5 alarm output 6 external control input not used not used l n pe 13 12 11 23 22 21 33 32 31 43 42 41 53 52 51 63 62 61 73 72 71 input 1 input 2 input 3 input 4 input 5 input 6 not used 136.4 144 144 136.5 161 197 alarm output /external control input unit (option) input terminal mounting bracket panel power terminal 19 panel cutout no. of units connection diagram alarm output /external control input unit power terminal input terminal 100 to 120vac or 200 to 240vac 50/60hz l (mm) +1.5 0 137 +1.5 0 l +1.5 0 137 +1.5 0 137 +1.5 0 2 < t < 30 t = = ~ rtd tc v + C 6-intermittent type ce mark *the products conform to the requirements of the electro magnetic compatibility directive and low voltage directive. oac-sdht6sebneut (unit:mm) printed in japan caution on safety *before using this product, be sure to read its instruction manual in advance. international sales div sales group gate city ohsaki, east t ower , 1 1-2, osaki 1-chome, shinagawa-ku, t okyo 141-0032, japan http://www .fujielectric.com phone: 81-3-5435-7280, 7281 fax: 81-3-5435-7425 http://www .fjielectric.com/products/instruments/ information in this catalog is subject to change without notice. phe


▲Up To Search▲   

 
Price & Availability of EDSX10-70C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X