Part Number Hot Search : 
UGF1004G AOW25S65 MTP6N6 NCP15 FSL3306 FM24C04 MEL8206 12N60C
Product Description
Full Text Search
 

To Download APTGT75H120T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  APTGT75H120T APTGT75H120T ? rev 0 may, 2005 apt website ? http:/ / www.advancedpower.com 1 - 5 absolute maximum ratings symbol parameter max ratings unit v ces collector - emitter breakdown voltage 1200 v t c = 25c 110 i c continuous collector current t c = 80c 75 i cm pulsed collector current t c = 25c 175 a v ge gate ? emitter voltage 20 v p d maximum power dissipation t c = 25c 357 w rbsoa reverse bias safe operating area t j = 125c 150a @ 1150v these devices are sensitive to electrostatic discharge. proper handing procedures should be followe d. vbus out1 out2 q3 q4 e3 g3 0/ vbu s e4 g4 ntc2 g2 e2 nt c1 q2 q1 g1 e1 out1 out2 ntc1 ntc2 g3 e3 vbus g1 e1 g4 g2 e2 0/vbus e4 v ces = 1200v i c = 75a @ tc = 80c applicatio n ? welding converters ? switched mode power supplies ? uninterruptible power supplies ? motor control features ? fast trench + field stop igbt ? technology - low voltage drop - low tail current - switching freque nc y up to 20 khz - soft recovery parallel diodes - low diode vf - low leakage current - avalanche energy rated - rbsoa and scsoa rated ? kelvin emitter for easy drive ? very low stray inductance - symmetrical design - lead frames for power connections ? high level of integration ? internal thermistor for temperature monitoring benefits ? stable temperature behavior ? very rugged ? solderable terminals for easy pcb mounting ? direct mounting to heatsink (isolated package) ? low junction to case thermal resistance ? easy paralleling due to positive tc of vcesat ? low profile full - bridge fast trench + field stop igbt ? power module
APTGT75H120T APTGT75H120T ? rev 0 may, 2005 apt website ? http:/ / www.advancedpower.com 2 - 5 all ratings @ t j = 25c unless otherwise specified electrical characteristics symbol characteristic test conditions min typ max unit i ces zero gate voltage collector current v ge = 0v, v ce = 1200v 250 a t j = 25c 1.7 2.1 v ce(sat) collector emitter saturation voltage v ge = 15v i c = 75a t j = 125c 2.0 v v ge(th) gate threshold voltage v ge = v ce , i c = 2 ma 5.0 5.8 6.5 v i ges gate ? emitter leakage current v ge = 20v, v ce = 0v 400 na dynamic characteristics symbol characteristic test conditions min typ max unit c ies input capacitance 5345 c oes output capacitance 280 c res reverse transfer capacitance v ge = 0v v ce = 25v f = 1mhz 240 pf t d(on) tur n-o n delay ti me 280 t r rise time 40 t d(off) turn-off delay time 450 t f fall time inductive switching (25c) v ge = 15v v bus = 600v i c = 75a r g = 4.7 ? 75 ns t d(on) tur n-o n delay ti me 290 t r rise time 45 t d(off) turn-off delay time 550 t f fall time 90 ns e on tur n-o n switchi ng energy 7 e off turn-off switching energy inductive switching (125c) v ge = 15v v bus = 600v i c = 75a r g = 4.7 ? 8 mj reverse diode ratings and characteristics symbol characteristic test conditions min typ max unit v rrm maximum peak repetitive reverse voltage 1200 v t j = 25c 350 i rm maximum reverse leakage current v r =1200v t j = 125c 600 a i f(a v) maximum average forward current 50% duty cycle tc = 80c 75 a t j = 25c 1.6 2.1 v f diode forward voltage i f = 75a t j = 125c 1.6 v t j = 25c 170 t rr reverse recovery time t j = 125c 280 ns t j = 25c 7 q rr reverse recovery charge i f = 75a v r = 600v di/dt =2000a/s t j = 125c 14 c
APTGT75H120T APTGT75H120T ? rev 0 may, 2005 apt website ? http:/ / www.advancedpower.com 3 - 5 temperature sensor ntc (see application note apt0406 on www.advancedpower.com for more information). symbol characteristic min typ max unit r 25 resistance @ 25c 50 k ? b 25/85 t 25 = 298.15 k 3952 k ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? = t t b r r t 1 1 exp 25 85 / 25 25 thermal and package characteristics symbol characteristic min typ max unit igbt 0.35 r thjc junction to case diode 0.58 c/w v isol rms isolation voltage, any terminal to case t =1 min, i isol<1ma, 50/60hz 2500 v t j operating junction temperature range -40 150 t stg storage temperature range -40 125 t c operating case temperature -40 125 c torque mounting torque to heatsink m5 1.5 4.7 n.m wt package weight 160 g package outline (dimensions in mm) t: thermistor temperature r t : thermistor value at t
APTGT75H120T APTGT75H120T ? rev 0 may, 2005 apt website ? http:/ / www.advancedpower.com 4 - 5 typical performance curve output characteristics (v ge =15v) t j =25c t j =125c 0 25 50 75 100 125 150 01234 v ce (v) i c (a) output characteristics v ge =15v v ge =13v v ge =17v v ge =9v 0 25 50 75 100 125 150 01234 v ce (v) i c (a) t j = 125c transfert characteristics t j =25c t j =125c t j =125c 0 25 50 75 100 125 150 5 6 7 8 9 101112 v ge (v) i c (a) energy losses vs collector current eon eoff er 0 2 4 6 8 10 12 14 16 0 255075100125150 i c (a) e (mj) v ce = 600v v ge = 15v r g = 4.7 ? t j = 125c eon eoff er 0 2 4 6 8 10 12 14 16 0 4 8 12 16 20 24 28 32 gate resistance (ohms) e (mj) v ce = 600v v ge =15v i c = 75a t j = 125c switching energy losses vs gate resistanc e reverse bias safe operating area 0 25 50 75 100 125 150 175 0 400 800 1200 1600 v ce (v) i c (a) v ge =15v t j =125c r g =4.7 ? maximum effective transient thermal impedance, junction to pulse duration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration (seconds) thermal impedance (c/w) igbt
APTGT75H120T APTGT75H120T ? rev 0 may, 2005 apt website ? http:/ / www.advancedpower.com 5 - 5 forward characteristic of diode t j =25c t j =25c t j =125c t j =125c 0 25 50 75 100 125 150 0 0.4 0.8 1.2 1.6 2 2.4 v f (v) i c (a) hard switching zcs zvs 0 10 20 30 40 50 60 0 20406080100120 i c (a) fmax, operating frequency (khz) v ce =600v d=50% r g =4.7 ? t j =125c t c =75c operating frequency vs collector current maximum effective transient thermal impedance, junction to pulse duration 0.9 0.7 0.5 0.3 0.1 0.05 single pulse 0 0.1 0.2 0.3 0.4 0.5 0.6 0.00001 0.0001 0.001 0.01 0.1 1 10 rectangular pulse duration (seconds) thermal impedance (c/w) diode apt re s e rves the rig ht to c ha nge , witho ut notice , the s pe cificatio ns and info rma tio n co nta ine d he re in apt's products are covered by one or more of u.s patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 and foreign patents. u.s and foreign pa tents pending. all rights reserved.


▲Up To Search▲   

 
Price & Availability of APTGT75H120T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X