Part Number Hot Search : 
ERD25TJB FT0405DE ST25VF ADM3077E FKBP200 MC54F32N 003900 16212
Product Description
Full Text Search
 

To Download 2SK3696-01MR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 to-220f tch 150c *1 vds 500v *2 *3 ta=25c tc=25c t=60sec f=60hz item symbol ratings unit remarks drain-source voltage v ds 500 continuous drain current i d 13 pulsed drain current i d(puls] 52 gate-source voltage v gs 30 non-repetitive i as 13 maximum avalanche current non-repetitive e as 202 maximum avalanche energy maximum drain-source dv/dt dv ds /dt 20 peak diode recovery dv/dt dv/dt 5 peak diode recovery -di/dt -di/dt 100 max. power dissipation p d 2.16 70 operating and storage t ch +150 temperature range t stg isolation voltage v iso 2 electrical characteristics (t c =25c unless otherwise specified) thermalcharacteristics 2SK3696-01MR fuji power mosfet n-channel silicon power mosfet features high speed switching low on-resistance no secondary breadown low driving power avalanche-proof applications switching regulators dc-dc converters ups (uninterruptible power supply) maximum ratings and characteristic absolute maximum ratings (tc=25c unless otherwise specified) item symbol test conditions zero gate voltage drain current i dss v ds =500v v gs =0v v ds =400v v gs =0v v gs =30v i d =6.5a v gs =10v i d =6.5a v ds =25v v cc =300v i d =6.5a v gs =10v r gs =10 ? min. typ. max. units v v a ma na ? s pf nc a v ns c ns min. typ. max. units thermal resistance r th(ch-c) channel to case r th(ch-a) channel to ambient 1.79 58.0 c/w c/w symbol v (br)dss v gs(th) i gss r ds(on) g fs c iss c oss c rss td (on) t r td (off) t f q g q gs q gd i av v sd t rr q rr item drain-source breakdown voltaget gate threshold voltage gate-source leakage current drain-source on-state resistance forward transcondutance input capacitance output capacitance reverse transfer capacitance turn-on time t on turn-off time t off total gate charge gate-source charge gate-drain charge avalanche capability diode forward on-voltage reverse recovery time reverse recovery charge test conditions i d = 250 a v gs =0v i d = 250 a v ds =v gs t ch =25c t ch =125c v ds =0v v ds =25v v gs =0v f=1mhz v cc =250v i d =13a v gs =10v l=2.20mh t ch =25c i f =13a v gs =0v t ch =25c i f =13a v gs =0v -di/dt=100a/s t ch =25c v a a v a mj kv/s kv/s a/s w c c kvrms 500 3.0 5.0 10 25 1.0 2 10 100 0.42 0.55 5.5 11 1100 1650 165 250 9 13.5 23 35 6.5 11 47 71 7.5 12 28 42 10 15 914 13 1.05 1.60 120 250 0.5 1.2 -55 to +150 outline drawings [mm] equivalent circuit schematic gate(g) source(s) drain(d) super f ap-g series 200309 < = < = *1 l=2.20mh, vcc=50v, starting tch=25c,see to avalanche energy graph *2 i f -i d , -di/dt=100a/s, v cc bv dss , tch 150c *3 i f -i d , dv/dt=5kv/s, v cc bv dss , tch 150c < = < = < = < = < = < =
2 characteristics 2SK3696-01MR fuji power mosfet 0 5 10 15 20 25 30 0 5 10 15 20 25 30 20v 10v 8v 6.5v 7.0v id [a] vds [v] typical output characteristics id=f(vds):80 s pulse test,tch=25 c vgs=6.0v 012345678910 0.1 1 10 id[a] vgs[v] typical transfer characteristic id=f(vgs):80 s pulse test,vds=25v,tch=25 c 0.1 1 10 100 0.1 1 10 100 gfs [s] id [a] typical transconductance gfs=f(id):80 s pulse test,vds=25v,tch=25 c 0 5 10 15 20 25 30 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 rds(on) [ ? ] id [a] typical drain-source on-state resistance rds(on)=f(id):80 s pulse test,tch=25 c 10v 20v 8v 7.0v 6.5v vgs=6.0v -50 -25 0 25 50 75 100 125 150 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 rds(on) [ ? ] tch [ c] typ. max. drain-source on-state resistance rds(on)=f(tch):id=6.5a,vgs=10v 0 255075100125150 0 10 20 30 40 50 60 70 80 allowable power dissipation pd=f(tc) pd [w] tc [ c]
3 2SK3696-01MR fuji power mosfet -50 -25 0 25 50 75 100 125 150 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 max. min. gate threshold voltage vs. tch vgs(th)=f(tch):vds=vgs,id=250ua vgs(th) [v] tch [ c] 0 10203040506070 0 2 4 6 8 10 12 14 16 18 20 22 qg [nc] typical gate charge characteristics vgs=f(qg):id=13a,tch=25 c vgs [v] 400v 250v vcc= 100v 10 -1 10 0 10 1 10 2 10 3 1p 10p 100p 1n 10n c [f] vds [v] typical capacitance c=f(vds):vgs=0v,f=1mhz crss coss ciss 0.00 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 0.1 1 10 100 if [a] vsd [v] typical forward characteristics of reverse diode if=f(vsd):80 s pulse test,tch=25 c 10 -1 10 0 10 1 10 2 10 0 10 1 10 2 10 3 typical switching characteristics vs. id t=f(id):vcc=300v,vgs=10v,rg=10 ? td(on) tr tf td(off) t [ns] id [a] 0 25 50 75 100 125 150 0 50 100 150 200 250 300 350 400 450 500 i as =13a i as =6a i as =8a e as [mj] starting tch [ c] maximum avalanche energy vs. starting tch e as =f(starting tch):vcc=50v
4 2SK3696-01MR fuji power mosfet http://www.fujielectric.co.jp/denshi/scd/ 10 -8 10 -7 10 -6 10 -5 10 -4 10 -3 10 -2 10 -2 10 -1 10 0 10 1 10 2 single pulse maximum avalanche current vs pulse width i av =f(t av ):starting tch=25 c,vcc=48v avalanche current i av [a] t av [sec] 10 -6 10 -5 10 -4 10 -3 10 -2 10 -1 10 0 10 -3 10 -2 10 -1 10 0 10 1 maximum transient thermal impedance zth(ch-c)=f(t):d=0 zth(ch-c) [ c/w] t [sec]


▲Up To Search▲   

 
Price & Availability of 2SK3696-01MR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X