Part Number Hot Search : 
MN4000 LC864320 721FVC NTE5496 30DR100 BR301 EM820 16008
Product Description
Full Text Search
 

To Download 0473911000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/19/2010 please check www.molex.com for latest part information part number: 0473911000 status: active overview: external_serial_ata description: 1.27mm (.050") pitch external serial ata plug with flanged shell, bottommount, right angle, unmating height 7.70mm (.303"), 0.38m (15") gold (au) plating, 7 circuits, with vacuum pick-up tape, lead free documents: 3d model product specification ps-47082-001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) general product family i/o connectors series 47391 application wire-to-board comments with flange component type plug, receptacle overview external_serial_ata product name external serial ata type n/a physical boot color n/a circuits (loaded) 7 circuits (maximum) 7 color - resin black gender plug keying to mating part yes lock to mating part yes material - plating mating gold material - plating termination tin number of rows 1 orientation right angle pcb locator yes pcb retention yes pcb thickness recommended (in) 0.051 in pcb thickness recommended (mm) 1.30 mm packaging type embossed tape on reel panel mount yes pitch - mating interface (in) 0.050 in pitch - mating interface (mm) 1.27 mm pitch - term. interface (in) 0.050 in pitch - term. interface (mm) 1.27 mm plating min: mating (in) 15 plating min: mating (m) 0.38 plating min: termination (in) 50 plating min: termination (m) 1.27 polarized to mating part yes polarized to pcb yes ports 1 temperature range - operating -35c to +85c termination interface: style surface mount waterproof / dustproof no electrical current - maximum per contact 1.5a series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not halogen-free need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 47391 series mates with 68782 external serial ata receptacle cable
grounding to panel yes shield type upper shielding shielded yes voltage - maximum 15v dc material info reference - drawing numbers packaging specification pk-47082-001, pk-47379-001 product specification ps-47082-001 sales drawing sd-47391-100 this document was generated on 05/19/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0473911000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X