Part Number Hot Search : 
87XS39D3 IRF9640 DB1504P E220K TC74LC B39202 6EDL4 GUF30D
Product Description
Full Text Search
 

To Download TRS-33120-CXX0G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  optoway TRS-33120-CXX0G ********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2005 v2.0 1 TRS-33120-CXX0G / trs-33120t-cxx0g / trs-33120f-cxx0g cwdm 3.3v / 155 mbps rohs compliant optical single-mode transceiver ********************************************************************************************************************************************************************* features l 18-wavelength cwdm transceivers l duplex sc/st/fc single mode transceiver l long-reach sonet oc-3 / sdh stm-1 compliant l cwdm dfb ld transmitter l 34 db link budget at least l industry standard 1 x 9 footprint l single +3.3 v power supply l rohs compliant l pecl signal detection output l led multisourced 1 x 9 transceiver interchangeable l wave solderable and aqueous washable l class 1 laser international safety standard iec-60825 compliant applications l atm 155 mbps links l sonet/sdh equipment interconnect l fast ethernet 100 mb/s links l cwdm description the TRS-33120-CXX0G series single mode transceivers is low power, high performance cwdm modules for bi-directional serial optical data communications such as sonet oc-3 / sdh stm-1 and fast ethernet. there are eighteen center wavelengths from 1270 nm to 1610 nm. a guaranteed minimum optical link budget of 34 db is offered. the transmitter section uses a multiple quantum well dfb laser and is a class 1 laser compliant according to international safety standard iec-60825. the receiver section uses an integrated ingaas detector preamplifier (idp) mounted in an optical header and a limiting post-amplifier ic. a pecl logic interface simplifies interface to external circuitry. laser safety this single mode transceiver is a class 1 laser product. it complies with iec-60825 and fda 21 cfr 1040.10 and 1040.11. the transceiver must be operated within the specified temperature and voltage limits. the optical ports of the module shall be terminated with an optical connector or with a dust plug. order information p/no. bit rate (mb/s) sonet /sdh power budget (db) wavelength (nm) voltage (v) package temp. ( o c) tx power (dbm) rx sens. (dbm) rohs compliant TRS-33120-CXX0G 155 > 34 cwdm* 3.3 1x9 sc/st/fc 0 to 70 5 to 0 -34 y cwdm wavelength (0 to 70 o c) central wavelength min. (nm) typ. (nm) max. (nm) central wavelength min. (nm) typ. (nm) max. (nm) -c270 1264.5 1270 1277.5 -c450 1444.5 1450 1457.5 -c290 1284.5 1290 1297.5 -c470 1464.5 1470 1477.5 -c310 1304.5 1310 1317.5 -c490 1484.5 1490 1497.5 -c330 1324.5 1330 1337.5 -c510 1504.5 1510 1517.5 -c350 1344.5 1350 1357.5 -c530 1524.5 1530 1537.5 -c370 1364.5 1370 1377.5 -c550 1544.5 1550 1557.5 -c390 1384.5 1390 1397.5 -c570 1564.5 1570 1577.5 -c410 1404.5 1410 1417.5 -c590 1584.5 1590 1597.5 -c430 1424.5 1430 1437.5 -c610 1604.5 1610 1617.5 cwdm * : 18 wavelengths from 1270 nm to 1610 nm, each step 20 nm.
optoway TRS-33120-CXX0G ********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2005 v1.0 2 absolute maximum ratings parameter symbol min max units notes storage temperature tstg -40 85 o c operating temperature topr 0 70 o c soldering temperature --- 260 o c 10 seconds on leads only power supply voltage vcc 0 4.5 v input voltage --- gnd vcc v output current iout 0 30 ma recommended operating conditions parameter symbol min typ max units power supply voltage vcc 3.1 3.3 3.5 v operating temperature topr 0 70 o c data rate 155 mb/s power supply current icc 260 ma transmitter specifications (0 o c < topr < 70 o c, 3.1v < vcc < 3.5v) parameter symbol min typ max units notes optical optical transmit power po 0 --- 5 dbm 1 output center wavelength l l -5.5 l l +7.5 nm 2 output spectrum width dl --- --- 1 nm -20 db width side mode suppression ratio smsr 30 db extinction ratio e r 10 --- --- db output eye compliant with bellcore tr-nwt-000253 and itu recommendation g.957 optical rise time t r 2 ns 10% to 90% values optical fall time t f 2 ns 10% to 90% values relative intensity noise rin -116 db/hz total jitter tj 1 ns 3 electrical data input current C low i il -350 m a data input current C high i ih 350 m a differential input voltage v ih - v il 300 mv data input voltage C low v il - v cc -2.0 -1.58 v 4 data input voltage -- high v ih - v cc -1.1 -0.74 v 4 notes: 1. output power is power coupled into a 9/125 m m single mode fiber. 2. measured with a 2 23 -1 prbs with 72 ones and 72 zeros. 3. maximum current is specified at vcc = maximum @ maximum temperature. 4. these inputs are compatible with 10k, 10kh and 100k ecl and pecl outputs.
optoway TRS-33120-CXX0G ********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2005 v1.0 3 receiver specifications (0 o c < topr < 70 o c, 3.1 v < vcc < 3.5v) parameter symbol min typ max units notes optical sensitivity --- --- --- -34 dbm 1 maximum input power pin -3 --- dbm signal detect -- asserted pa --- --- -34 dbm transition: low to high signal detect -- deasserted pd -47 --- --- dbm transition: high to low signal detect -- hysteresis 1.0 --- 4.0 db wavelength of operation 1100 --- 1620 nm electrical power supply current icc 100 ma 2 data output voltage C low v ol - v cc -2.0 -1.58 v 3 data output voltage C high v oh - v cc -1.1 -0.74 v 3 signal detect output voltage -- low v ol - v cc -2.0 -1.58 v signal detect output voltage -- high v oh - v cc -1.1 -0.74 v notes: 1. minimum sensitivity and saturation levels at ber=1e-10 for a 2 23 -1 prbs with 72 ones and 72 zeros. 2. the current excludes the output load current. 3. these outputs are compatible with 10k, 10kh and 100k ecl and pecl inputs. connection diagram receiver signal ground 1 (rx gnd) receiver data out 2 (rd+) n/c receiver data out bar 3 (rd - ) signal detect 4 (sd) receiver power supply 5 (rx vcc) top view transmitter power supply 6 (tx vcc) transmitter data in bar 7 (td - ) transmitter data in 8 (td+) n/c transmitter signal ground 9 (tx gnd) pin symbol notes 1 rx gnd directly connect this pin to the receiver ground plane 2 rd+ see recommended circuit schematic 3 rd - see recommended circuit schematic 4 sd active high on this indicates a received optical signal 5 rx vcc +3.3v dc power for the receiver section 6 tx vcc +3.3v dc power for the transmitter section 7 td - see recommended circuit schematic 8 td+ see recommended circuit schematic 9 tx gnd directly connect this plan to the trransmitter ground plane
optoway TRS-33120-CXX0G ********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2005 v1.0 4 recommended circuit schematic the split-load terminations for ecl signals need to be located at the input of devices receiving those ecl signals. the power supply filtering is required for good emi performance. use short tracks from the inductor l1/l2 to the module rx vcc and tx vcc. a gnd plane under the module is required for good emi and sensitivity performance. package diagram units in mm 1) sc type tx optical rx optical TRS-33120-CXX0G
optoway TRS-33120-CXX0G ********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2005 v1.0 5 2) st type rx optical tx optical trs-33120t-cxx0g 3) fc type tx optical rx optical 1 3 . 9 5 . 9 7 10.18 34.5max 20.32 0 . 7 5 1 3 . 7 1 0 25.4 2.54*8 20.32 o1.3 12.7 trs-33120f-cxx0g note: specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of TRS-33120-CXX0G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X