Part Number Hot Search : 
PA424 MMSZ5234 FB4110 49F002 2750060 LTC1666 LC66562B FN3158
Product Description
Full Text Search
 

To Download STW34NM60N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  march 2011 doc id 17740 rev 3 1/17 17 stf34nm60n stp34nm60n, STW34NM60N n-channel 600 v, 0.092 , 29 a mdmesh? ii power mosfet to-220, to-247, to-220fp features 100% avalanche tested low input capacitance and gate charge low gate input resistance application switching applications description these devices are made using the second generation of mdmesh? technology. this revolutionary power mosfet associates a new vertical structure to the company?s strip layout to yield one of the world?s lowest on-resistance and gate charge. it is therefore suitable for the most demanding high efficiency converters. figure 1. internal schematic diagram type v dss r ds(on) max. i d p tot stf34nm60n stp34nm60n STW34NM60N 600 v 600 v 600 v 0.105 0.105 0.105 29 a 29 a 29 a 40 w 210 w 210 w 1 2 3 1 2 3 to-247 to-220 1 2 3 to-220fp !-v $ ' 3 table 1. device summary order codes marking package packaging stf34nm60n stp34nm60n STW34NM60N 34nm60n to-220fp to-220 to-247 tube www.st.com
contents stf34nm60n, stp34nm60n, STW34NM60N 2/17 doc id 17740 rev 3 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 2.1 electrical characteristics (curves) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 3 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 5 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
stf34nm60n, stp34nm60n, STW34NM60N electrical ratings doc id 17740 rev 3 3/17 1 electrical ratings table 2. absolute maximum ratings symbol parameter value unit to-220, to-247 to-220fp v ds drain-source voltage (v gs = 0) 600 v v gs gate- source voltage 25 v i d drain current (continuous) at t c = 25 c 29 29 (1) 1. limited only by maximu temperature allowed. a i d drain current (continuous) at t c = 100 c 18 18 a i dm (2) 2. pulse width limited by safe operating area. drain current (pulsed) 116 116 a p tot total dissipation at t c = 25 c 210 40 w i ar avalanche current, repetitive or not- repetitive (pulse width limited by t j max) 10.5 a e as single pulse avalanche energy (starting t j = 25 c, i d = i ar , v dd = 50 v) 345 mj dv/dt (3) 3. i sd 29 a, di/dt 400 a/s, v ds peak v (br)dss , v dd = 80% v (br)dss peak diode recovery voltage slope 15 v/ns v iso insulation withstand voltage (rms) from all three leads to external heat sink (t = 1 s; t c = 25 c) 1200 v t stg storage temperature - 55 to 150 c t j max. operating junction temperature 150 table 3. thermal data symbol parameter to-220 to-247 to-220fp unit r thj-case thermal resistance juncti on-case max 0.60 3.13 c/w r thj-amb thermal resistance junction-ambient max 62.5 50 62.5 c/w t l maximum lead temperature for soldering purpose 300 c
electrical characteristics stf34nm60n, stp34nm60n, STW34NM60N 4/17 doc id 17740 rev 3 2 electrical characteristics (t case = 25 c unless otherwise specified) table 4. on/off states symbol parameter test conditions value unit min. typ. max. v (br)dss drain-source breakdown voltage i d = 1 ma, v gs = 0 600 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating v ds = max rating @125 c 1 100 a a i gss gate-body leakage current (v ds = 0) v gs = 25 v 100 na v gs(th) gate threshold voltage v ds = v gs , i d = 250 a 2 3 4 v r ds(on) static drain-source on resistance v gs = 10 v, i d = 14.5 a 0.092 0.105 table 5. dynamic symbol parameter test conditions min. typ. max. unit c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds = 100 v, f = 1 mhz, v gs = 0 - 2722 173 1.75 - pf pf pf c oss eq. (1) 1. c oss eq . is defined as a constant equivalent ca pacitance giving the same charging time as c oss when v ds increases from 0 to 80% v dss equivalent output capacitance v gs = 0, v ds = 0 to 480 v - 458 - pf t d(on) t r t d(off) t f turn-on delay time rise time turn-off delay time fall time v dd =300 v, i d = 14.5 a r g =4.7 , v gs = 10 v (see figure 23 ), (see figure 18 ) - 17 34 106 67 - ns ns ns ns q g q gs q gd total gate charge gate-source charge gate-drain charge v dd = 480 v, i d = 29 a, v gs = 10 v, (see figure 19 ) - 83.6 14 45 - nc nc nc r g gate input resistance f=1mhz gate dc bias=0 test signal level=20 mv open drain -2.9-
stf34nm60n, stp34nm60n, STW34NM60N electrical characteristics doc id 17740 rev 3 5/17 table 6. source drain diode symbol parameter test conditions min. typ. max. unit i sd i sdm (1) 1. pulse width limited by safe operating area source-drain current source-drain current (pulsed) - 29 116 a a v sd (2) 2. pulsed: pulse duration = 300 s, duty cycle 1.5%. forward on voltage i sd = 29 a, v gs = 0 - 1.6 v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 29 a, v dd = 60 v di/dt=100 a/s (see figure 20 ) - 408 8 39 ns nc a t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 29 a,v dd = 60 v di/dt=100 a/s, t j = 150 c (see figure 20 ) - 480 10 42 ns nc a
electrical characteristics stf34nm60n, stp34nm60n, STW34NM60N 6/17 doc id 17740 rev 3 2.1 electrical characteristi cs (curves) figure 2. safe operating area for to-220 figure 3. thermal impedance for to-220 figure 4. safe operating area for to-220fp figure 5. thermal impedance for to-220fp figure 6. safe operating area for to-247 figure 7. thermal impedance for to-247 i d 100 10 1 0.1 0.1 1 100 v d s (v) 10 (a) oper a tion in thi s a re a i s limited b y m a x r d s (on) 10 s 100 s 1m s 10m s tj=150c tc=25c s ingle p u l s e am09017v1 i d 100 10 1 0.1 0.1 1 100 v d s (v) 10 (a) oper a tion in thi s a re a i s limited b y m a x r d s (on) 10 s 100 s 1m s 10m s tj=150c tc=25c s ingle p u l s e 0.01 am0901 8 v1 i d 100 10 1 0.1 0.1 1 100 v d s (v) 10 (a) oper a tion in thi s a re a i s limited b y m a x r d s (on) 10 s 100 s 1m s 10m s tj=150c tc=25c s ingle p u l s e am09019v1
stf34nm60n, stp34nm60n, STW34NM60N electrical characteristics doc id 17740 rev 3 7/17 figure 8. output characteristics figure 9. transfer characteristics figure 10. gate charge vs gate-source voltage figure 11. static drain-source on resistance figure 12. capacitance variations figure 13. output capacitance stored energy i d 60 40 20 0 0 10 v d s (v) 20 (a) 5 15 25 8 0 5v 6v v g s =10v 3 0 70 50 3 0 10 am09020v1 i d 60 40 20 0 0 4 v g s (v) 8 (a) 2 6 8 0 10 3 0 50 70 v d s =20v am09021v1 v g s 6 4 2 0 0 2 q g (nc) (v) 8 8 4 6 10 v dd =4 8 0v i d =29a 10 12 3 00 200 100 0 400 v d s 12 14 16 50 150 250 3 50 am09022v1 r d s (on) 0.092 0.090 0.0 88 0.0 8 6 0 20 i d (a) ( ) 10 3 0 0.094 0.096 0.09 8 v g s =10v 5 15 25 am0902 3 v1 c 1000 100 10 1 0.1 10 v d s (v) (pf) 1 10000 100 ci ss co ss cr ss am09024v1 e o ss 1 2 0 0 100 v d s (v) ( j) 400 200 3 00 500 am09025v1
electrical characteristics stf34nm60n, stp34nm60n, STW34NM60N 8/17 doc id 17740 rev 3 figure 14. normalized gate threshold voltage vs temperature figure 15. normalized on resistance vs temperature figure 16. normalized b vdss vs temperature figure 17. source-drain diode forward characteristics v g s (th) 1.00 0.90 0. 8 0 0.70 -50 0 t j (c) (norm) -25 1.10 75 25 50 100 i d =250 a am09026v1 r d s (on) 1.1 0.9 0.7 0.5 -50 0 t j (c) (norm) -25 75 25 50 100 1. 3 1.5 1.7 1.9 2.1 i d =14.5a am09027v1 bv d ss -50 0 t j (c) (norm) -25 75 25 50 100 0.9 3 0.95 0.97 0.99 1.01 1.0 3 1.05 1.07 i d =1ma am00 8 97v1 v s d 0 10 i s d (a) (v) 5 25 15 20 0.4 0.6 0. 8 1.0 t j =-50c t j =150c t j =25c 1.2 1.4 1.6 am090 3 9v1
stf34nm60n, stp34nm60n, STW34NM60N test circuits doc id 17740 rev 3 9/17 3 test circuits figure 18. switching times test circuit for resistive load figure 19. gate charge test circuit figure 20. test circuit for inductive load switching and diode recovery times figure 21. unclamped inductive load test circuit figure 22. unclamped inductive wavefor m figure 23. switching time waveform am0146 8 v1 v g s p w v d r g r l d.u.t. 2200 f 3 . 3 f v dd am01469v1 v dd 47k 1k 47k 2.7k 1k 12v v i =20v=v gmax 2200 f p w i g =con s t 100 100nf d.u.t. v g am01470v1 a d d.u.t. s b g 25 a a b b r g g fa s t diode d s l=100 h f 3 . 3 1000 f v dd am01471v1 v i p w v d i d d.u.t. l 2200 f 3 . 3 f v dd am01472v1 v (br)d ss v dd v dd v d i dm i d am0147 3 v1 v d s t on td on td off t off t f t r 90 % 10 % 10 % 0 0 90 % 90 % 10 % v g s
package mechanical data stf34nm60n, stp34nm60n, STW34NM60N 10/17 doc id 17740 rev 3 4 package mechanical data in order to meet environmental requirements, st offers these devices in different grades of ecopack? packages, depending on their level of environmental compliance. ecopack? specifications, grade definitions and product status are available at: www.st.com. ecopack? is an st trademark.
stf34nm60n, stp34nm60n, STW34NM60N package mechanical data doc id 17740 rev 3 11/17 figure 24. to-220fp drawing table 7. to-220fp mechanical data dim. mm min. typ. max. a4.4 4.6 b2.5 2.7 d 2.5 2.75 e0.45 0.7 f0.75 1 f1 1.15 1.70 f2 1.15 1.70 g4.95 5.2 g1 2.4 2.7 h 10 10.4 l2 16 l3 28.6 30.6 l4 9.8 10.6 l5 2.9 3.6 l6 15.9 16.4 l7 9 9.3 dia 3 3.2 7012510_rev_k a b h di a l7 d e l6 l5 l2 l 3 l4 f1 f2 f g g1
package mechanical data stf34nm60n, stp34nm60n, STW34NM60N 12/17 doc id 17740 rev 3 table 8. to-220 type a mechanical data dim. mm min. typ. max. a 4.40 4.60 b 0.61 0.88 b1 1.14 1.70 c 0.48 0.70 d 15.25 15.75 d1 1.27 e10 10.40 e 2.40 2.70 e1 4.95 5.15 f 1.23 1.32 h1 6.20 6.60 j1 2.40 2.72 l13 14 l1 3.50 3.93 l20 16.40 l30 28.90 ? p 3.75 3.85 q 2.65 2.95
stf34nm60n, stp34nm60n, STW34NM60N package mechanical data doc id 17740 rev 3 13/17 figure 25. to-220 type a drawing 00159 88 _typea_rev_ s
package mechanical data stf34nm60n, stp34nm60n, STW34NM60N 14/17 doc id 17740 rev 3 table 9. to-247 mechanical data dim. mm min. typ. max. a 4.85 5.15 a1 2.20 2.60 b 1.0 1.40 b1 2.0 2.40 b2 3.0 3.40 c 0.40 0.80 d 19.85 20.15 e 15.45 15.75 e5.45 l 14.20 14.80 l1 3.70 4.30 l2 18.50 ? p 3.55 3.65 ? r 4.50 5.50 s5.50
stf34nm60n, stp34nm60n, STW34NM60N package mechanical data doc id 17740 rev 3 15/17 figure 26. to-247 drawing 0075 3 25_f
revision history stf34nm60n, stp34nm60n, STW34NM60N 16/17 doc id 17740 rev 3 5 revision history table 10. document revision history date revision changes 05-aug-2010 1 initial release. 02-sep-2010 2 updated title on cover page and table 4: on/off states . 08-mar-2011 3 document status promoted from preliminary data to datasheet.
stf34nm60n, stp34nm60n, STW34NM60N doc id 17740 rev 3 17/17 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2011 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STW34NM60N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X