Part Number Hot Search : 
AD1868N AD8039 SC1959 BU45L434 00079 MTZJ20B 59008 TB1800H
Product Description
Full Text Search
 

To Download STC2073Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ksd-t5a004-001 1 STC2073Q npn silicon transistor pin connection sot-223 descriptions ? general purpose amplifier ? high voltage application features ? high collector breakdown voltage : v ceo = 160v ? low collector saturation voltage : v ce(sat) =0.5v(max.) ordering information absolute maximum ratings (ta=25 c) characteristic symbol ratings unit collector-base voltage v cbo 160 v collector-emitter voltage v ceo 160 v emitter-base voltage v ebo 6 v i c 1 a(dc) collector current i cp * 2 a(pulse) p c 1.1 collector power dissipation p c ** 1.5 w junction temperature t j 150 c storage temperature t stg -55~150 c * : single pulse, tp= 300 ? ** : when mounted on ceramic substrate(250 ?0.8t) type no. marking package code STC2073Q stc2073 sot-223 : year & week code
ksd-t5a004-001 2 stc2073 q electrical characteristics (ta=25 c) characteristic symbol test condition min. typ. max. unit collector-base breakdown voltage bv cbo i c =100 a, i e =0 160 - - v collector-emitter breakdown voltage bv ceo i c =1ma, i b =0 160 - - v emitter-base breakdown voltage bv ebo i e =100 a, i c =0 6 - - v collector cut-off current i cbo v cb =160v, i e =0 - - 0.1 ? emitter cut-off current i ebo v eb =4v, i c =0 - - 0.1 ? dc current gain h fe 1) v ce =5v, i c = 30 ? 200 - 400 - collector-emitter saturation voltage v ce(sat) 2) i c =500 ? , i b =50 ? - - 0.5 v base-emitter saturation voltage v be(sat) 2) i c =500 ? , i b =50 ? - - 1.2 v transition frequency f t v ce =5v, i c = 50 ? - 150 - ? collector output capacitance c ob v cb =10v, i e =0, f=1 ? - 10 - ? * note 1) hfe rank : 200~400 only * note 2) pulse tester : pulse width 300 s, duty cycle 2.0%
ksd-t5a004-001 3 stc2073 q electrical characteristic curves fig. 6 h fe- i c fig. 1 p c - ta fig. 4 i c - v ce fig. 2 i c - v be fig. 3 v ce ( sat ) - i c fig. 5 i c - v ce
ksd-t5a004-001 4 stc2073 q electrical characteristic curve s * * * a fig. 11 f t - i c fig. 12 safe operating area fig. 10 cob - v cb fig. 7 h fe- i c fig. 8 h fe- i c fig. 9 h fe- i c
ksd-t5a004-001 5 stc2073 q outline dimension recommend pcb solder land [unit: mm]
ksd-t5a004-001 6 stc2073 q the auk corp. products are intended for the use as components in general electronic equipment (office and co mmunication equipment, m easuring equipment, home appliance, etc.). please make sure that you consult with us before you use these auk corp. products in equipments which require high quality and / or reliability, and in equipments which could have major impact to th e welfare of human life(atomi c energy control, airplane, spaceship, transportation, co mbustion control, all types of safety device, etc.). auk corp. cannot accept liability to any damage which may occur in case these auk corp. products were used in the mentioned equi pments without prior consultation with auk corp.. specifications mentioned in this publicati on are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of STC2073Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X