Part Number Hot Search : 
IRGBC20 LTC405 AN1366 CNY17F2 DA114 TS50P05G UPA1792G BD00FC
Product Description
Full Text Search
 

To Download RCR200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  01 of 03 version 2010 preview a new range of antisurge axial leaded power resistors, metal glaze resistive element on ceramic substrates, from token electronics. a carbon flm resistor replacement, the new rcr series thick-flm style resistors offer numerous benefts over the previous style devices, namely reduced costs, excellent thermal compliance, optimised a variety of surge capabilities and better solder joint reliability against temperature cycles. token succeeded in commercialising the compact thick-flm type leaded resistors with high power and high antisurge characteristics, meeting latest design engineer requirements and making the parts suitable for industrial, measurement and telecommunication applications as well as for automotive circuits, like electrical control units (ecu) and air-bag systems. the antisurge characteristics of tokens latest metal glaze power flm style resistors are superior to standard metal flm resistors. the power flm types of rcr resistors are available: 0.25w to 10w power rating, max working voltage up to 3000v and max overload voltage 5000v. the resistance range is 1 ~ 100m at operating temperature range -20c~+155c. all rcr series devices are rohs-compliant, and compatible with high temperature soldering processes normally employed for lead free solders. resistors are also available in various forming styles and dif ferent leads for different applications. contact us with your specifc needs.information. rcr anti-surge resistors features - high power at small sizes - max working voltage up to 3000v - lead (pb)-free and rohs compliant - operating temperature range: -20c~+155c - metal glaze power flm, axial leaded type - max overload voltage 5000v, tolerances: j (5%) thick-film power resistors handles large surges anti-surge resistors applications - ballasts - amplifers - industrial power supplies - telecommunications - household appliances - automotive circuits, computer, instrumentation t oke n http://www.token.com.tw/ rfq token.com.tw
02 of 03 rcr anti-surge resistors specifcations & dimensions (unit: mm) p l d power rating sh rhl d a a d max.10 7 3 d 0d voltage 0d2d voltage dielectric kvd voltage 73 vvdf d 2d temp.range 700v a0 a 1000v 600v a0 a0 2000v 3000v a0 1000v a0 3000v 1000v a0 power rating 2 0.01 f 7vf 3 vvdfd 6 voltage 6 kddfvfv 67v . 3kv 6f216f2 fv ,dffdfk ,6d vffd .. 3kv .. . .0 7kv 0 10kv version 2010 t ke kf tf
how to order ? ? 1/2w ? ? 220kr j rcr50 tb ? 03 of 03 rcr anti-surge resistors ? 3d1e ? d3 ? vvdfd ? 220k . 0 0 vvdf7df ? 3dfd 3dfd 3 7 7d version 2010 t oke n ksrnr trnr back to 1st page - anti-surge resistors (rcr)


▲Up To Search▲   

 
Price & Availability of RCR200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X