![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
d a t a sh eet product speci?cation supersedes data of 2003 apr 10 2004 aug 04 discrete semiconductors pdta143x series pnp resistor-equipped transistors; r1 = 4.7 k w , r2 = 10 k w
2004 aug 04 2 philips semiconductors product speci?cation pnp resistor-equipped transistors; r1 = 4.7 k w , r2 = 10 k w pdta143x series features built-in bias resistors simplified circuit design reduction of component count reduced pick and place costs. applications general purpose switching and amplification inverter and interface circuits circuit driver. quick reference data description pnp resistor-equipped transistor (see simplified outline, symbol and pinning for package details). symbol parameter typ. max. unit v ceo collector-emitter voltage -- 50 v i o output current (dc) -- 100 ma r1 bias resistor 4.7 - k w r2 bias resistor 10 - k w product overview note 1. * = p: made in hong kong. * = t: made in malaysia. * = w: made in china. type number package marking code npn complement philips eiaj pdta143xe sot416 sc-75 35 pdtc143xe pdta143xef sot490 sc-89 41 pdtc143xef pdta143xk sot346 sc-59 25 pdtc143xk pdta143xm sot883 sc-101 dn pdtc143xm PDTA143XS sot54 (to-92) sc-43 ta143x pdtc143xs pdta143xt sot23 - *31 (1) pdtc143xt pdta143xu sot323 sc-70 *46 (1) pdtc143xu 2004 aug 04 3 philips semiconductors product speci?cation pnp resistor-equipped transistors; r1 = 4.7 k w , r2 = 10 k w pdta143x series simplified outline, symbol and pinning type number simplified outline and symbol pinning pin description PDTA143XS 1 base 2 collector 3 emitter pdta143xe 1 base pdta143xef 2 emitter pdta143xk 3 collector pdta143xt pdta143xu pdta143xm 1 base 2 emitter 3 collector handbook, halfpage mam338 1 2 3 r1 r2 2 3 1 handbook, halfpage mdb271 top view 1 2 3 1 2 3 r1 r2 handbook, halfpage mdb267 2 1 3 bottom view 1 2 3 r1 r2 2004 aug 04 4 philips semiconductors product speci?cation pnp resistor-equipped transistors; r1 = 4.7 k w , r2 = 10 k w pdta143x series limiting values in accordance with the absolute maximum rating system (iec 60134). notes 1. refer to standard mounting conditions. 2. reflow soldering is the only recommended soldering method. 3. refer to sot883 standard mounting conditions; fr4 with 60 m m copper strip line. thermal characteristics notes 1. refer to standard mounting conditions. 2. reflow soldering is the only recommended soldering method. 3. refer to sot883 standard mounting conditions; fr4 with 60 m m copper strip line. symbol parameter conditions min. max. unit v cbo collector-base voltage open emitter -- 50 v v ceo collector-emitter voltage open base -- 50 v v ebo emitter-base voltage open collector -- 10 v v i input voltage positive - +7 v negative -- 20 v i o output current (dc) -- 100 ma i cm peak collector current -- 100 ma p tot total power dissipation t amb 25 c sot54 note 1 - 500 mw sot23 note 1 - 250 mw sot346 note 1 - 250 mw sot323 note 1 - 200 mw sot416 note 1 - 150 mw sot490 notes 1 and 2 - 250 mw sot883 notes 2 and 3 - 250 mw t stg storage temperature - 65 +150 c t j junction temperature - 150 c t amb operating ambient temperature - 65 +150 c symbol parameter conditions value unit r th j-a thermal resistance from junction to ambient in free air sot54 note 1 250 k/w sot23 note 1 500 k/w sot346 note 1 500 k/w sot323 note 1 625 k/w sot416 note 1 833 k/w sot490 notes 1 and 2 500 k/w sot883 notes 2 and 3 500 k/w 2004 aug 04 5 philips semiconductors product speci?cation pnp resistor-equipped transistors; r1 = 4.7 k w , r2 = 10 k w pdta143x series characteristics t amb =25 c unless otherwise speci?ed. symbol parameter conditions min. typ. max. unit i cbo collector-base cut-off current v cb = - 50 v; i e =0 --- 100 na i ceo collector-emitter cut-off current v ce = - 30 v; i b =0 --- 1 m a v ce = - 30 v; i b = 0; t j = 150 c --- 50 m a i ebo emitter-base cut-off current v eb = - 5 v; i c =0 --- 600 m a h fe dc current gain v ce = - 5 v; i c = - 10 ma 50 -- v cesat collector-emitter saturation voltage i c = - 10 ma; i b = - 0.5 ma --- 150 mv v i(off) input-off voltage i c = - 100 m a; v ce = - 5v -- 0.9 - 0.3 v v i(on) input-on voltage i c = - 20 ma; v ce = - 0.3 v - 2.5 - 1.5 - v r1 input resistor 3.3 4.7 6.1 k w resistor ratio 1.7 2.1 2.6 c c collector capacitance i e =i e = 0; v cb = - 10 v; f = 1 mhz -- 3pf r2 r1 ------- - 2004 aug 04 6 philips semiconductors product speci?cation pnp resistor-equipped transistors; r1 = 4.7 k w , r2 = 10 k w pdta143x series package outlines unit a 1 max b p cd e e 1 h e l p qw references outline version european projection issue date iec jedec eiaj mm 0.1 0.30 0.15 0.25 0.10 1.8 1.4 0.9 0.7 0.5 e 1 1.75 1.45 0.2 v 0.2 dimensions (mm are the original dimensions) 0.45 0.15 0.23 0.13 sot416 sc-75 w m b p d e 1 e a a 1 l p q detail x h e e a b b v m a 0 0.5 1 mm scale a 0.95 0.60 c x 12 3 plastic surface mounted package; 3 leads sot416 97-02-28 2004 aug 04 7 philips semiconductors product speci?cation pnp resistor-equipped transistors; r1 = 4.7 k w , r2 = 10 k w pdta143x series unit b p cd e e 1 h e l p w v references outline version european projection issue date 98-10-23 iec jedec eiaj mm 0.33 0.23 0.2 0.1 1.7 1.5 0.95 0.75 0.5 e 1.0 1.7 1.5 0.1 0.1 dimensions (mm are the original dimensions) 0.5 0.3 sot490 sc-89 b p d e 1 e a l p detail x h e e w m v m a b a b 0 1 2 mm scale a 0.8 0.6 c x 12 3 plastic surface mounted package; 3 leads sot490 2004 aug 04 8 philips semiconductors product speci?cation pnp resistor-equipped transistors; r1 = 4.7 k w , r2 = 10 k w pdta143x series unit a 1 b p cd e e 1 h e l p qw v references outline version european projection issue date iec jedec eiaj mm 0.50 0.35 0.26 0.10 3.1 2.7 1.7 1.3 0.95 e 1.9 3.0 2.5 0.33 0.23 0.2 0.2 dimensions (mm are the original dimensions) 0.6 0.2 sot346 to-236 sc-59 b p d e 1 e a a 1 l p q detail x h e e w m v m a b a b 0 1 2 mm scale a 1.3 1.0 0.1 0.013 c x 12 3 plastic surface mounted package; 3 leads sot346 98-07-17 2004 aug 04 9 philips semiconductors product speci?cation pnp resistor-equipped transistors; r1 = 4.7 k w , r2 = 10 k w pdta143x series unit a 1 max. a (1) bb 1 e 1 ell 1 references outline version european projection issue date iec jedec jeita mm 0.50 0.46 0.20 0.12 0.55 0.47 0.03 0.62 0.55 0.35 0.65 dimensions (mm are the original dimensions) note 1. including plating thickness 0.30 0.22 0.30 0.22 sot883 sc-101 03-02-05 03-04-03 de 1.02 0.95 l e 2 3 1 b b 1 a 1 a d l 1 0 0.5 1 mm scale leadless ultra small plastic package; 3 solder lands; body 1.0 x 0.6 x 0.5 mm sot883 e e 1 2004 aug 04 10 philips semiconductors product speci?cation pnp resistor-equipped transistors; r1 = 4.7 k w , r2 = 10 k w pdta143x series unit a references outline version european projection issue date iec jedec jeita mm 5.2 5.0 b 0.48 0.40 c 0.45 0.38 d 4.8 4.4 d 1.7 1.4 e 4.2 3.6 l 14.5 12.7 e 2.54 e 1 1.27 l 1 (1) max. 2.5 b 1 0.66 0.55 dimensions (mm are the original dimensions) note 1. terminal dimensions within this zone are uncontrolled to allow for flow of plastic and terminal irregularities. sot54 to-92 sc-43a 97-02-28 04-06-28 a l 0 2.5 5 mm scale b c d b 1 l 1 d e plastic single-ended leaded (through hole) package; 3 leads sot54 e 1 e 1 2 3 2004 aug 04 11 philips semiconductors product speci?cation pnp resistor-equipped transistors; r1 = 4.7 k w , r2 = 10 k w pdta143x series unit a 1 max. b p cd e e 1 h e l p qw v references outline version european projection issue date 97-02-28 99-09-13 iec jedec eiaj mm 0.1 0.48 0.38 0.15 0.09 3.0 2.8 1.4 1.2 0.95 e 1.9 2.5 2.1 0.55 0.45 0.1 0.2 dimensions (mm are the original dimensions) 0.45 0.15 sot23 to-236ab b p d e 1 e a a 1 l p q detail x h e e w m v m a b a b 0 1 2 mm scale a 1.1 0.9 c x 12 3 plastic surface mounted package; 3 leads sot23 2004 aug 04 12 philips semiconductors product speci?cation pnp resistor-equipped transistors; r1 = 4.7 k w , r2 = 10 k w pdta143x series unit a 1 max b p cd e e 1 h e l p qw v references outline version european projection issue date iec jedec eiaj mm 0.1 1.1 0.8 0.4 0.3 0.25 0.10 2.2 1.8 1.35 1.15 0.65 e 1.3 2.2 2.0 0.23 0.13 0.2 0.2 dimensions (mm are the original dimensions) 0.45 0.15 sot323 sc-70 w m b p d e 1 e a b a 1 l p q detail x c h e e v m a a b y 0 1 2 mm scale a x 12 3 plastic surface mounted package; 3 leads sot323 97-02-28 2004 aug 04 13 philips semiconductors product speci?cation pnp resistor-equipped transistors; r1 = 4.7 k w , r2 = 10 k w pdta143x series data sheet status notes 1. please consult the most recently issued data sheet before initiating or completing a design. 2. the product status of the device(s) described in this data sheet may have changed since this data sheet was published. the latest information is available on the internet at url http://www.semiconductors.philips.com. 3. for data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. level data sheet status (1) product status (2)(3) definition i objective data development this data sheet contains data from the objective speci?cation for product development. philips semiconductors reserves the right to change the speci?cation in any manner without notice. ii preliminary data quali?cation this data sheet contains data from the preliminary speci?cation. supplementary data will be published at a later date. philips semiconductors reserves the right to change the speci?cation without notice, in order to improve the design and supply the best possible product. iii product data production this data sheet contains data from the product speci?cation. philips semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. relevant changes will be communicated via a customer product/process change noti?cation (cpcn). definitions short-form specification ? the data in a short-form specification is extracted from a full data sheet with the same type number and title. for detailed information see the relevant data sheet or data handbook. limiting values definition ? limiting values given are in accordance with the absolute maximum rating system (iec 60134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the specification is not implied. exposure to limiting values for extended periods may affect device reliability. application information ? applications that are described herein for any of these products are for illustrative purposes only. philips semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. disclaimers life support applications ? these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips semiconductors for any damages resulting from such application. right to make changes ? philips semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. when the product is in full production (status production), relevant changes will be communicated via a customer product/process change notification (cpcn). philips semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. ? koninklijke philips electronics n.v. 2004 sca76 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owne r. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not con vey nor imply any license under patent- or other industrial or intellectual property rights. philips semiconductors C a worldwide company contact information for additional information please visit http://www.semiconductors.philips.com . fax: +31 40 27 24825 for sales of?ces addresses send e-mail to: sales.addresses@www.semiconductors.philips.com . printed in the netherlands r75/03/pp 14 date of release: 2004 aug 04 document order number: 9397 750 13657 |
Price & Availability of PDTA143XS
![]() |