Part Number Hot Search : 
MB15C 74HC36 RL107F 0102M PA1162 22F1X UZ8850 CS822D1
Product Description
Full Text Search
 

To Download MUR405 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MUR405 thru mur4100 4 amp ultra fast recovery rectifier 50 to 1000 volts do-201ad features high surge capability low leakage and low forward voltage drop ultra fast switching speed for high efficiency dimensions inches mm dim min max min max note c .048 .052 1.20 1.30 d 1.000 --- 25.40 --- maximum ratings operating temperature: -5 5c to +150c storage temperature: -55c to +150c typical thermal resistance 20 o c/w mcc catalog number device marking maximum recurrent peak reerse voltage maximum rms voltage maximum dc blocking voltage mur480 mur480 800v 550 v 800 v electrical characteristics @ 2 5 c unless otherwise specified average forward current i f(av) 4.0a t a = 55 c peak forward surge current i fsm 150a 8.3ms, half sine maximum instantaneous forward voltage v f i fm = 4.0a; t a = 25 c maximum dc reverse current at rated dc blocking voltage i r 10ua t a = 25 c typical junction capacitance measured at 1.0mhz, v r =4.0v a b c d d cathode mark                        ww w . mccsemi .com mur4100 mur4100 1000v 700v 1000v MUR405 MUR405 50v 35v 50v mur410 mur410 100v 70v 100v mur415 mur415 150v 105v 150v mur420 mur420 200v 140v 200v mur440 mur440 400v 280v 400 v mur460 mur460 600v 420v 600 v MUR405-415 mur420-460 mur480-4100 1.00v 1.35v 1.85v maximum reverse recovery time 50ua t a = 100 o c MUR405-415 mur420-460 mur480-4100 trr 45ns 60ns 75ns i f =0.5a, i r =1.0a, i rr =0.25a MUR405-460 mur480-4100 c j 80pf 50pf         
 omp onents 20736 marilla street chatsworth               !  " #   $
%         !   " #    mcc revision: a 2011/01/01 tm micro commercial components a .287 .374 7.30 9.50 b .189 .208 4.80 5.30 1 of 3 notes:1.high temperature solder exemption applied, see eu directive annex 7. ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisture sensitivity level 1
MUR405 thru mur4100 mcc www. mccsemi .com 1 100 4 0 25 50 75 8 figure 3 peak forward surge current peak forward surge current - amperes versus number of cycles at 60hz - cycles amps cycles 2 6 10 20 60 80 40 100 150 200 average forward rectified current - amperes versus ambient temperature - c figure 2 forward derating curve 0 17550 75 100 125 0 1 2 3 single phase, half wave 60hz resistive or inductive load amps c 150 4 5 6 instantaneous forward current - amperes versus instantaneous forward voltage - volts figure 1 typical forward characteristics volts 4 6 20 10 amps .2 1.2 .4 .6 .8 1.0 .01 .02 .04 .06 .1 .2 .4 .6 1 2 25 c 40 60 100 1.4 revision: a 2011/01/01 tm micro commercial components 2 of 3
mcc www.mccsemi .com revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 3 of 3 device packing part number-tp tape&reel: 1.2kpcs/reel part number-ap ammo packing: 1.2kpcs/ammo box part number-bp bulk: 12kpcs/carton ordering information : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s.


▲Up To Search▲   

 
Price & Availability of MUR405

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X