Part Number Hot Search : 
20VV6 NTE3302 XL8004E1 GM965 ICS85 T25C256 30252 D54ACT
Product Description
Full Text Search
 

To Download IXFH17N80Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2003 ixys all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 150 c 800 v v dgr t j = 25 c to 150 c; r gs = 1 m ? 800 v v gs continuous 20 v v gsm transient 30 v i d25 t c = 25 c17a i dm t c = 25 c, pulse width limited by t jm 68 a i ar t c = 25 c17a e ar t c = 25 c30mj e as t c = 25 c 1.0 j dv/dt i s i dm , di/dt 100 a/ s, v dd v dss , 5 v/ns t j 150 c, r g = 2 ? p d t c = 25 c 400 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c m d mounting torque 1.13/10 nm/lb.in. weight to-247 6 g to-268 4 g to-247 ad (ixfh) g = gate d = drain s = source tab = drain (tab) ds99058a(06/03) symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. v dss v gs = 0 v, i d = 3 ma 800 v v gs(th) v ds = v gs , i d = 4 ma 2.0 4.5 v i gss v gs = 20 v dc , v ds = 0 100 na i dss v ds = v dss t j = 25 c25 a v gs = 0 v t j = 125 c1ma r ds(on) v gs = 10 v, i d = 0.5 i d25 0.60 ? pulse test, t 300 s, duty cycle d 2 % ixfh 17n80q ixft 17n80q v dss = 800 v i d25 = 17 a r ds(on) = 0.60 ? ? ? ? ? t rr 250 ns preliminary data sheet to-268 (d3) (ixft) case style (tab) g s hiperfet tm power mosfets q-class n-channel enhancement mode avalanche rated, high dv/dt, low q g features z ixys advanced low q g process z international standard packages z low r ds (on) z unclamped inductive switching (uis) rated z fast switching z molding epoxies meet ul 94 v-0 flammability classification advantages z easy to mount z space savings z high power density
ixys reserves the right to change limits, test conditions, and dimensions. ixys mosfets and igbts are covered by one or more of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728b1 6,259,123b1 6,306,728b 1 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 6,404,065b1 6,162,665 6,534,343 ixfh 17n80q ixft 17n80q symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 10 v; i d = 0.5 i d25 , pulse test 9 17 s c iss 3600 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 350 pf c rss 100 pf t d(on) 18 ns t r v gs = 10 v, v ds = 0.5 v dss , i d = 0.5 i d25 27 ns t d(off) r g = 1.5 ? (external) 53 ns t f 16 ns q g(on) 95 nc q gs v gs = 10 v, v ds = 0.5 v dss , i d = 0.5 i d25 20 nc q gd 40 nc r thjc 0.31 k/w r thck (to-247) 0.25 k/w source-drain diode characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0 v 15 a i sm repetitive; 60 a v sd i f = i s , v gs = 0 v, 1.5 v pulse test, t 300 s, duty cycle d 2 % t rr 250 ns q rm i f = i s -di/dt = 100 a/ s, v r = 100 v 0.85 c i rm 8a dim. millimeter inches min. max. min. max. a 4.7 5.3 .185 .209 a 1 2.2 2.54 .087 .102 a 2 2.2 2.6 .059 .098 b 1.0 1.4 .040 .055 b 1 1.65 2.13 .065 .084 b 2 2.87 3.12 .113 .123 c .4 .8 .016 .031 d 20.80 21.46 .819 .845 e 15.75 16.26 .610 .640 e 5.20 5.72 0.205 0.225 l 19.81 20.32 .780 .800 l1 4.50 .177 ? p 3.55 3.65 .140 .144 q 5.89 6.40 0.232 0.252 r 4.32 5.49 .170 .216 s 6.15 bsc 242 bsc to-247 ad outline terminals: 1 - gate 2 - drain 3 - source tab - drain 1 2 3 to-268 outline min recommended footprint
? 2003 ixys all rights reserved ixfh 17n80q ixft 17n80q fig. 2. extended output characteristics @ 25 deg. c 0 5 10 15 20 25 30 35 0 5 10 15 20 25 30 v d s - volts i d - amperes v gs = 10v 7v 5v 6v fig. 3. output characteristics @ 125 deg. c 0 2 4 6 8 10 12 14 16 18 0 5 10 15 20 25 30 v d s - volts i d - amperes v gs = 10v 6v 5v fig. 1. output characteristics @ 25 deg. c 0 2 4 6 8 10 12 14 16 18 024681012 v d s - volts i d - amperes v gs = 10v 5v 6v fig. 4. r ds(on) norm alized to i d25 v alue vs. junction temperature 0.4 0.7 1 1.3 1.6 1.9 2.2 2.5 2.8 3.1 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r d s (on) - normalize d i d = 17a i d = 8.5a v gs = 10v fig. 6. drain current vs. case temperature 0 2 4 6 8 10 12 14 16 18 -50 -25 0 25 50 75 100 125 150 t c - degrees centigrade i d - amperes fig. 5. r ds(on) norm alized to i d25 value vs. i d 0.7 1 1.3 1.6 1.9 2.2 2.5 2.8 0 5 10 15 20 25 30 35 i d - amperes r d s (on) - normalize d t j = 125oc t j = 25oc v gs = 10v
ixys reserves the right to change limits, test conditions, and dimensions. ixys mosfets and igbts are covered by one or more of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728b1 6,259,123b1 6,306,728b 1 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 6,404,065b1 6,162,665 6,534,343 ixfh 17n80q ixft 17n80q fig. 11. capacitance 10 100 1000 10000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - pf c iss c oss c rss f = 1mhz fig. 10. gate charge 0 2 4 6 8 10 0 2040 6080100 q g - nanocoulombs v g s - volts v ds = 400v i d = 8.5a i g = 10ma fig. 7. input admittance 0 5 10 15 20 25 3 3.5 4 4.5 5 5.5 6 v g s - volts i d - amperes t j = 120oc 25oc -40oc fig. 12. maxim um transient therm al resistance 0.01 0.1 1 1 10 100 1000 pulse width - milliseconds r (th) j c - (oc/w) fig. 8. transconductance 0 5 10 15 20 25 30 35 40 0 5 10 15 20 25 30 35 40 i d - amperes g f s - siemens t j = -40oc 25oc 125oc fig. 9. source current vs. source-to- drain voltage 0 10 20 30 40 50 0.4 0.5 0.6 0.7 0.8 0.9 1 1.1 1.2 v s d - volts i s - amperes t j = 125oc t j = 25oc


▲Up To Search▲   

 
Price & Availability of IXFH17N80Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X