Part Number Hot Search : 
100175 TM1668 SGC0305A FC65PE W9820 HY5DU5 CM8500A PBSS4
Product Description
Full Text Search
 

To Download IXFA4N100Q11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2011 ixys corporation, all rights reserved ds98705b(04/11) v dss = 1000v i d25 = 4a r ds(on) 3.0 n-channel enhancement mode avalanche rated fast intrinsic diode symbol test conditions maximum ratings v dss t j = 25 c to 150 c 1000 v v dgr t j = 25 c to 150 c, r gs = 1m 1000 v v gss continuous 20 v v gsm transient 30 v i d25 t c = 25 c4a i dm t c = 25 c, pulse width limited by t jm 16 a i a t c = 25 c4a e as t c = 25 c 700 mj dv/dt i s i dm , v dd v dss ,t j 150 c 5 v/ns p d t c = 25 c 150 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l maximum lead temperature for soldering 300 c t sold plastic body for 10s 260 c m c mounting force (to-263) 10..65/2.2..14.6 nm/lb.in. m d mounting torque (to-220) 1.13/10 nm/lb.in. weight to-263 2.5 g to-220 3.0 g ixfa4n100q ixfp4n100q g = gate d = drain s = source tab = drain to-263 aa (ixfa) g d s to-220ab (ixfp) d (tab) g s d (tab) hiperfet tm power mosfets q-class features z international standard packages z avalanche rated z fast intrinsic diode z low q g z low r ds(on) z low drain-to-tab capacitance z low package inductance advantages z high power density z easy to mount z space savings applications z dc-dc converters z battery chargers z switch-mode and resonant-mode power supplies z dc choppers z temperature and lighting controls symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. bv dss v gs = 0v, i d = 1ma 1000 v v gs(th) v ds = v gs , i d = 1.5ma 2.5 4.5 v i gss v gs = 20v, v ds = 0v 100 na i dss v ds = v dss , v gs = 0v 50 a t j = 125 c 1 ma r ds(on) v gs = 10v, i d = 0.5 ? i d25 , note 1 3.0
ixys reserves the right to change limits, test conditions, and dimensions. ixfa4n100q ixfp4n100q symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. g fs v ds = 20v, i d = 0.5 ? i d25 , note 1 1.5 2.5 s c iss 1050 pf c oss v gs = 0v, v ds = 25v, f = 1mhz 120 pf c rss 30 pf t d(on) 17 ns t r 15 ns t d(off) 32 ns t f 18 ns q g(on) 39 nc q gs v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 9 nc q gd 23 nc r thjc 0.80 c/w r thcs to-220 0.50 c/w source-drain diode symbol test conditions characteristic values (t j = 25 c unless otherwise specified) min. typ. max. i s v gs = 0v 4 a i sm repetitive, pulse width limited by t jm 16 a v sd i f = i s , v gs = 0v, note 1 1.5 v t rr 250 ns q rm 0.52 c i rm 1.80 a ixys mosfets and igbts are covered 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 7,005,734 b2 7,157,338b2 by one or more of the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405 b2 6,759,692 7,063,975 b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 6,771,478 b2 7,071,537 note 1. pulse test, t 300 s, duty cycle, d 2%. i f = i s , -di/dt = 100a/ s v r = 100v, v gs = 0v resistive switching times v gs = 10v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 r g = 4.7 (external) pins: 1 - gate 2 - drain 3 - source to-220 outline to-263 outline
? 2011 ixys corporation, all rights reserved ixfa4n100q ixfp4n100q v ds - volts 0246810 i d - amperes 0 1 2 3 4 v ds - volts 0 5 10 15 20 i d - amperes 0 1 2 3 4 t j - degrees c 25 50 75 100 125 150 r ds(on) - normalized 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 v gs - volts 345678 i d - amperes 0 1 2 3 4 i d - amperes 0123456 r ds(on) - normalized 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 v ce - volts 0 4 8 12 16 20 i d - amperes 0 1 2 3 4 5 6 7v 6v v gs = 10v v gs = 10v 9v 8v t j = 25c v gs = 10v 9v 8v t j = 25c t j = 125c 5v 5v t j = 25c t j = 125c 6v 7v 5v 6v 7v v gs = 10v 9v 8v t j = 125 o c v gs = 10v i d = 2a t j = 25 o c figure 1. output characteristics at 25 o c figure 2. extended output characteristics at 125 o c figure 3. output characteristics at 125 c figure 6. r ds(on) normalized to 0.5 i d25 value vs. t j figure 5. r ds(on) normalized to 0.5 i d25 value vs. i d figure 4. admittance curves
ixys reserves the right to change limits, test conditions, and dimensions. ixfa4n100q ixfp4n100q ixys ref: ixt_4n100q (4u)04-01-11-a t c - degrees centigrade -50 -25 0 25 50 75 100 125 150 i d - amperes 0 1 2 3 4 5 pulse width - seconds 10 -4 10 -3 10 -2 10 -1 10 0 10 1 r(th) jc - k/w 0.01 0.10 1.00 v ds - volts 0 5 10 15 20 25 30 35 capacitance - pf 10 100 1000 v sd - volts 0.2 0.4 0.6 0.8 1.0 1.2 i d - amperes 0 2 4 6 8 10 gate charge - nc 0 102030405060 v gs - volts 0 3 6 9 12 15 crss coss ciss v ds = 600 v i d = 3 a i g = 10 ma f = 1mhz t j = 125 o c t j = 25 o c 60 2000 figure 7. gate charge figure 8. capacitance curves figure 9. forward voltage drop of the intrinsic diode figure 11. transient thermal resistance


▲Up To Search▲   

 
Price & Availability of IXFA4N100Q11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X