Part Number Hot Search : 
C3504 4001G SD300C 5KE27C 2C151 CS3842B MC908 01900
Product Description
Full Text Search
 

To Download IRGI4090PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.irf.com 1 06/13/08 IRGI4090PBF description this igbt is specifically designed for applications in plasma display panels. this device utilizes advanced trench igbt technology to achieve low v ce(on) and low e pulse tm rating per silicon area which improve panel efficiency. additional features are 150c operating junction temperature and high repetitive peak current capability. these features combine to make this igbt a highly efficient, robust and reliable device for pdp applications. features  advanced trench igbt technology  optimized for sustain and energy recovery circuits in pdp applications  low v ce(on) and energy per pulse (e pulse tm ) for improved panel efficiency  high repetitive peak current capability  lead free package  
 e c g n-channel gc e gate collector emitter  
    v ce min 300 v v ce(on) typ. @ i c = 11a 1.20 v i rp max @ t c = 25c 140 a t j max 150 c key parameters absolute maximum ratings parameter units v ge gate-to-emitter voltage v i c @ t c = 25c continuous collector current, v ge @ 15v a i c @ t c = 100c continuous collector, v ge @ 15v i rp @ t c = 25c repetitive peak current  p d @t c = 25c power dissipation w p d @t c = 100c power dissipation linear derating factor w/c t j operating junction and c t stg storage temperature range soldering temperature for 10 seconds mounting torque, 6-32 or m3 screw n thermal resistance parameter typ. max. units r jc junction-to-case  ??? 3.65 c/w 300 -40 to + 150 10lb  in (1.1n  m) 34 14 0.27 max. 11 140 21 30 
 2 www.irf.com    half sine wave with duty cycle = 0.05, pw=2sec.  r is measured at   
    pulse width 400s; duty cycle 2%. electrical characteristics @ t j = 25c (unless otherwise specified) parameter min. typ. max. units bv ces collector-to-emitter breakdown voltage 300 ??? ??? v v (br)ecs emitter-to-collector breakdown voltage  30 ??? ??? v ? v ces / ? t j breakdown voltage temp. coefficient ??? 0.30 ??? v/c ??? 1.20 ??? ??? 1.67 1.94 2.43 ??? v ??? 3.35 ??? ??? 4.50 ??? ??? 4.75 ??? v ge(th) gate threshold voltage 2.6 ??? 5.0 v ? v ge(th) / ? t j gate threshold voltage coefficient ??? -12 ??? mv/c i ces collector-to-emitter leakage current ??? 2.0 5.0 a ??? 5.0 ??? ??? 100 ??? i ges gate-to-emitter forward leakage ??? ??? 100 na gate-to-emitter reverse leakage ??? ??? -100 g fe forward transconductance ??? 11 ??? s q g total gate charge ??? 34 ??? nc q gc gate-to-collector charge ??? 9.6 ??? t d(on) turn-on delay time ??? 20 ??? i c = 11a, v cc = 240v t r rise time ??? 14 ??? ns r g = 10 ? , l=200h, l s = 150nh t d(off) turn-off delay time ??? 99 ??? t j = 25c t f fall time ??? 68 ??? t d(on) turn-on delay time ??? 19 ??? i c = 11a, v cc = 240v t r rise time ??? 15 ??? ns r g = 10 ? , l=200h, l s = 150nh t d(off) turn-off delay time ??? 139 ??? t j = 150c t f fall time ??? 129 ??? t st shoot through blocking time 100 ??? ??? ns e pulse energy per pulse j c ies input capacitance ??? 1153 ??? c oes output capacitance ??? 59 ??? pf c res reverse transfer capacitance ??? 27 ??? l c internal collector inductance ??? 4.5 ??? between lead, nh 6mm (0.25in.) l e internal emitter inductance ??? 7.5 ??? from package v ge = 15v, i ce = 120a  static collector-to-emitter voltage v ce(on) v ge = 15v, i ce = 90a, t j = 150c  549 ??? reference to 25c v ge = 30v v ge = -30v v ce = 300v, v ge = 0v, t j = 100c v cc = 240v, v ge = 15v, r g = 5.1 ? v ce = v ge , i ce = 250a v ce = 300v, v ge = 0v v ce = 300v, v ge = 0v, t j = 150c ??? 637 ??? v ce = 25v, i ce = 11a v ce = 200v, i c = 11a, v ge = 15v  v cc = 240v, r g = 5.10 ?, t j = 25c ??? ? = 1.0mhz, see fig.13 and center of die contact conditions v ge = 0v, i ce = 500a reference to 25c, i ce = 5.0a v ge = 15v, i ce = 90a  v ge = 15v, i ce = 11a  v ge = 15v, i ce = 30a  v ge = 0v, i ce = 1.0a v ge = 15v, i ce = 60a  v ce = 30v v ge = 0v l =220nh, c= 0.10f, v ge = 15v l =220nh, c= 0.10f, v ge = 15v v cc = 240v, r g = 5.10 ?, t j = 100c
 www.irf.com 3 fig 1. typical output characteristics @ 25c fig 3. typical output characteristics @ 125c fig 4. typical output characteristics @ 150c fig 2. typical output characteristics @ 75c fig 5. typical transfer characteristics fig 6. v ce(on) vs. gate voltage 0 5 10 15 20 25 30 v ce (v) 0 40 80 120 160 200 240 280 320 i c e ( a ) top vge = 18v v ge = 15v v ge = 12v v ge = 10v v ge = 8.0v bottom v ge = 6.0v 0 5 10 15 20 25 30 v ce (v) 0 40 80 120 160 200 240 280 i c e ( a ) top vge = 18v v ge = 15v v ge = 12v v ge = 10v v ge = 8.0v bottom v ge = 6.0v 0 5 10 15 20 25 30 v ce (v) 0 40 80 120 160 200 240 280 i c e ( a ) top vge = 18v v ge = 15v v ge = 12v v ge = 10v v ge = 8.0v bottom v ge = 6.0v 0 5 10 15 20 25 30 v ce (v) 0 40 80 120 160 200 240 i c e ( a ) top vge = 18v v ge = 15v v ge = 12v v ge = 10v v ge = 8.0v bottom v ge = 6.0v 0 5 10 15 20 v ge (v) 0 40 80 120 160 200 240 i c e ( a ) t j = 25c t j = 150c 0 5 10 15 20 v ge (v) 0 5 10 15 20 v c e ( v ) t j = 25c t j 150c i c = 11a
 4 www.irf.com fig 7. maximum collector current vs. case temperature fig 8. typical repetitive peak current vs. case temperature fig 10. typical e pulse vs. collector-to-emitter voltage fig 9. typical e pulse vs. collector current fig 11. e pulse vs. temperature fig 12. forrward bias safe operating area 120 125 130 135 140 145 150 155 160 165 170 i c , peak collector current (a) 0 1000 2000 3000 4000 5000 6000 7000 8000 e n e r g y p e r p u l s e ( j ) v cc = 240v l = 220nh c = variable 100c 25c 180 190 200 210 220 230 240 v ce, collector-to-emitter voltage (v) 1000 2000 3000 4000 5000 6000 7000 8000 e n e r g y p e r p u l s e ( j ) 100c 25c v cc = 240v l = 220nh c = 0.40f 25 50 75 100 125 150 t j , temperature (oc) 400 1400 2400 3400 4400 5400 6400 7400 8400 9400 e n e r g y p e r p u l s e ( j ) v cc = 240v l = 220nh t = 1s half sine c= 0.4f c= 0.2f c= 0.1f 1 10 100 1000 v ce (v) 1 10 100 1000 i c ( a ) 1msec 10sec 100sec t c = 25c t j = 150c single pulse 20 40 60 80 100 120 140 160 t c (c) 0 5 10 15 20 25 i c ( a ) 25 50 75 100 125 150 case temperature (c) 0 20 40 60 80 100 120 140 160 r e p e t i t i v e p e a k c u r r e n t ( a ) pw= 2s duty cycle <= 0.05 half sine wave
 www.irf.com 5 fig 13. typical capacitance vs. collector-to-emitter voltage fig 14. typical gate charge vs. gate-to-emitter voltage fig 15. maximum effective transient thermal impedance, junction-to-case 0 50 100 150 200 v ce , collector-toemitter-voltage(v) 10 100 1000 10000 c a p a c i t a n c e ( p f ) cies coes cres v gs = 0v, f = 1 mhz c ies = c ge + c gd , c ce shorted c res = c gc c oes = c ce + c gc 1e-006 1e-005 0.0001 0.001 0.01 0.1 1 10 100 t 1 , rectangular pulse duration (sec) 0.001 0.01 0.1 1 10 t h e r m a l r e s p o n s e ( z t h j c ) 0.20 0.10 d = 0.50 0.02 0.01 0.05 single pulse ( thermal response ) notes: 1. duty factor d = t1/t2 2. peak tj = p dm x zthjc + tc j j 1 1 2 2 3 3 r 1 r 1 r 2 r 2 r 3 r 3 ci i / ri ci= i / ri c 4 4 r 4 r 4 ri (c/w) i (sec) 0.24132 0.000104 0.68173 0.001551 1.10405 0.071769 1.62289 1.9251 0 10203040 q g , total gate charge (nc) 0 2 4 6 8 10 12 14 16 v g e , g a t e - t o - e m i t t e r v o l t a g e ( v ) i c = 11a v ces = 240v v ces = 150v v ces = 60v
 6 www.irf.com fig 16a. t st and e pulse test circuit fig 16b. t st test waveforms fig 16c. e pulse test waveforms 1k vcc dut 0 l fig. 17 - gate charge circuit (turn-off) dri ver dut l c vcc rg rg b a ipulse energy v ce i c current pulse a pulse b t st
 www.irf.com 7 to-220ab full-pak package is not recommended for surface mount application. data and specifications subject to change without notice. this product has been designed for the industrial market. qualification standards can be found on ir?s web site. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 06/08  
      

 
  
  
 

      
  
   

     
   
      
 
   

 
   
   
 
 
   


    
 
 
     
 

    
 

  
   
 
  
        
   

    
 
 
 

 
  

 
 
 

   !
  
          
  to-220 full-pak package outline dimensions are shown in millimeters (inches) to-220 full-pak part marking information  
 
     

  
           !"#$%&&"'()*)#$"+ &#!# $ #$,#-%!"&"%,./""    0   



  
      
 


▲Up To Search▲   

 
Price & Availability of IRGI4090PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X