Part Number Hot Search : 
S20H100C SMB12 HLB121 TF256 MMBZ525 XE2476 1SRWA NTE489
Product Description
Full Text Search
 

To Download EC103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  163 ?2010 littelfuse, inc revised: march 31, 2010 03:44 pm teccor ? brand thyristors speci?cations are subject to change without notice. EC103xx & sxsx series 0.8 amp sensitive scrs 0.8 a scrs EC103xx & sxsx series description excellent unidirectional switches for phase control applications such as heating and motor speed controls. sensitive gate scrs are easily triggered with microamps of current as furnished by sense coils, proximity switches, and microprocessors. features & bene?ts t 3p)4dpnqmjbou t (mbttoqbttjwbufe junctions t 7pmubhfdbqbcjmjuzvq up7 t 4vshfdbqbcjmjuzvqup 20 a schematic symbol main features symbol value unit i t(rms) 0.8 a 7 drm 7 rrm 400 to 600 7 i (5 12 to 500 a absolute maximum ratings sensitive scrs symbol parameter test conditions value unit i t(rms) rms on-state current t c = 75c 0.8 a i 5 "7
average on-state current t c = 75c 0.51 a i tsm peak non-repetitive surge current tjohmfibmgdzdmfg)[ t j (initial) = 25c 16 a tjohmfibmgdzdmfg)[ t j (initial) = 25c 20 i 2 ti 2 u7bmvfgpsgvtjoh t p = 8.3 ms 1.6 a 2 s di/dt critical rate of rise of on-state current g)[5 j = 110c 50 a/s i (. peak gate current t j = 110c 1a p ( "7
average gate power dissipation t j = 110c 0.1 w t stg storage temperature range -40 to 150 c t j operating junction temperature range -40 to 110 c applications typical applications are capacitive discharge systems for strobe lights and gas engine ignition. also controls for power tools, home/brown goods and white goods appliances. a k g
164 revised: march 31, 2010 03:44 pm ?2010 littelfuse, inc teccor ? brand thyristors speci?cations are subject to change without notice. speci?cations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 0.8 amp sensitive scrs EC103xx & sxsx series electrical characteristics (t j = 25c, unless otherwise speci?ed) symbol test conditions value unit sxs1 EC103x1 sxs2 EC103x2 sxs / 2n6565 EC103x sxs3 EC103x3 i (5 7 d 73 l = 100 8 max. 12 50 200 500 a 7 (5 max. 0.8 7 dv/dt 7 d 7 drm ; r (, = 1k 7 min. 20 25 30 40 7?t 7 10 10 15 20 7 (% 7 d 7 drm ; r l = 3.3 k 8 ; t j = 110c min. 0.2 0.25 7 i ) i t = 20ma (initial), r (, = 1k max. 5 8 ma t q (1) max. 60 50 45 s t gt i ( = 2 x i (5 ; pw = 15s; i t = 1.6a typ. 2 5 20 30 s (1) i t =1a; t p ?teweu7?tejeu"?t static characteristics symbol test conditions value unit 7 tm i t = 1.2a; t p = 380 s max. 1.7 7 i drm / i rrm 7 drm 7 rrm r (, = 1k t j = 25c max. 1 a t j = 100c 50 t j = 110c 100 thermal resistances symbol parameter value unit r r (j-c) junction to case (ac) EC103xy/2n6565 75 c/w sxsy 60* r r (j-a) junction to ambient EC103xy/2n6565 160 c/w notes: x = voltage, y = sensitivity * = mounted on 1 cm 2 copper (two-ounce) foil surface
165 ?2010 littelfuse, inc revised: march 31, 2010 03:44 pm teccor ? brand thyristors speci?cations are subject to change without notice. EC103xx & sxsx series 0.8 amp sensitive scrs 0.8 a scrs figure 1: normalized dc gate trigger current vs. junction temperature figure 2: normalized dc gate trigger voltage vs. junction temperature 0.0 1.0 2.0 3.0 4.0 -40 -1 5 10 3 5 60 8 5 110 junction temperature (t j ) -- (c) ratio of i gt /i gt (t j = 2 5 c) figure 5: power dissipation (typical) vs. rms on-state current figure 6: maximum allowable case temperature vs. rms on-state current figure 3: normalized dc holding current vs. junction temperature figure 4: on-state current vs. on-state voltage (typical) 0.0 0. 5 1.0 1. 5 2.0 -40 -1 5 10 3 5 60 8 5 110 junction temperature (t j ) -- (c) ratio of v gt / v gt (t j = 2 5 oc) 0.0 0. 5 1.0 1. 5 2.0 2. 5 3.0 -40 -1 5 10 3 5 60 8 5 110 junction temperature (t j ) -- (c) ratio of i h / i h (t j = 2 5 c) t j = 2 5 c 0 2 4 6 8 10 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1. 5 1.6 instantaneous on-state voltage (v t ) C volts instantaneous on -state current (i t ) C amps 0.0 0.1 0.2 0.3 0.4 0. 5 0.6 0.7 0.0 0.1 0.2 0.3 0.4 0. 5 0.6 0.7 0.8 average on-state power dissipation [p d(av) ] - (watts) rms on-state current [i t(rms) ] - amps 6 5 7 5 8 5 9 5 10 5 11 5 0.0 0.1 0.2 0.3 0.4 0. 5 0.6 0.7 0.8 0.9 1.0 rms on-state current [i t(rms) ] - amps maximum allowable case temperature (t c ) - c current waveform: sinusoidal load: resistive or inductive conduction angle: 180
166 revised: march 31, 2010 03:44 pm ?2010 littelfuse, inc teccor ? brand thyristors speci?cations are subject to change without notice. speci?cations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 0.8 amp sensitive scrs EC103xx & sxsx series figure 7: maximum allowable case temperature vs. average on-state current figure 8: maximum allowable ambient temperature vs. rms on-state current figure 9: maximum allowable ambient temperature vs. average on-state current 6 5 7 5 8 5 9 5 10 5 11 5 0.0 0.1 0.2 0.3 0.4 0. 5 0.6 average on-state current [i t(ave) ] - amps maximum allowable case temperature (t c ) - c current waveform: sinusoidal load: resistive or inductive conduction angle: 180 0 20 40 60 80 100 120 0.0 0.1 0.2 0.3 0.4 0. 5 0.6 0.7 0.8 0.9 1.0 rms on-state current [i t(r ms) ] - amps maximum allowable ambient temperature (t a ) - c current waveform: sinusoidal load: resistive or inductive conduction angle: 180 free air rating 0 20 40 60 80 100 120 0.0 0.1 0.2 0.3 0.4 0. 5 0.6 0.7 average on-state current [i t(ave) ] - amps maximum allowable ambient temperature (t a ) - c current waveform: sinusoidal load: resistive or inductive conduction angle: 180 free air rating figure 11: peak repetitive sinusoidal pulse current figure 10: peak capacitor discharge current
  
    0 20 40 60 80 100 120 140 160 180 110100 "$  "$ !"$  #  0 20 40 60 80 100 120 140 160 180 110100
  
    " #  " # !" #  
167 ?2010 littelfuse, inc revised: march 31, 2010 03:44 pm teccor ? brand thyristors speci?cations are subject to change without notice. EC103xx & sxsx series 0.8 amp sensitive scrs 0.8 a scrs 0.1 1.0 10.0 100.0 1 10 100 1000 surge current duration -- full cycles peak surge (non-repetitive) on-state current (i tsm ) C amps figure 12: surge peak on-state current vs. number of cycles figure 13: simple test circuit for gate trigger voltage and current 4611-:'3&26&/$:)[4jovtpjebm load: resistive rms on-state current: [i t(rms) ]: maximum rated 7bmvfbu4qfdjmfe$btf5fnqfsbuvsf notes:  (bufdpouspmnbzcfmptuevsjohboejnnfejbufmz following surge current interval. 2. overload may not be repeated until junction temperature has returned to steady-state rated value. /puf 7?7up7ednfufs 7 (5 ?7up7ednfufs i ( ?n"upn"ednjmmjbnnfufs 3?lqpufoujpnfufs to measure gate trigger voltage and current, raise gate wpmubhf 7 (5
voujmnfufssfbejoh7espqtgspn7up7 (bufusjhhfswpmubhfjtuifsfbejohpo7 (5 kvtuqsjpsup7 espqqjoh(bufusjhhfsdvssfou* (5 can be computed from the relationship 7 (5 i (5 = i ( - ____ amps 1000 where i ( jtsfbejoh jobnqfsft
ponfufskvtuqsjpsup7 dropping note: i (5 may turn out to be a negative quantity (trigger current ?ows out from gate lead). if negative current occurs, i (5 value is not a valid reading. remove 1 k resistor and use i ( as the more correct i (5 value. this will occur on 12 a gate products. reset normally-closed pushbutton 6v dc + C d.u.t. 100 r1 1 k (1%) 100 i gt i g in4001 v1 v gt
168 revised: march 31, 2010 03:44 pm ?2010 littelfuse, inc teccor ? brand thyristors speci?cations are subject to change without notice. speci?cations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 0.8 amp sensitive scrs EC103xx & sxsx series soldering parameters re?ow condition 1co'sffbttfncmz pre heat - temperature min (t s(min) ) 150c - temperature max (t s(max) ) 200c - time (min to max) (t s ) otfdt average ramp up rate (liquidus temp) (t l ) to peak 5c/second max t s(max) to t l - ramp-up rate 5c/second max re?ow - temperature (t l ) (liquidus) 217c - temperature (t l ) otfdpoet peak temperature (t p ) 260 +0/-5 c time within 5c of actual peak temperature (t p ) otfdpoet ramp-down rate 5c/second max time 25c to peak temperature (t p ) 8 minutes max. do not exceed 280c physical speci?cations environmental speci?cations test speci?cations and conditions ac blocking mil-std-750, m-1040, cond a applied peak ac voltage @ 110c for 1008 hours temperature cycling mil-std-750, m-1051, 100 cycles; -40c to +150c; 15-min dwell-time temperature/ humidity eia / jedec, jesd22-a101 ipvst7%$?$ rel humidity high temp storage mil-std-750, m-1031, 1008 hours; 150c low-temp storage 1008 hours; -40c thermal shock mil-std-750, m-1056 10 cycles; 0c to 100c; 5-min dwell- time at each temperature; 10 sec (max) transfer time between temperature autoclave eia / jedec, jesd22-a102 168 hours (121c at 2 atms) and 3) resistance to solder heat mil-std-750 method 2031 solderability ansi/j-std-002, category 3, test a lead bend mil-std-750, m-2036 cond e terminal finish .buuf5joqmbufe1cgsff4pmefs dipped body material 6-sfdphoj[fefqpyznffujohnbnnbcjmjuz dmbttjmdbujpo7 lead material copper alloy design considerations careful selection of the correct device for the applications operating parameters and environment will go a long way upxbsefyufoejohuifpqfsbujohmjgfpguif5izsjtups(ppe design practice should limit the maximum continuous dvssfouuispvhiuifnbjoufsnjobmtuppguifefwjdf rating. other ways to ensure long life for a power discrete semiconductor are proper heat sinking and selection of voltage ratings for worst case conditions. overheating, overvoltage (including dv/dt), and surge currents are the main killers of semiconductors. correct mounting, soldering, and forming of the leads also help protect against component damage. time temperature t p t l t s(max) t s(min) 25 t p t l t s time to peak temperature preheat p reheat ramp-up ramp-up ramp-down r amp- do
169 ?2010 littelfuse, inc revised: march 31, 2010 03:44 pm teccor ? brand thyristors speci?cations are subject to change without notice. EC103xx & sxsx series 0.8 amp sensitive scrs 0.8 a scrs dimensions C to-92 (e package) dimensions compak (c package) dimension inches millimeters min max min max a 0.176  4.47  b 0.500 - 12.70 - d  0.105 2.41 2.67 e 0.150 - 3.81 - f 0.046 0.054 1.16 1.37 ( 0.135 0.145 3.43 3.68 ) 0.088  2.23 2.44 j 0.176 0.186 4.47 4.73 , 0.088  2.23 2.44 l 0.013  0.33 0.48 m 0.013 0.017 0.33 0.43 all leads insulated from case. case is electrically nonconductive. a b t c measuring point gate anode cathode e h g f d k j l m 0.079 (2.0) 0.040 (1.0) 0.030 (0.76) 0.079 (2.0) 0.079 (2.0) 0.110 (2.8) pad outline h k j e f l g a c b m d n p gate cathode anode t c / t l temperature measurement point dimensions are in inches (and millimeters). dimension inches millimeters min max min max a 0.130 0.156 3.30  b 0.201 0.220 5.10 5.60 c 0.077 0.087  2.20 d  0.181 4.05 4.60 e 0.030 0.063 0.75 1.60 f 0.075   2.45 ( 0.002 0.008 0.05 0.20 ) 0.077 0.104  2.65 j 0.043 0.053  1.35 , 0.006 0.016 0.15 0.41 l 0.030 0.055 0.76 1.40 m 0.022 0.028 0.56 0.71 n 0.027 0.033  0.84 p 0.052 0.058 1.32 1.47
170 revised: march 31, 2010 03:44 pm ?2010 littelfuse, inc teccor ? brand thyristors speci?cations are subject to change without notice. speci?cations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 0.8 amp sensitive scrs EC103xx & sxsx series packing options part number marking weight packing mode base quantity EC103xy / 2n6565 EC103xy / 2n6565 h bulk 2000 EC103xyrp EC103xy h reel pack 2000 EC103xyap EC103xy h ammo pack 2000 sxsyrp sxsy 0.08 g embossed carrier 2500 /pufy7pmubhf ztfotjujwjuz to-92 (3-lead) reel pack (rp) radial leaded speci?cations meets all eia-468-b 1994 standards 0.708 (18.0) 1.6 (41.0) 0.5 (12.7) 0.1 (2.54) 0.2 (5.08) 0.236 (6.0) 0.02 (0.5) direction of feed dimensions are in inches (and millimeters). 1.97 (50.0) 14.17(360.0) flat up 1.26 (32.0) 0.098 (2.5) max cathode anode gate 0.354 (9.0) 0.157 dia (4.0) product selector part number voltage gate sensitivity type package 400v 600v 800v 1000v EC103 x 1 x x 12a sensitive scr 50 EC103 x 2 x x 50a sensitive scr 50 EC103 x x / 2n6565 x 200a sensitive scr 50 EC103 x 3 x x 500a sensitive scr 50 s x s1 x x 12a sensitive scr compak s x s2 x x 50a sensitive scr compak s x s x x 200a sensitive scr compak s x s3 x x 500a sensitive scr compak /pufy7pmubhf
171 ?2010 littelfuse, inc revised: march 31, 2010 03:44 pm teccor ? brand thyristors speci?cations are subject to change without notice. EC103xx & sxsx series 0.8 amp sensitive scrs 0.8 a scrs to-92 (3-lead) ammo pack (ap) radial leaded speci?cations compak embossed carrier reel pack (rp) speci?cations meets all eia-468-b 1994 standards meets all eia-481-1 standards flat down 25 devices per fold cathode anode gate direction of feed dimensions are in inches (and millimeters). 0.708 (18.0) 1.62 (41.2) 0.5 (12.7) 0.1 (2.54) 0.2 (5.08) 0.236 (6.0) 0.02 (0.5) 1.85 (47.0) 13.3 (338.0) 1.27 (32.2) 0.098 (2.5) max 12.2 (310.0) 1.85 (47.0) 0.354 (9.0) 0.157 dia (4.0) 8.0 anode cathode gate 0.47 (12.0) 0.36 (9.2) 0.315 (8.0) 0.157 (4.0) 0.49 (12.4) 0.512 (13.0) arbor hole dia. 12.99 (330.0) dimensions are in inches (and millimeters). direction of feed 0.059 dia (1.5) cover tape
172 revised: march 31, 2010 03:44 pm ?2010 littelfuse, inc teccor ? brand thyristors speci?cations are subject to change without notice. speci?cations are subject to change without notice. please refer to http://www.littelfuse.com for current information. 0.8 amp sensitive scrs EC103xx & sxsx series part numbering system (to-92) part marking system part numbering system (compak) part marking system (compak) to-92 (e package) EC103d1 yxxxx ? 1 75 device type ec: to-92 scr xx: lead form option current rating lead form dimensio n 103: 0.8a (to-92) voltage rating d: 400v 1: 12 m: 600v sensitivity & type ec 103 d a 2: 50 a a [blank]: 200 3: 500 a 2n: jedec (jedec) 6565: 400v yxxxx s6s1 compak (c package) ? 1 device type s: compak scr current rating s: 0.8a (compak) voltage rating 4: 400v 1: 12 6: 600v sensitivity & type s 6s a 2: 50 a a [blank]: 200 3: 500 a


▲Up To Search▲   

 
Price & Availability of EC103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X