Part Number Hot Search : 
D3055 BT151X KBK10B PT2250A M38C81M2 40N25 M38C81M2 90583C
Product Description
Full Text Search
 

To Download DS1245Y Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 of 10 features ? 10 years minimum data retention in the absence of external power ? data is automatically protected during power loss ? replaces 128k x 8 volatile static ram, eeprom or flash memory ? unlimited write cycles ? low - power cmos ? read and write access times of 70 ns ? lithium energy source is electrically disconnected to retain freshness until power is applied for the first time ? full 10% v cc operating range (DS1245Y) ? optional 5% v cc operating range (ds1245ab) ? optional industrial temperature range of - 40 c to +85 c, designated ind ? jedec standard 32 - pin dip package ? powercap module (pcm) package - directly surface - mountable module - replaceable snap - on powercap provides lithium backup battery - standardized pinout for all nonvolatile sram products - detachment feature on powercap allows easy removal using a regular screwdriver pin assignment pin description a0 - a16 - address inputs dq0 - dq7 - data in/data out ce - chip enable we - write enable oe - output enable v cc - power (+5v) gnd - ground nc - no connect DS1245Y/ab 1024k nonvolatile sram www.maxim - ic.com 13 1 2 3 4 5 6 7 8 9 10 11 12 14 31 32 - pin encapsulated package 740-m il extended a14 a7 a5 a4 a3 a2 a1 a0 dq1 dq0 v cc a15 nc we a1 3 a8 a9 a11 oe a10 ce dq7 dq5 dq6 32 30 29 28 27 26 25 24 23 22 21 19 20 a16 a12 a6 nc dq2 gnd 15 16 18 17 dq4 dq3 1 nc 2 3 a15 a16 nc v cc we oe ce dq7 dq6 dq5 dq4 dq3 dq2 dq1 dq0 gnd 4 5 6 7 8 9 10 11 12 13 14 15 16 17 nc a14 33 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 a13 a12 a11 a10 a9 a8 a7 a6 a5 a4 a3 a2 a1 a0 34 nc gnd v bat 34 - pin p ower c ap module (pcm) (u ses ds9034pc + or ds9034pci+ p ower c ap ) 19 - 56 38 ; rev 11/10
DS1245Y /ab 2 of 10 description the ds1245 1024k nonvolatile srams are1,048,576 - bit, fully static, nonvolatile srams organized as 131,072 words by 8 bits. each complete nv sram has a self - contained lithium energy source and control circuitry which constantly monitors v cc for an out - of - tolerance condition. when such a condition occurs, the lithium energy source is automatically switched on and write protection is unconditionally enabled to prevent data corruption. dip - package ds1245 devices can be used in place of existing 128k x 8 static rams directly conforming to the popular bytewide 32 - pin dip standard. ds1245 devices in the powercap module package are directly surface mountable and are normally paired with a ds9034pc powercap to form a complete nonvolatile sram module. the re is no limit on the number of write cycles that can be executed and no additional support circuitry is required for microprocessor interfacing. read mode the ds1245 executes a read cycle whenever we (write enable) is inactive (high) and ce (chip enable) and oe (output enable) are active (low). the unique address specified by the 17 address inputs (a 0 - a 16 ) defines which of the 131,072 bytes of data is to be accessed. valid data will be avai lable to the eight data output drivers within t acc (access time) after the last address input signal is stable, providing that ce and oe (output enable) access times are also satisfied. if oe a nd ce access times are not satisfied, then data access must be measured from the later occurring signal ( ce or oe ) and the limiting parameter is either t co for ce or t oe fo r oe rather than address access. write mode the ds1245 executes a write cycle whenever the we and ce signals are active (low) after address inputs are stable. the later occurring falling edge of ce or we will determine the start of the write cycle. the write cycle is terminated by the earlier rising edge of ce or we . all address inputs must be kept valid through out the write cycle. we must return to the high state for a minimum recovery time (t wr ) before another cycle can be initiated. the oe control signal should be kept inactive (high) during write cycles to avoid bus c ontention. however, if the output drivers are enabled ( ce and oe active) then we will disable the outputs in t odw from its falling edge. data retention mode the ds1245ab provides full function al capability for v cc greater than 4.75 volts and write protects by 4.5 volts. the DS1245Y provides full functional capability for v cc greater than 4.5 volts and write - protects by 4.25 volts. data is maintained in the absence of v cc without any additional support circuitry. the nonvolatile static rams constantly monitor v cc . should the supply voltage decay, the nv srams automatically write - protect themselves, all inputs become ?don?t care,? and all outputs become high impedance. as v cc falls below approxima tely 3.0 volts, a power switching circuit connects the lithium energy source to ram to retain data. during power - up, when v cc rises above approximately 3.0 volts, the power switching circuit connects external v cc to ram and disconnects the lithium energy source. normal ram operation can resume after v cc exceeds 4.75 volts for the ds1245ab and 4.5 volts for the DS1245Y. freshness seal each ds1245 device is shipped from m axim with its lithium energy source disconnected, guaranteeing full ene rgy capacity. when v cc is first applied at a level greater than 4.25 volts, the lithium energy source is enabled for battery back - up operation.
DS1245Y /ab 3 of 10 packages the ds1245 devices are available in two packages: 32 - pin dip and 34 - pin powercap module (pcm). the 32 - pin dip integrates a lithium battery, an sram memory and a nonvolatile control function into a single package with a jedec - standard 600 - mil dip pinout. the 34 - pin powercap module integrates sram memory and nonvolatile control along with contacts for conne ction to the lithium battery in the ds9034pc powercap. the powercap module package design allows a ds1245 pcm device to be surface mounted without subjecting its lithium backup battery to destructive high - temperature reflow soldering. after a ds1245 pcm is reflow soldered, a ds9034pc powercap is snapped on top of the pcm to form a complete nonvolatile sram module. the ds9034pc is keyed to prevent improper attachment. ds1245 powercap modules and ds9034pc powercaps are ordered separately and shipped in separa te containers. see the ds9034pc data sheet for further information.
DS1245Y /ab 4 of 10 absolute maximum ratings voltage on any pin relative to ground - 0.3v to +6.0v operating temperature range commercial: 0c to +70c industrial: - 40c to +85c storage temperature range edip - 40c to +85c powercap - 55c to +125c lead temperature (soldering, 10 s ) +260c soldering temperature (reflow, powercap) +260c note: edip is wave or hand soldered only. this is a stress rating only and functional operation of the devic e at these or any other conditions above those indicated in the operation sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods of time ma y affect reliability. recommended dc operating condition s ( t a : see note 10) parameter symbol min typ max units notes ds1245ab power supply voltage v cc 4.75 5.0 5.25 v DS1245Y power supply voltage v cc 4.5 5.0 5.5 v logic 1 v ih 2.2 v cc v logic 0 v il 0.0 0.8 v dc electrical characteristics (v cc = 5v 5% for ds1245ab) ( t a : see note 10) (v cc = 5v 10% for DS1245Y) parameter symbol min typ max units notes input leakage current i il - 1.0 +1.0 a i/o leakage curren t ce v ih v cc i io - 1.0 +1.0 a output current @ 2.4v i oh - 1.0 ma output current @ 0.4v i ol 2.0 ma standby current ce =2.2v i ccs1 200 600 a standby current ce =v cc - 0.5v i ccs2 50 150 a operating current i cco1 85 ma write protection voltage (ds1245ab) v tp 4.50 4.62 4.75 v write protection voltage (DS1245Y) v tp 4.25 4.37 4.5 v capacitance ( t a = + 25 c) parameter symbol min typ max units notes input capacitance c in 5 10 pf input/output capacitance c i/o 5 10 pf
DS1245Y /ab 5 of 10 ac electrical characteristics (v cc = 5v 5% for ds1245ab) ( t a : see note 10) (v cc = 5v 10% for DS1245Y) parameter symbol ds1245ab - 70 DS1245Y - 70 units notes min max read cycle time t rc 70 ns access time t acc 70 ns oe to output valid t oe 35 ns ce to ou tput valid t co 70 ns oe or ce to output active t coe 5 ns 5 output high z from deselection t od 25 ns 5 output hold from address change t oh 5 ns write cycle time t wc 70 ns write pulse width t wp 55 ns 3 address setup time t aw 0 ns write recovery time t wr1 t wr2 5 15 n s ns 12 13 output high z from we t odw 25 ns 5 output active from we t oew 5 ns 5 data setu p time t ds 30 ns 4 data hold time t dh1 t dh2 0 10 n s ns 12 13
DS1245Y /ab 6 of 10 read cycle see note 1 write cycle 1 see notes 2, 3, 4, 6, 7, 8, and 12
DS1245Y /ab 7 of 10 write cycle 2 see notes 2, 3, 4, 6, 7, 8, and 13 power - down/power - up condition
DS1245Y /ab 8 of 10 power - down/power - up timin g ( t a : see note 10) parameter symbol min typ max units notes v cc fail detect to ce and we inactive t pd 1.5 s 11 v cc slew from v tp to 0v t f 150 s v cc slew from 0v to v tp t r 150 s v cc valid to ce and we inactive t pu 2 ms v cc valid to end of write protection t rec 125 ms ( t a = + 25 c) parameter symbol min typ max units notes expected data retention time t dr 10 years 9 warning: under no circumstance are negative undershoots, of any amplitude, allowed when device is in battery backup mode. notes: 1. we is high for a read cycle. 2. oe = v ih or v il . if oe = v ih during write cycle, the output buffers remain in a high impedance state. 3. t wp is specified as the logical and of ce a nd we . t wp is measured from the latter of ce or we going low to the earlier of ce or we going high. 4. t dh , t ds are measured from the earlier of ce or we going high. 5. these parameters are sampled with a 5 pf load and are not 100% tested. 6. if the ce low transition occurs simultaneously with or latter than the we low transiti on, the output buffers remain in a high impedance state during this period. 7. if the ce high transition occurs prior to or simultaneously with the we high transition, the output buffers remain in high impedance state during this period. 8. if we is low or the we low transition occurs prior to or simultaneously with the ce low transition, the output buffers remain in a high impedance state during this period. 9. each ds1245 has a built - in switch that disconnects the lithium source until the user first applies v cc . the expected t dr is defined as accumulative time in the absence of v cc starting from the time power is first applied by the user. this parameter is a ssured by component selection, process control, and design. it is not measured directly during production testing. 10. each ds1245 has a built - in switch that disconnects the lithium source until v cc is first applied by the user. the expected t dr is defined as accumulative time in the absence of v cc starting from the time power is first applied by the user. 11. all ac and dc electrical characteristics are valid over the full operating temperature range. for commercial products, this range is 0 c to 70 c. for indus trial products (ind), this range is - 40 c to +85 c. 12. in a power - down condition the voltage on any pin may not exceed the voltage on v cc .
DS1245Y /ab 9 of 10 13. t wr1 and t dh1 are measured from we going high. 14. t wr2 and t dh2 are measured from ce going high. 15. ds1245 modules are recognized by underwriters laborator ies (u l ) under file e99151. dc test conditions ac test conditions outputs open output load: 100 pf + 1ttl gate cycle = 200 ns for operating current input pulse levels: 0 - 3.0v all voltages are referenced to ground timing measurement reference levels input: 1.5v output: 1.5v input pulse rise and fall times: 5 ns ordering information part temp range supply tolerance pin - package speed grade (ns) ds1245ab - 70+ 0c to +70c 5v 5% 32 740 edip 70 ds1245abp - 70+ 0c to +70c 5v 5% 34 powercap* 70 ds1245ab - 70ind+ - 40c to +85c 5v 5% 32 740 edip 70 ds1245abp - 70ind+ - 40c to +85c 5v 5% 34 powercap* 70 DS1245Y - 70+ 0c to +70c 5v 10% 32 740 edip 70 DS1245Yp - 70+ 0c to +70c 5v 10% 34 powercap* 70 DS1245Y - 70ind+ - 40c to +85c 5v 10% 32 740 edip 70 DS1245Yp - 70ind+ - 40c to +85c 5v 10% 34 powercap* 70 + denotes a lead (pb) - free/rohs - compliant p ackage . * ds9034pc + or ds9034pci + (powercap) required. must be ordered separately. package information for the latest package outline information and land patterns, go to www.maxim - ic.com/packages . note that a ?+?, ?#?, or ? - ? in the package code indicates rohs status only. package drawings may show a different suffix character, but the drawing pertains to the package regardless of rohs status . package type package code o utline no. land pattern no. 32 edip mdt32+6 21- 0245 ? 34 pcap pc2+ 3 21- 0246 ?
DS1245Y /ab 10 of 10 revision history revision date description pages changed 121907 added p ackage i nformation table ; r emoved the dip module package drawing and dimension table 10, 11, 12 11/10 updated the stora ge information, soldering temperature, and lead temperature information in the absolute maximum ratings section; removed the - 85, - 100, and - 120 min/max information from the ac electrical characteristics table; updated the ordering information table (removed - 85, - 100, and - 12 0 parts a nd leaded - 7 0 parts); removed the powercap module drawings and updated the package information table 1, 4, 5, 9


▲Up To Search▲   

 
Price & Availability of DS1245Y

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X