Part Number Hot Search : 
MHO11FCD L1104S CXD2424R VC18ZQ AN2823 AE10060 COREAPB NJM8202E
Product Description
Full Text Search
 

To Download DMG1024UV Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DMG1024UV document number: ds31974 rev. 5 - 2 1 of 6 www.diodes.com april 2010 ? diodes incorporated DMG1024UV new product dual n-channel enhancement mode mosfet features ? dual n-channel mosfet ? low on-resistance ? low gate threshold voltage ? low input capacitance ? fast switching speed ? low input/output leakage ? ultra-small surface mount package ? lead free by design/rohs compliant (note 1) ? esd protected up to 2kv ? "green" device (note 2) ? qualified to aec-q101 standards for high reliability mechanical data ? case: sot-563 ? case material: molded plastic, ?green? molding compound. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminal connections: see diagram below ? terminals: finish ? matte tin annealed over copper leadframe. solderable per mil-std-202, method 208 ? marking information: see page 4 ? ordering information: see page 4 ? weight: 0.006 grams (approximate) maximum ratings @t a = 25c unless otherwise specified characteristic symbol value unit drain-source voltage v dss 20 v gate-source voltage v gss 6 v continuous drain current (note 3) steady state t a = 25c t a = 85c i d 1.38 0.89 a pulsed drain current (note 4) i dm 3 a thermal characteristics characteristic symbol max unit power dissipation (note 3) p d 530 mw thermal resistance, junction to ambient @t a = 25c (note 3) r ja 235 c/w operating and storage temperature range t j , t stg -55 to +150 c notes: 1. no purposefully added lead. 2. diodes inc.'s "green" policy can be found on our webs ite at http://www.diodes.com /products/lead_free/index.php. 3. device mounted on fr-4 pcb, with minimum recommended pad layout. 4. repetitive rating, pulse width limited by junction temperature. top view top view esd protected to 2kv bottom view s 1 d 1 d 2 s 2 g 1 g 2
DMG1024UV document number: ds31974 rev. 5 - 2 2 of 6 www.diodes.com april 2010 ? diodes incorporated DMG1024UV new product electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition off characteristics (note 5) drain-source breakdown voltage bv dss 20 - - v v gs = 0v, i d = 250 a zero gate voltage drain current t j = 25c i dss - - 100 na v ds = 20v, v gs = 0v gate-source leakage i gss - - 1.0 a v gs = 4.5v, v ds = 0v on characteristics (note 5) gate threshold voltage v gs ( th ) 0.5 - 1.0 v v ds = v gs , i d = 250 a static drain-source on-resistance r ds (on) - 0.3 0.45 v gs = 4.5v, i d = 600ma 0.4 0.6 v gs = 2.5v, i d = 500ma 0.5 0.75 v gs = 1.8v, i d = 350ma - 9 v gs = 1.7v, i d = 140ma - 10 v gs = 1.5v, i d = 100ma forward transfer admittance |y fs | - 1.4 - s v ds = 10v, i d = 400ma diode forward voltage v sd 0.7 1.2 v v gs = 0v, i s = 150ma dynamic characteristics (note 6) input capacitance c iss - 60.67 - pf v ds = 16v, v gs = 0v, f = 1.0mhz output capacitance c oss - 9.68 - pf reverse transfer capacitance c rss - 5.37 - pf total gate charge q g - 736.6 - pc v gs = 4.5v, v ds = 10v, i d = 250ma gate-source charge q g s - 93.6 - pc gate-drain charge q g d - 116.6 - pc turn-on delay time t d ( on ) - 5.1 - ns v dd = 10v, v gs = 4.5v, r l = 47 ? , r g = 10 ? , i d = 200ma turn-on rise time t r - 7.4 - ns turn-off delay time t d ( off ) - 26.7 - ns turn-off fall time t f - 12.3 - ns notes: 5. short duration pulse test used to minimize self-heating effect. 6. guaranteed by design. not subject to production testing. 0 0.3 0.6 0.9 1.2 1.5 012 345 fig. 1 typical output characteristics v , drain-source voltage (v) ds i, d r ain c u r r en t (a) d v = 1.2v gs v = 1.5v gs v = 2.0v gs v = 2.5v gs v = 3.0v gs v = 4.5v gs v = 8.0v gs 0 0.3 0.6 0.9 1.2 1.5 0 0.5 1 1.5 2 2.5 3 fig. 2 typical transfer characteristics v , gate source voltage (v) gs i, d r ai n c u r r e n t (a) d v = 5v ds t = -55c a t = 25c a t = 125c a t = 150c a t = 85c a
DMG1024UV document number: ds31974 rev. 5 - 2 3 of 6 www.diodes.com april 2010 ? diodes incorporated DMG1024UV new product 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0 0.3 0.6 0.9 1.2 1.5 fig. 3 typical on-resistance vs. drain current and gate voltage i , drain-source current (a) d r , drain-source on-resistance ( ) ds(on) v = 1.8v gs v = 4.5v gs v = 2.5v gs 0 0.1 0.2 0.3 0.4 0.5 0.6 0 0.3 0.6 0.9 1.2 1.5 i , drain current (a) fig. 4 typical drain-source on-resistance vs. drain current and temperature d r , d r ai n -s o u r c e o n - r esis t a n c e ( ) ds(on) t = -55c a t = 25c a t = 85c a t = 125c a t = 150c a v = 4.5v gs 0.5 0.7 0.9 1.1 1.3 1.5 1.7 fig. 5 on-resistance variation with temperature -50 -25 0 25 50 75 100 125 150 t , junction temperature (c) j r , drain-source on-resistance (normalized) ds(on) v = 4.5v i = 1.0a gs d v = 2.5v i = 500ma gs d 0 0.2 0.4 0.6 0.8 fig. 6 on-resistance variation with temperature -50 -25 0 25 50 75 100 125 150 t , junction temperature (c) j r , drain-source on-resistance ( ) ds(on) v = 4.5v i = 1.0a gs d v = 2.5v i = 500ma gs d 0 0.4 0.8 1.2 1.6 v, g a t e t h r es h o ld v o l t a g e (v) gs(th) fig. 7 gate threshold variation vs. ambient temperature -50 -25 0 25 50 75 100 125 150 t , ambient temperature (c) a i = 250a d 0.2 0.4 0.6 0.8 1.0 1.2 v , source-drain voltage (v) sd fig. 8 diode forward voltage vs. current 0 2 4 6 8 10 i, s o u r c e c u r r e n t (a) s t = 25c a
DMG1024UV document number: ds31974 rev. 5 - 2 4 of 6 www.diodes.com april 2010 ? diodes incorporated DMG1024UV new product 1 10 100 0 5 10 15 20 fig. 9 typical capacitance v , drain-source voltage (v) ds c , c a p a c i t an c e (p f ) c iss c oss c rss 1 10 100 1,000 04 8121620 fig. 10 typical drain-source leakage current vs. drain-source voltage v , drain-source voltage (v) ds i, d r ain-s o u r c e leaka g e c u r r en t (na) dss t = 25c a t = 85c a t = 125c a t = 150c a 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1,000 fig. 11 transient thermal response t , pulse duration time (s) 1 0.001 0.01 0.1 1 r(t), t r ansien t t h e r mal r esis t an c e t - t = p * r (t) duty cycle, d = t /t ja ja 12 r (t) = r(t) * ja r r = 260c/w ja ja p(pk) t 1 t 2 d = 0.7 d = 0.3 d = 0.1 d = 0.05 d = 0.02 d = 0.01 d = 0.005 d = single pulse d = 0.9 d = 0.5 ordering information (note 7) part number case packaging DMG1024UV-7 sot-563 3000 / tape & reel notes: 7. for packaging details, go to our w ebsite at http://www.diodes .com/datasheets/ap02007.pdf. marking information date code key year 2009 2010 2011 2012 2013 2014 2015 code w x y z a b c month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d na1 = product type marking code ym = date code marking y = year (ex: w = 2009) m = month (ex: 9 = september) na1 ym
DMG1024UV document number: ds31974 rev. 5 - 2 5 of 6 www.diodes.com april 2010 ? diodes incorporated DMG1024UV new product package outline dimensions suggested pad layout sot-563 dim min max typ a 0.15 0.30 0.20 b 1.10 1.25 1.20 c 1.55 1.70 1.60 d - - 0.50 g 0.90 1.10 1.00 h 1.50 1.70 1.60 k 0.55 0.60 0.60 l 0.10 0.30 0.20 m 0.10 0.18 0.11 all dimensions in mm dimensions value (in mm) z 2.2 g 1.2 x 0.375 y 0.5 c1 1.7 c2 0.5 a m l b c h k g d x z y c1 c2 c2 g
DMG1024UV document number: ds31974 rev. 5 - 2 6 of 6 www.diodes.com april 2010 ? diodes incorporated DMG1024UV new product important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support dev ice or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2010, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of DMG1024UV

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X