Part Number Hot Search : 
L4004D3 OR2C10A MB2245 NDL5422P YBAMU UT2306 PM8313 141K1
Product Description
Full Text Search
 

To Download BUX77A-220M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  silicon planar epitaxial npn/pnp transistors semelab limited reserves the right to change test c onditions, parameter limits and package dimensions without notice. information furnished by semelab is believed to be both accurate and reliable at the time of going to press. however semelab assumes no responsibility for any errors or omissions discovered in its use. semelab encourage s customers to verify that datasheets are current before placing o rders. semelab limited semelab limited semelab limited semelab limited coventry road, lutterworth, leicestershire, le17 4 jb telephone +44 (0) 1455 556565 fax +44 (0) 1455 5526 12 email: sales@semelab-tt.com website: http://www.semelab-tt.com document number 5339 issue 4 page 1 of 3 BUX77A-220M bux78a-220m ? high power ? hermetic to220 isolated metal package ? ideally suited for driver circuits, switching and amplifier applications ? screening options available absolute maximum ratings (t c = 25c unless otherwise stated) bux77a npn bux78a pnp v cbo collector ? base voltage 100v -100v v ceo collector ? emitter voltage 80v -80v v ebo emitter ? base voltage 6v -6v i c continuous collector current 8a i b base current 2a p d total power dissipation at t c = 25c 50w derate above 25c 0.29w/c t j junction temperature range -65 to +200c t stg storage temperature range -65 to +200c thermal properties symbols parameters min. typ. max. units r jc thermal resistance, junction to case 3.5 c/w
silicon planar epitaxial npn/pnp transistors BUX77A-220M / bux78a-220m semelab limited semelab limited semelab limited semelab limited coventry road, lutterworth, leicestershire, le17 4 jb telephone +44 (0) 1455 556565 fax +44 (0) 1455 5526 12 email: sales@semelab-tt.com website: http://www.semelab-tt.com document number 5339 issue 4 page 2 of 3 electrical characteristics (t c = 25c unless otherwise stated) (1) symbols parameters test conditions min. typ max. units v (br)ceo (2) collector-emitter breakdown voltage i c = 50ma i b = 0 80 v (br)ces collector-emitter breakdown voltage i c = 2ma v be = 0 100 v (br)ebo emitter-base breakdown voltage i e = 1.0ma i c = 0 6 v i ceo collector cut-off current v ce = 60v i b = 0 10 v cb = 80v i e = 0 0.5 i cbo collector cut-off current t c = 150c 150 i ebo emitter cut-off current v eb = 4v i c = 0 0.5 a i c = 0.5a v ce = 5v 50 i c = 2a v ce = 5v 50 250 i c = 5a v ce = 5v 30 i c = 1.0a v ce = 5v h fe (2) forward-current transfer ratio t c = -40c 25 v ce(sat) (2) collector-emitter saturation voltage i c = 5a i b = 0.5a 1.0 v be(sat) (2) base-emitter saturation voltage i c = 5a i b = 0.5a 1.3 v dynamic characteristics i c = 0.5a v ce = 5v |h fe | small signal forward-current transfer ratio f = 20mhz 1.5 i c = 5a v cc = 40v t on turn-on time i b1 = 0.5a 0.3 0.4 i c = 5a v cc = 40v t off turn-off time i b1 = - i b2 = 0.5a 1.1 2.5 s notes notes notes notes (1) for pnp (bux78a) device, voltage and current values are negative (2) pulse width 300us, 2%
silicon planar epitaxial npn/pnp transistors BUX77A-220M / bux78a-220m semelab limited semelab limited semelab limited semelab limited coventry road, lutterworth, leicestershire, le17 4 jb telephone +44 (0) 1455 556565 fax +44 (0) 1455 5526 12 email: sales@semelab-tt.com website: http://www.semelab-tt.com document number 5339 issue 4 page 3 of 3 mechanical data dimensions in mm (inches) 0.64 (0.025) 0.89 (0.035) 10.92 (0.430) 10.41 (0.410) 4.83 (0.190) 5.33 (0.210) 10.41 (0.410) 10.92 (0.430) 0.89 (0.035) 1.27 (0.050) 3.05 (0.120) bsc 2.54 (0.100) bsc 12.70 (0.500) 14.73 (0.750) dia. 1 2 3 13.21 (0.52) 13.72 (0.54) 13.21 (0.52) 13.72 (0.54) 3.56 (0.140) 3.81 (0.150) dia to220m (to - 257ab ) pin 1 - base pin 2 - collector pin 3 - emitter


▲Up To Search▲   

 
Price & Availability of BUX77A-220M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X