Part Number Hot Search : 
T2N7002A 74HC245N MTP55N06 SMDJ100 45010 AN7337N CSB817OF EB13C3
Product Description
Full Text Search
 

To Download BH6799FVM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/4 rev. c structure silicon monolit hic integrated circuit product series single-phase full-wa ve motor driver for fan motor type q features soft switched drive absolute maximum ratings parameter symbol limit unit supply voltage vcc 7 v power dissipation pd 585 mw operating temperature topr -40 +105 storage temperature ts t g - 5 5 +150 output current iomax 1000 ma fg signal output current ifg 5 ma fg signal output voltage vfg 7 v junction temperature tjmax 150 reduce by 4.68mw/ over 25 . (on 70.0mm 70.0mm 1.6mm glass epoxy board) this value is not to exceed pd. vcc=4.0v 6.0v at vcc=2.0v 4.0v,output current tolerance reduces. operating conditions parameter symbol limit unit operating supply voltage range vcc 2.0 6.0 v hall input voltage range vh 0.4 vcc-1.1 v this product is not designed for pr oduction against radi oactive rays. this document may be strategic dat a subject to cocom regulations.
2/4 rev. c electrical characteristics (unl ess otherwise specified ta=25 ,vcc=5v) parameter symbol limit unit conditions min. typ. max. circuit current icc - 5 8 ma input offset voltage vhofs - - 6 mv output voltage vo - 0.32 0.49 v io 250ma upper and lower total input-output gain gio 45 48 51 db fg low voltage vfgl - - 0.3 v ifg=3ma input hysteresis voltage vhys 5 10 15 mv lock detection on time ton 0.35 0.50 0.65 sec lock detection off time toff 3.5 5.0 6.5 sec hall bias voltage vhb 1.1 1.3 1.5 v ihb=-5ma package outlines block diagram te r m i n a l n a m e cautions on use pin no. terminal name 1 out2 2 h+ 3 hb 4 h- 5 fg 6 vcc 7 out1 8 gnd 4 1 5 8 2.9 0.1 0.475 0.22 0.65 4.0 0.2 0.6 0.2 0.29 0.15 2.8 0.1 0.75 0.05 0.08 0.05 0.9max. 0.08 s + 0.05 ? 0.04 0.145 + 0.05 ? 0.03 0.08 m h 6 7 lot no. msop8(unit:mm) 9 9 + - 500 150k 500 150k 1 2 3 4 5 6 7 8 osc lock protection hall bias + - + - tsd out2 h+ hb gnd out1 vcc h- fg
3/4 rev. c 1) absolute maximum ratings an excess in the absolute maximum rations, such as supp ly voltage, temperature range of operating conditions, etc., can break down the devices, thus making impossible to ident ify breaking mode, such as a short circuit or an open circuit. if any over rated values will expect to exc eed the absolute maximum ratings, consider adding circuit protection devices, such as fuses. 2) connecting the power supply connector backward connecting of the power supply in reverse polarity c an damage ic. take precautions when connecting the power supply lines. an external direction diode can be added. 3) power supply line back electromotive force causes regenerat ed current to power supply line, ther efore take a measure such as placing a capacitor between power supply and gnd for routing rege nerated current. and fully ensure that the capacitor characteristics have no problem before determine a capa citor value. (when applying electrolytic capacitors, capacitance characteristic values are reduced at low temperatures) 4) gnd potential the potential of gnd pin must be minimum potential in all operating conditions. also ensure that all terminals except gnd terminal do not fall below gnd voltage including transient characteristics. however, it is possible that the motor output terminal may deflect below gnd be cause of influence by back electromot ive force of motor. malfunction may possibly occur depending on use condition, environment, and property of individual motor. please make fully confirmation that no problem is found on operation of ic. 5) thermal design use a thermal design that allows for a sufficient margin in light of the power dissipation(pd) in actual operating conditions. 6) inter-pin shorts and mounting errors use caution when positioning the ic for mounting on printe d circuit boards. the ic may be damaged if there is any connection error or if pi ns are shorted together. 7) actions in strong electromagnetic field use caution when using the ic in the pr esence of a strong electromagnetic fi eld as doing so may cause the ic to malfunction. 8) aso when using the ic, set the output transistor so that it does not exceed absolute maximum rations or aso. 9) thermal shut down circuit the ic incorporates a built-in thermal shutdown ci rcuit (tsd circuit). operation temperature is 175 (typ.) and has a hysteresis width of 25 (typ.). when ic chip temperature rises and ts d circuit works, the output terminal becomes an open state. tsd circuit is designed only to shut the ic of f to prevent thermal runaway. it is not designed to protect the ic or guarantee its operation. do not continue to use the ic after operat ion this circuit or use the ic in an environment where the operation of this circuit is assumed. 10) testing on application boards when testing the ic on an application board, connecting a capa citor to a pin with low impedance subjects the ic to stress. always discharge capacitors after each process or step. always turn the ic?s power supply off before connecting it to or removing it from a jig or fixture during the inspection pr ocess. ground the ic during assembly steps as an antistatic measure. use similar precaution when transporti ng or storing the ic. 11) gnd wiring pattern when using both small signal and large current gnd patterns, it is recommended to isolate the two ground patterns, placing a single ground point at the gr ound potential of application so that t he pattern wiring resistance and voltage variations caused by large currents do not cause variations in the small signal ground voltage. be careful not to change the gnd wiring pattern of any external components, either. 12) capacitor between output and gnd when a large capacitor is connected between output and gnd, if vcc is shorted with 0v or gnd for some cause, it is possible that the current charged in the capacitor ma y flow into the output resulting in destruction. keep the capacitor between output and gnd below 100uf. 13) ic terminal input when vcc voltage is not applied to ic, do not apply voltage to each input terminal. when voltage above vcc or below gnd is applied to the input terminal, parasitic elem ent is actuated due to the stru cture of ic. operation of parasitic element causes mutual interference between circui ts, resulting in malfunction as well as destruction in the last. do not use in a manner where parasitic element is actuated.
r1120 a www.rohm.com ? 2011 rohm co., ltd. all rights reserved. notice rohm customer support system http://www.rohm.com/contact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes no copying or reproduction of this document, in part or in whole, is permitted without the consent of rohm co.,ltd. the content specied herein is subject to change for improvement without notice. the content specied herein is for the purpose of introducing rohm's products (hereinafter "products"). if you wish to use any such product, please be sure to refer to the specications, which can be obtained from rohm upon request. examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when designing circuits for mass production. great care was taken in ensuring the accuracy of the information specied in this document. however, should you incur any damage arising from any inaccuracy or misprint of such information, rohm shall bear no responsibility for such damage. the technical information specied herein is intended only to show the typical functions of and examples of application circuits for the produc ts. rohm does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm and other parties. rohm shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. the products specied in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, ofce-automation equipment, commu- nication devices, electronic appliances and amusement devices). the products specied in this document are not designed to be radiation tolerant. while rohm always makes efforts to enhance the quality and reliability of its products, a product may fail or malfunction for a variety of reasons. please be sure to implement in your equipment using the products safety measures to guard against the possibility of physical injury, re or any other damage caused in the event of the failure of any product, such as derating, redundancy, re control and fail-safe designs. rohm shall bear no responsibility whatsoever for your use of any product outside of the prescribed scope or not in accordance with the instruction manual. the products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel- controller or other safety device). rohm shall bear no responsibility in any way for use of any of the products for the above special purposes. if a product is intended to be used for any such special purpose, please contact a rohm sales representative before purchasing. if you intend to export or ship overseas any product or technology specied herein that may be controlled under the foreign exchange and the foreign trade law, you will be required to obtain a license or permit under the law.


▲Up To Search▲   

 
Price & Availability of BH6799FVM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X