Part Number Hot Search : 
4S333 LSH20 ML12040 354330 354330 354330 25160 UPA1792
Product Description
Full Text Search
 

To Download BAS16T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30260 rev. 4 - 2 1 of 3 BAS16T, baw56t, bav70t, bav99t www.diodes.com  diodes incorporated BAS16T, baw56t, bav70t, surface mount fast switching diode  case: sot-523, molded plastic  case material - ul flammability rating 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 4, on page 2  polarity: see diagrams below  marking: see diagrams below & page 3  weight: 0.002 grams (approx.)  ordering information, see page 2 mechanical data a m j l d b c h k g top view c e b n features characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 85 v rms reverse voltage v r(rms) 60 v forward continuous current (note 2) single diode double diode i fm 155 75 ma repetitive peak forward current i frm 500 ma non-repetitive peak forward surge current @ t = 1.0  s @ t = 1.0ms @ t = 1.0s i fsm 4.0 1.0 0.5 a power dissipation (note 2) p d 150 mw thermal resistance junction to ambient (note 2) r  ja 833  c/w operating and storage temperature range t j ,t stg -65 to +150  c maximum ratings @ t a = 25  c unless otherwise specified bav99t marking: je bav70t marking: jj baw56t marking: jd BAS16T marking: a2 bav99t  ultra-small surface mount package  fast switching speed  for general purpose switching applications  high conductance  also available in lead free version sot-523 dim min max typ a 0.15 0.30 0.22 b 0.75 0.85 0.80 c 1.45 1.75 1.60 d  0.50 g 0.90 1.10 1.00 h 1.50 1.70 1.60 j 0.00 0.10 0.05 k 0.60 0.80 0.75 l 0.10 0.30 0.22 m 0.10 0.20 0.12 n 0.45 0.65 0.50  0  8  all dimensions in mm
ds30260 rev. 4 - 2 2 of 3 BAS16T, baw56t, bav70t, bav99t www.diodes.com 050100 150 200 300 200 250 100 150 50 0 i , forward current (ma) f single diode loaded double diode loaded notes: 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 4. for lead free version (with lead free terminal finish) part number, please add "-f" suffix to part number ab ove. example: baw56t-7-f. ordering information (note 3) device packaging shipping BAS16T-7 sot-523 3000/tape & reel baw56t-7 sot-523 3000/tape & reel bav70t-7 sot-523 3000/tape & reel bav99t-7 sot-523 3000/tape & reel 0.1 1 10 100 1000 10000 0 20 40 60 80 100 v , instantaneous reverse voltage (v) r fi g .3 t y pical reverse characteristics i , instantaneous reverse current (na) r t = -40oc a t = 25oc a t = 75oc a t = 125oc a t = 150oc a t = 0oc a 0.1 1 0.01 0.001 0 1.5 1.0 0.5 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) f fi g . 2 forward characteristics t = -40oc a t = 150oc a t = 75oc a t = 25oc a t = 0oc a notes: 1. short duration test pulse to minimize self-heating effect. 2. device mounted on fr-4 pc board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. characteristic symbol min max unit test condition reverse breakdown voltage (note 1) v (br)r 85  v i r = 100  a forward voltage (note 1) v f  0.715 0.855 1.0 1.25 v i f = 1.0ma i f = 10ma i f = 50ma i f = 150ma leakage current (note 1) i r  2.0 100 60 30  a  a  a na v r = 75v v r = 75v, t j = 150  c v r = 25v, t j = 150  c v r = 25v typical total capacitance c t  1.5 pf v r = 0, f = 1.0mhz reverse recovery time t rr  4.0 ns i f = i r = 10ma, i rr = 0.1 x i r ,r l = 100  electrical characteristics @ t a = 25  c unless otherwise specified 0.0 0.2 0.4 0.6 0.8 1.8 1.6 1.4 1.2 1.0 2 . 0 0 10 20 40 30 c , total capacitance (pf) t v , reverse voltage (v) r fi g .4 t y pical capacitance vs. reverse volta g e f = 1.0mhz
ds30260 rev. 4 - 2 3 of 3 BAS16T, baw56t, bav70t, bav99t www.diodes.com month jan feb march apr may jun jul aug sep oct nov dec code 12345 67 89 o nd year 2002 2003 2004 2005 2006 2007 2008 2009 code np r s t u vw date code key xx = product type marking code (see page 1, e.g. a2 = BAS16T) ym = date code marking y = year (ex: n = 2002) m = month (ex: 9 = september) xxym marking information


▲Up To Search▲   

 
Price & Availability of BAS16T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X