Part Number Hot Search : 
Y7C14 EL7154CN 20215 20215 1SMB13A MT4S104T ER304 T4005
Product Description
Full Text Search
 

To Download 2SC449703 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2sc4497 2003-03-27 1 toshiba transistor silicon npn triple diffused type (pct process) 2sc4497 high voltage control applications  high voltage: v cbo = 300 v, v ceo = 300 v  low saturation voltage: v ce (sat) = 0.5 v (max)  small collector output capacitance: c ob = 3 pf (typ.)  complementary to 2sa1721 maximum ratings (ta     25c) characteristics symbol rating unit collector-base voltage v cbo 300 v collector-emitter voltage v ceo 300 v emitter-base voltage v ebo 6 v collector current i c 100 ma base current i b 20 ma collector power dissipation p c 200 mw junction temperature t j 150 c storage temperature range t stg  55~150 c marking unit: mm jedec to-236mod jeita sc-59 toshiba 2-3f1a weight: 0.012 g (typ.)
2sc4497 2003-03-27 2 electrical characteristics (ta     25c) characteristics symbol test condition min typ. max unit collector cut-off current i cbo v cb  300 v, i e  0   0.1  a emitter cut-off current i ebo v eb  6 v, i c  0   0.1  a collector-base breakdown voltage v (br) cbo i c  0.1 ma, i e  0 300   v collector-emitter breakdown voltage v (br) ceo i c  1 ma, i b  0 300   v h fe (1) (note) v ce  10 v, i c  20 ma 30  150 dc current gain h fe (2) v ce  10 v, i c  1 ma 20   collector-emitter saturation voltage v ce (sat) i c  20 ma, i b  2 ma   0.5 v base-emitter saturation voltage v be (sat) i c  20 ma, i b  2 ma   1.2 v transition frequency f t v ce  10 v, i c  10 ma  70  mhz collector output capacitance c ob v cb  20 v, i e  0, f  1 mhz  3 4 pf note: h fe (1) classification r: 30~90, o: 50~150
2sc4497 2003-03-27 3
2sc4497 2003-03-27 4
2sc4497 2003-03-27 5  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707ea a restrictions on product use


▲Up To Search▲   

 
Price & Availability of 2SC449703

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X