Part Number Hot Search : 
MCM44C64 78L06 265002 2SC2758 LC4000Z U4285BM 2SK3150L 2316312
Product Description
Full Text Search
 

To Download 2SC3042 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors 2SC3042 d escription with to-3pn package high breakdown voltage (v c bo 500v) fast switching speed wide asosafe operating area applications 400v/12a switching regulator applications pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings (ta=25  ) symbol parameter conditions value unit v cbo collector-base voltage open emitter 500 v v ceo collector-emitter voltage open base 400 v v ebo emitter-base voltage open collector 7 v i c collector current 12 a i cm collector current-peak 25 a i b base current 4 a t a =25 2.5 p c collector power dissipation t c =25 100 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3pn) and symbol
savantic semiconductor product specification 2 silicon npn power transistors 2SC3042 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =10ma ;r be = ; 400 v v (br)cbo collector-base breakdown voltage i c =1ma ;i e =0 500 v v (br)ebo emitter-base breakdown voltage i e =1ma ;i c =0 7 v v cesat collector-emitter saturation voltage i c =8a ;i b =1.6a 1.0 v v besat base-emitter saturation voltage i c =8a ;i b =1.6a 1.5 v i cbo collector cut-off current v cb =400v ;i e =0 10 a i ebo emitter cut-off current v eb =5v; i c =0 10 a h fe-1 dc current gain i c =1.6a ; v ce =5v 15 50 h fe -2 dc current gain i c =8a ; v ce =5v 8 c ob output capacitance i e =0 ; v cb =10v;f=1mhz 160 pf f t transition frequency i c =1.6a ; v ce =10v 20 mhz switching times t on turn-on time 1.0 s t s storage time 2.5 s t f fall time i c =10a; i b1 =-i b2 =2a r l =20 d ,v cc =200v 1.0 s  h fe-1 classifications l m n 15-30 20-40 30-50
savantic semiconductor product specification 3 silicon npn power transistors 2SC3042 package outline fig.2 outline dimensions
savantic semiconductor product specification 4 silicon npn power transistors 2SC3042


▲Up To Search▲   

 
Price & Availability of 2SC3042

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X