Part Number Hot Search : 
OPB821TX M52979E AD6121 29W320 10200 DG641 SD241HR2 SMBJ10
Product Description
Full Text Search
 

To Download 2SA1694 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SA1694 description with to-3pn package complement to type 2sc4467 applications audio and general purpose pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings(ta= ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -120 v v ceo collector-emitter voltage open base -120 v v ebo emitter-base voltage open collector -6 v i c collector current -8 a i b base current -3 a p c collector power dissipation t c =25 80 w t j junction temperature 150  t stg storage temperature -55~150  fig.1 simplified outline (to-3pn) and symbol
savantic semiconductor product specification 2 silicon pnp power transistors 2SA1694 characteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-50ma ;i b =0 -120 v v cesat collector-emitter saturation voltage i c =-3a ;i b =-0.3a -1.5 v i cbo collector cut-off current v cb =-120v; i e =0 -10 a i ebo emitter cut-off current v eb =-6v; i c =0 -10 a h fe dc current gain i c =-3a ; v ce =-4v 50 180 c ob output capacitance i e =0 ; v cb =-10v,f=1mhz 300 pf f t transition frequency i c =-0.5a ; v ce =-12v 20 mhz switching times t on turn-on time 0.14 s t s storage time 1.40 s t f fall time i c =-4a;r l =10 b i b1 =- i b2 =-0.4a v cc =-40v 0.21 s  h fe classifications o p y 50-100 70-140 90-180
savantic semiconductor product specification 3 silicon pnp power transistors 2SA1694 package outline fig.2 outline dimensions (unindicated tolerance:0.1mm)
savantic semiconductor product specification 4 silicon pnp power transistors 2SA1694


▲Up To Search▲   

 
Price & Availability of 2SA1694

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X