Part Number Hot Search : 
TFS86A1 R3520 SK5207 CPX100DF PA102B MBR20100 IDT71V GX885N
Product Description
Full Text Search
 

To Download 25TTS10SPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 94383 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 09-jun-10 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 1 surface mountable phase control scr, 16 a vs-25tts...spbf high voltage series vishay semiconductors features ? meets msl level 1, per j-std-020, lf maximum peak of 260 c ? compliant to rohs directive 2002/95/ec ? halogen-free according to iec 61249-2-21 definition ? designed and qualified for industrial level applications ? input rectification (soft start) ? vishay input diodes, switches and output rectifiers which are available in identical package outlines description the vs-25tts...spbf high voltage series of silicon controlled rectifiers are spec ifically designed for medium power switching and phase cont rol applications. the glass passivation technology used has reliable operation up to 125 c junction temperature. note ?t a = 55 c, t j = 125 c, footprint 300 mm 2 product summary v t at 16 a < 1.25 v i tsm 300 a v rrm 800 v to 1600 v d 2 pa k gate 2 anode cathode 1 3 output current in typical applications applications single-phase bridge three-phase bridge units nema fr-4 or g10 glas s fabric-based epoxy with 4 oz. (140 m) copper 3.5 5.5 a aluminum ims, r thca = 15 c/w 8.5 13.5 aluminum ims with heatsink, r thca = 5 c/w 16.5 25.0 major ratings and characteristics parameter test conditions values units i t(av) sinusoidal waveform 16 a i rms 25 v rrm /v drm 800 to 1600 v i tsm 300 a v t 16 a, t j = 25 c 1.25 v dv/dt 500 v/s di/dt 150 a/s t j - 40 to 125 c voltage ratings part number v rrm , maximum peak reverse voltage v v drm , maximum peak direct voltage v i rrm /i drm , at 125 c ma vs-25tts08spbf 800 800 10 vs-25tts12spbf 1200 1200 vs-25tts16spbf 1600 1600
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 94383 2 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 09-jun-10 vs-25tts...spbf high voltage series vishay semiconductors surface mountable phase control scr, 16 a absolute maximum ratings parameter symbol test conditions values units typ. max. maximum average on-state current i t(av) t c = 93 c, 180 conducti on half sine wave 16 a maximum rms on-state current i rms 25 maximum peak, one-cycle, non-repetitive surge current i tsm 10 ms sine pulse, rated v rrm applied 300 10 ms sine pulse, no voltage reapplied 350 maximum i 2 t for fusing i 2 t 10 ms sine pulse, rated v rrm applied 450 a 2 s 10 ms sine pulse, no voltage reapplied 630 maximum i 2 t for fusing i 2 t t = 0.1 ms to 10 ms, no voltage reapplied 6300 a 2 s maximum on-state voltage drop v tm 16 a, t j = 25 c 1.25 v on-state slope resistance r t t j = 125 c 12.0 m threshold voltage v t(to) 1.0 v maximum reverse and direct leakage current i rm /i dm t j = 25 c v r = rated v rrm /v drm 0.5 ma t j = 125 c 10 holding current i h vs-25tts08, vs-25tts12 anode supply = 6 v, resistive load, initial i t = 1 a - 100 vs-25tts16 100 150 maximum latching current i l anode supply = 6 v, resistive load 200 maximum rate of rise of off-state voltage dv/dt 500 v/s maximum rate of rise of turned-on current di/dt 150 a/s triggering parameter symbol test conditions values units maximum peak gate power p gm 8.0 w maximum average gate power p g(av) 2.0 maximum peak positive gate current + i gm 1.5 a maximum peak negative gate voltage - v gm 10 v maximum required dc ga te current to trigger i gt anode supply = 6 v, resistive load, t j = - 10 c 60 ma anode supply = 6 v, resistive load, t j = 25 c 45 anode supply = 6 v, resistive load, t j = 125 c 20 maximum required dc ga te voltage to trigger v gt anode supply = 6 v, resistive load, t j = - 10 c 2.5 v anode supply = 6 v, resistive load, t j = 25 c 2.0 anode supply = 6 v, resistive load, t j = 125 c 1.0 maximum dc gate volt age not to trigger v gd t j = 125 c, v drm = rated value 0.25 maximum dc gate curr ent not to trigger i gd 2.0 ma switching parameter symbol test conditions values units typical turn-on time t gt t j = 25 c 0.9 s typical reverse recovery time t rr t j = 125 c 4 typical turn-off time t q 110
document number: 94383 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 09-jun-10 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 3 vs-25tts...spbf high voltage series surface mountable phase control scr, 16 a vishay semiconductors note (1) when mounted on 1" square (650 mm 2 ) pcb of fr-4 or g-10 material 4 oz. (140 m] copper 40 c/w for recommended footprint and soldering techniques refer to application note #an-994 fig. 1 - current rating characteristics fig. 2 - current rating characteristics thermal and mechanical specifications parameter symbol test conditions values units maximum junction and storage temperature range t j , t stg - 40 to 125 c soldering temperature t s for 10 s (1.6 mm from case) 240 maximum thermal resistance, junction to case r thjc dc operation 1.1 c/w typical thermal resistance, junction to ambient (pcb mount) r thja (1) 40 approximate weight 2g 0.07 oz. marking device case style d 2 pak (smd-220) 25tts08s 25tts12s 25tts16s 90 100 110 120 130 0 5 10 15 20 30 60 90 120 180 maximum allowable case temperature (c) conduc tion angle average on-state current (a) r (dc) = 1.1 c/ w thjc 80 90 100 110 120 130 0 5 10 15 20 25 30 dc 30 60 90 120 180 average on-state current (a) maximum allowable case temperature (c) conduction period r (dc) = 1.1 c/ w thjc
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 94383 4 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 09-jun-10 vs-25tts...spbf high voltage series vishay semiconductors surface mountable phase control scr, 16 a fig. 3 - on-state po wer loss characteristics fig. 4 - on-state po wer loss characteristics fig. 5 - maximum non-re petitive surge current fig. 6 - maximum non-re petitive surge current fig. 7 - on-state voltage drop characteristics 0 5 10 15 20 25 048121620 rm s li m i t conduction angle maximum average on-state power loss (w) avera ge on-state current (a) 180 120 90 60 30 t = 125c j 0 5 10 15 20 25 30 35 0 5 10 15 20 25 30 dc 180 120 90 60 30 rm s li m i t conduction period maximum average on-state power loss (w) average on-state current (a) t = 125c j 150 200 250 300 350 110100 number of equal amplitude half cycle current pulses (n) pe a k ha l f s ine wave on-sta te current (a) initia l t = 125c @ 60 hz 0.0083 s @ 50 hz 0.0100 s j at any rated load condition and with rated v applied following surge. rrm 100 150 200 250 300 350 400 0.01 0.1 1 pe a k ha lf s ine wave on-state current (a) pu lse tra in d u ra t io n ( s) maximum non repetitive surge current versus pulse train duration. control of cond uc tion ma y not be ma inta ined. initia l t = 125c no volta g e rea p p lie d ra te d v rea p p lied rrm j 1 10 100 1000 012345 t = 2 5 c j inst a nta n eo us on -st at e current (a) instantaneous on-state voltage (v) t = 125c j
document number: 94383 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 09-jun-10 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 5 vs-25tts...spbf high voltage series surface mountable phase control scr, 16 a vishay semiconductors fig. 8 - gate characteristics fig. 9 - thermal impedance z thjc characteristics 0.01 0.1 1 10 0.0001 0.001 0.01 0.1 1 10 square wave pulse duration (s) steady state value (dc opera tion) si n g l e pu l se d = 0.50 d = 0.33 d = 0.25 d = 0.17 d = 0.08 thjc tra nsient thermal imp ed anc e z (c/w) 0.1 1 10 100 0.001 0.01 0.1 1 10 100 (b) (a ) rectangular gate pulse (4) (3) (2) (1) instantaneous gate current (a) insta nta neo us g a te volta g e (v) tj = 2 5 c t j = 125 c b)recommended load line for frequency limited by pg(av) a)recommended load line for rated di/dt: 10 v, 20 ohms tr = 0.5 s, tp >= 6 s tj = - 1 0 c ig d vg d <= 30% rated d i/ dt: 10 v, 65 ohms tr = 1 s, tp >= 6 s (1) pgm = 40 w, t p = 1 ms (2) pgm = 20 w, t p = 2 ms (3) pgm = 8 w, tp = 5 ms (4) pgm = 4 w, tp = 10 ms
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 94383 6 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 09-jun-10 vs-25tts...spbf high voltage series vishay semiconductors surface mountable phase control scr, 16 a ordering information table links to related documents dimensions www.vishay.com/doc?95046 part marking information www.vishay.com/doc?95054 packaging information www.vishay.com/doc?95032 08 = 800 v 12 = 1200 v 16 = 1600 v - 1 - hpp product suffix 2 - current rating (25 = 25 a) 3 - circuit configuration: 4 - package: - pbf = lead (pb)-free 5 6 - voltage rating: voltage code x 100 = v rrm t = single thyristor - type of silicon: t = to-220ac s = standard recovery rectifier 9 7 - s = to-220 d 2 pak (smd-220) version 8 none = tube trl = tape and reel (left oriented) trr = tape and reel (right oriented) device code 5 1 3 24 6789 vs- 25 t t s 12 s trl pbf
document number: 95046 for technical questions within your region, please contact one of the following: www.vishay.com revision: 31-mar-11 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 1 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 d 2 pak outline dimensions vishay semiconductors dimensions in millimeters and inches notes (1) dimensioning and toleranc ing per asme y14.5 m-1994 (2) dimension d and e do not include mold flash. mold flash sh all not exceed 0.127 mm (0.005") per side. these dimens ions are measu red at the outmost extremes of the plastic body (3) thermal pad contour optional with in dimension e, l1, d1 and e1 (4) dimension b1 and c1 a pply to base metal only (5) datum a and b to be determined at datum plane h (6) controlling dimension: inch (7) outline conforms to jedec outline to-263ab symbol millimeters inches notes symbol millimeters inches notes min. max. min. max. min. max. min. max. a 4.06 4.83 0.160 0.190 d1 6.86 8.00 0.270 0.315 3 a1 0.00 0.254 0.000 0.010 e 9.65 10.67 0.380 0.420 2, 3 b 0.51 0.99 0.020 0.039 e1 7.90 8.80 0.311 0.346 3 b1 0.51 0.89 0.020 0.035 4 e 2.54 bsc 0.100 bsc b2 1.14 1.78 0.045 0.070 h 14.61 15.88 0.575 0.625 b3 1.14 1.73 0.045 0.068 4 l 1.78 2.79 0.070 0.110 c 0.38 0.74 0.015 0.029 l1 - 1.65 - 0.066 3 c1 0.38 0.58 0.015 0.023 4 l2 1.27 1.78 0.050 0.070 c2 1.14 1.65 0.045 0.065 l3 0.25 bsc 0.010 bsc d 8.51 9.65 0.335 0.380 2 l4 4.78 5.28 0.188 0.208 c b detail a c2 a a a 0.004 b m a lead tip (3) (3) view a - a (e) (d1) e1 b h a1 detail ?a? rotated 90 cw scale: 8 :1 l gauge plane 0 to 8 l3 l4 seating plane section b - b and c - c scale: none (4) (4) ( b , b 2) b 1, b 3 (c) c1 base metal plating conforms to jedec outline d 2 pak (smd-220) 13 2 d c a l2 e (2)(3) (2) 4 h bb 2 x b 2 x b 2 l1 0.010 a b mm (3) e 2 x pad layout min. 11.00 (0.43) min. 9.65 (0.3 8 ) min. 3. 8 1 (0.15) min. 2.32 (0.0 8 ) 17.90 (0.70) 15.00 (0.625) 2.64 (0.103) 2.41 (0.096) lead assignments diodes 1. - anode (two die)/open (one die) 2., 4. - cathode 3. - anode
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of 25TTS10SPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X