this document was generated on 06/08/2010 please check www.molex.com for latest part information part number: 0894001110 status: active description: 2.00mm (.079") pitch wire-to-board header, vertical, 11 circuits, without kinked pc tail documents: 3d model product specification ps-87369-0001 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family pcb headers series 89400 application wire-to-board product name n/a physical breakaway no circuits (loaded) 11 circuits (maximum) 11 color - resin natural durability (mating cycles max) 30 first mate / last break no flammability 94v-0 glow-wire compliant no guide to mating part no keying to mating part none lock to mating part yes material - plating mating tin material - plating termination tin material - resin nylon number of rows 1 orientation vertical pc tail length (in) 0.134 in pc tail length (mm) 3.40 mm pcb locator no pcb retention none pcb thickness recommended (in) 0.045 in pcb thickness recommended (mm) 1.20 mm packaging type bag pitch - mating interface (in) 0.079 in pitch - mating interface (mm) 2.00 mm plating min: mating (in) 50 plating min: mating (m) 1.27 plating min: termination (in) 50 plating min: termination (m) 1.27 polarized to pcb no shrouded partial stackable no temperature range - operating -25c to +85c termination interface: style through hole electrical series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 89400 series mates with 87369 crimp housing
current - maximum per contact 4a voltage - maximum 250v material info reference - drawing numbers product specification ps-87369-0001 sales drawing sd-89400-**1* this document was generated on 06/08/2010 please check www.molex.com for latest part information
|