Part Number Hot Search : 
48000 DS3045W RG12232B RGP10J CDBC5100 LVC32 DS18B20Z WFF15N60
Product Description
Full Text Search
 

To Download 0014445312 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 05/20/2010 please check www.molex.com for latest part information part number: 0014445312 status: active overview: cgrid__sl_products description: 2.54mm (.100") pitch sl? insulation displacement connector assembly, male, single row, version d, back ribs, for wire size 22, 0.38m (15") gold (au), 12 circuits documents: 3d model product specification ps-70400 (pdf) drawing (pdf) rohs certificate of compliance (pdf) agency certification csa lr19980 ul e29179 general product family ribbon cable / wire trap connectors series 70475 comments terminals preloaded component type housing glow-wire compliant no overview cgrid__sl_products product name sl? physical circuits (loaded) 12 durability (mating cycles max) 50 entry angle vertical flammability 94v-0 lock to mating part none number of rows 1 pcb retention none packaging type tube pitch - mating interface (in) 0.100 in pitch - mating interface (mm) 2.54 mm polarized to mating part no stackable yes surface mount compatible (smc) n/a temperature range - operating -40c to +105c wire insulation diameter 1.35mm (.053") max. wire size awg 22 wire/cable type discrete wire, ribbon cable electrical current - maximum per contact 3a voltage - maximum 250v material info old part number 70475-2356 reference - drawing numbers product specification ps-70400 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 70475 series mates with 70004 interim clip (single row), 70013 interim clip (dual row) use with 7307 tinned 28awg, 7767 topcoat 28awg, 24241 tinned 26awg, 8996 topcoat 26awg, 24226 tinned 24awg, 8997 topcoat 24awg, 24369 high flex 26awg, 24389 high flex 24awg this document was generated on 05/20/2010 please check www.molex.com for latest part information


▲Up To Search▲   

 
Price & Availability of 0014445312

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X