Part Number Hot Search : 
HCMOS T5100650 MBR2045 CAT511 IDT72V RL1N1200 MC12026 0N1TR
Product Description
Full Text Search
 

To Download TLE4260-S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  p-to220-5-11 p-to220-5-12 p-to263-5-1 p-to252-5-1 5-v low-drop fixed voltage regulator tle 4270 data sheet version 1.1 1 2000-01-09 features ? output voltage tolerance 2 % ? 550 ma output current capability ? low-drop voltage ? reset functionality ? adjustable reset time ? suitable for use in automotive electronics ? integrated overtemperature protection ? reverse polarity protection ? input voltage up to 42 v ? overvoltage protection up to 65 v ( 400 ms) ? short-circuit proof ? wide temperature range ? esd protection > 4000 v functional description this device is a 5-v low-drop fixed-voltage regulator. the maximum input voltage is 42 v (65 v, 400 ms). up to an input voltage of 26 v and for an output current up to 550 ma it regulates the output voltage within a 2 % accuracy. the short circuit protection limits the output current of more than 650 ma. the device incorporates overvoltage protection and temperature protection that disables the circuit at unpermissibly high temperatures. type ordering code package tle 4270 q67000-a9209-a904 p-to220-5-11 tle 4270 s q67000-a9243-a904 p-to220-5-12 tle 4270 g q67006-a9201-a901 p-to263-5-1 tle 4270 d q67006-a9360 p-to252-5-1
tle 4270 data sheet version 1.1 2 2000-01-09 pin configuration (top view) figure 1 pin definitions and functions pin symbol function 1 i input ; block to ground directly on the ic with ceramic capacitor 2ro reset output ; the open collector output is connected to the 5 v output via an integrated resistor of 30 k w. 3 gnd ground ; internally connected to heatsink. 4d reset delay ; connect a capacitor to ground for delay time adjustment. 5q 5-v output ; block to ground with 22 m f capacitor, esr < 3 w . aep01922 i ro gnd d q 15 p-to263-5-1 (p-to220-5-8) aep01923 i ro gnd d q 5 1 p-to220-5-11 (p-to220-5-1) p-to220-5-12 (p-to220-5-2) aep02172 ro gnd d q 5 1 i p-to252-5-1 (d-pak) aep02580 15 ro i dq gnd
tle 4270 data sheet version 1.1 3 2000-01-09 circuit description the control amplifier compares a reference voltage, which is kept highly accurate by resistance adjustment, to a voltage that is proportional to the output voltage and drives the base of a series transistor via a buffer. saturation control as a function of the load current prevents any over-saturation of the power element. the ic also incorporates a number of internal circuits for protection against: ? overload ? overvoltage ? overtemperature ? reverse polarity application description the ic regulates an input voltage in the range of 5.5 v < v i < 36 v to v qnom = 5.0 v. up to 26 v it produces a regulated output current of more than 550 ma. above 26 v the save-operating-area protection allows operation up to 36 v with a regulated output current of more than 300 ma. overvoltage protection limits operation at 42 v. the overvoltage protection hysteresis restores operation if the input voltage has dropped below 36 v. a reset signal is generated for an output voltage of v q < 4.5 v. the delay for power-on reset can be set externally with a capacitor.
tle 4270 data sheet version 1.1 4 2000-01-09 figure 2 block diagram temperature sensor saturation control and protection circuit + - reference bandgap adjustment 3 1 5 2 4 gnd output reset output delay reset input aeb01924 control amplifier buffer reset generator
tle 4270 data sheet version 1.1 5 2000-01-09 absolute maximum ratings t j = C 40 to 150 c parameter symbol limit values unit notes min. max. input voltage voltage current v i v i i i C 42 C 42 65 v v t 400 ms internally limited reset output voltage current v r i r C 0.3 7 v internally limited reset delay voltage current v d i d C 0.3 7 v internally limited output voltage current v q i q C 1.0 16 v internally limited ground current i gnd C 0.5 C a C temperatures junction temperature storage temperature t j t stg C 50 150 150 c c C
tle 4270 data sheet version 1.1 6 2000-01-09 operating range parameter symbol limit values unit notes min. max. input voltage v i 642vC junction temperature t j C 40 150 cC thermal resistance junction ambient r thja C65 70 k/w k/w to263, to252 1) 1) soldered in, min. footprint junction case r thjc z thjc C3 2 k/w k/w t < 1ms (to-220/263 packages) characteristics v i = 13.5 v; C 40 c t j = 125 c (unless otherwise specified) parameter symbol limit values unit test condition min. typ. max. output voltage v q 4.90 5.00 5.10 v 5 ma i q 550 ma; 6 v v i 26 v output voltage v q 4.90 5.00 5.10 v 26 v v i 36 v; i q 300 ma output current limiting i qmax 650 850 C ma v q = 0 v current consumption i q = i i - i q i q C 1 1.5 ma i q = 5 ma current consumption i q = i i C i q i q C 5575ma i q = 550 ma current consumption i q = i i C i q i q C 7090ma i q = 550 ma; v i =5v drop voltage v dr C 350 700 mv i q = 550 ma 1)
tle 4270 data sheet version 1.1 7 2000-01-09 load regulation d v q C 2550mv i q = 5 to 550 ma; v i = 6 v supply voltage regulation d v q C 1225mv v i = 6 to 26 v i q = 5 ma power supply ripple rejection psrr C54Cdb f r = 100 hz; v r = 0.5 v ss reset generator switching threshold v rt 4.5 4.65 4.8 v C reset high voltage v roh 4.5 C C v C reset low voltage v rol C60Cmv r intern = 30 k w 2) ; 1.0 v v q 4.5 v reset low voltage v rol C 200 400 mv i r = 3 ma, v q = 4.4 v reset pull-up r 18 30 46 k w internally connected to q lower reset timing threshold v drl 0.2 0.45 0.8 v v q < v rt charge current i d 81425 m a v d = 1.0 v upper timing threshold v du 1.4 1.8 2.3 v C delay time t d C13Cms c d = 100 nf reset reaction time t rr CC3 m s c d = 100 nf overvoltage protection turn-off voltage v i , ov 42 44 46 v C 1) drop voltage = v i C v q (measured when the output voltage has dropped 100 mv from the nominal value obtained at 13.5 v input) 2) reset peak is always lower than 1.0 v. characteristics (contd) v i = 13.5 v; C 40 c t j = 125 c (unless otherwise specified) parameter symbol limit values unit test condition min. typ. max.
tle 4270 data sheet version 1.1 8 2000-01-09 figure 3 test circuit figure 4 application circuit ro v v i i c d i d d d gnd gnd aes01925 r v v q 470 nf 1000 f i m i i tle 4270g i q q 22 f r m i reset to mc ro gnd d aes01926 i 470 nf input 100 nf 22 f tle 4270 q m 5 v-output
tle 4270 data sheet version 1.1 9 2000-01-09 design notes for external components an input capacitor c i is necessary for compensation of line influences. the resonant circuit consisting of lead inductance and input capacitance can be damped by a resistor of approx. 1 w in series with c i . an output capacitor c q is necessary for the stability of the regulating circuit. stability is guaranteed at values of c q 3 22 m f and an esr of < 3 w . reset circuitry if the output voltage decreases below 4.5 v, an external capacitor c d on pin 4 (d) will be discharged by the reset generator. if the voltage on this capacitor drops below v drl ,a reset signal is generated on pin 2 (ro), i.e. reset output is set low. if the output voltage rises above the reset threshold, c d will be charged with constant current. after the power-on-reset time the voltage on the capacitor reaches v du and the reset output will be set high again. the value of the power-on-reset time can be set within a wide range depending of the capacitance of c d . reset timing the power-on reset delay time is defined by the charging time of an external capacitor c d which can be calculated as follows: c d =( t d i d )/ d v definitions: c d = delay capacitor t d = reset delay time i d = charge current, typical 5 ma d v = v du , typical 1.9 v v du = upper delay switching threshold at c d for reset delay time t d = d v c d / i d the reset reaction time t rr is the time it takes the voltage regulator to set the reset out low after the output voltage has dropped below the reset threshold. it is typically 1 m s for delay capacitor of 47 nf. for other values for c d the reaction time can be estimated using the following equation: t rr ? 20 s/f c d
tle 4270 data sheet version 1.1 10 2000-01-09 figure 5 reset time response aes01927 d = d i d v d c t < t rr rr t t d d v v q v i v r v rt v drl du v power-on-reset thermal shutdown at input voltage drop undervoltage spike secondary load bounce
tle 4270 data sheet version 1.1 11 2000-01-09 output voltage v q versus temperature t j output current i q versus temperature t j output voltage v q versus input voltage v i output current i q versus input voltage v i 4.90 4.80 4.70 40 -40 0 4.60 5.00 v 5.20 5.10 q 160 c 80 120 t j aed01928 v i = 13.5 v v 600 400 200 40 -40 0 0 800 ma 1200 1000 q i 160 c 80 120 t j aed01930 r 6 4 2 0 4 0 2 8 12 10 q v v 10 v 68 v i aed01929 = 25 l w 0.6 0.4 0.2 20 010 0 0.8 a 1.2 1.0 q i = 25 c t j 50 v 30 40 v i aed01931 = 125 c t j
tle 4270 data sheet version 1.1 12 2000-01-09 current consumption i q versus output current i q current consumption i q versus input voltage v i current consumption i q versus output current i q drop voltage v dr versus output current i q 0 0 20 120 60 40 i q ma aed01932 80 ma 1 2 3 4 5 6 q i v i = 13.5 v 60 40 20 20 010 0 80 ma 120 100 q i 50 v 30 40 v i aed01934 = 20 r l w l r = 50 r = 10 l w w 300 40 30 100 0 200 0 10 20 80 60 70 50 ma q i v = 13.5 v i ma 400 600 i q aed01933 400 200 300 100 200 0 400 0 800 600 700 500 dr v mv ma 600 1000 i q aed01935 t = 125 c j t =25 j c
tle 4270 data sheet version 1.1 13 2000-01-09 charge current i d and discharge current i dis versus temperature t j delay switching threshold v du versus temperature t j 80 8 -40 8 2 6 4 40 0 i d a 10 12 i m 14 16 160 120 c t j = 13.5 v aed01949 i v d v = 1 v dis i 2.0 1.0 1.5 0.5 0 -40 40 0 4.0 3.0 3.5 2.5 dt v v c 120 80 160 t j aed01937 i v = 13.5 v du v
tle 4270 data sheet version 1.1 14 2000-01-09 package outlines dimensions in mm sorts of packing package outlines for tubes, trays etc. are contained in our data book package information. gpt09064 a a 0.25 m typical 9.8 0.15 2.8 1) 15.65 0.3 13.4 0...0.15 1.7 0.8 0.1 0.1 1.27 4.4 9.25 0.2 0.05 1) all metal surfaces tin plated, except area of cut. c 0.2 17 0.3 8.5 1) 10 0.2 3.7 -0.15 c 2.4 0.5 0.1 0.3 8.6 10.2 0.3 0.4 3.9 0.4 8.4 3.7 0.3 p-to220-5-11 (plastic transistor single outline)
tle 4270 data sheet version 1.1 15 2000-01-09 gpt09065 a b a 0.25 m typical 9.8 0.15 2.8 1) 15.65 0.3 13.4 0...0.15 1.7 0.8 0.1 0.1 1.27 4.4 b 9.25 0.2 0.05 1) all metal surfaces tin plated, except area of cut. c 0.2 17 0.3 8.5 1) 10 0.2 3.7 -0.15 c 2.4 0.5 0.1 13 0.5 0.5 11 6x p-to220-5-12 (plastic transistor single outline) dimensions in mm sorts of packing package outlines for tubes, trays etc. are contained in our data book package information.
tle 4270 data sheet version 1.1 16 2000-01-09 a 8? max. b a 0.25 m 0.1 typical 9.8 0.15 0.2 10 8.5 1) 8 1) (15) 0.2 9.25 0.3 1 0...0.15 5x0.8 0.1 0.1 1.27 4.4 b 0.5 0.1 0.3 2.7 4.7 0.5 0.05 1) 0.1 all metal surfaces tin plated, except area of cut. 2.4 4x1.7 p-to263-5-1 (plastic transistor single outline) gpt09113 dimensions in mm smd = surface mounted device sorts of packing package outlines for tubes, trays etc. are contained in our data book package information.
tle 4270 data sheet version 1.1 17 2000-01-09 dimensions in mm smd = surface mounted device sorts of packing package outlines for tubes, trays etc. are contained in our data book package information. gpt09161 5.4 0.1 -0.10 6.5 +0.15 a 0.5 9.9 6.22 -0.2 1 0.1 0.15 0.8 0.15 max 0.1 per side 5x0.6 1.14 4.56 +0.08 -0.04 0.9 2.3 -0.10 +0.05 b 0.51 min 0.1 1 +0.08 -0.04 0.5 0...0.15 b a 0.25 m 0.1 all metal surfaces tin plated, except area of cut. (4.17) p-to252-5-1 (plastic transistor single outline)
data sheet version 1.1 18 2000-01-09 tle 4270 edition 2000-01-09 published by infineon technologies ag, st.-martin-strasse 53, d-81541 mnchen ? infineon technologies ag 2000. all rights reserved. attention please! the information herein is given to describe certain components and shall not be consid- ered as warranted characteristics. terms of delivery and rights to technical change reserved. we hereby disclaim any and all warranties, including but not limited to warranties of non- infringement, regarding circuits, descriptions and charts stated herein. in?neon technologies is an approved cecc manufacturer. information for further information on technology, deliv- ery terms and conditions and prices please contact your nearest in?neon technologies of?ce in germany or our in?neon technolo- gies representatives worldwide (see ad- dress list). warnings due to technical requirements components may contain dangerous substances. for in- formation on the types in question please contact your nearest in?neon technologies of?ce. in?neon technologies components may only be used in life-support devices or systems with the express written approval of in?neon technologies, if a failure of such components can reasonably be expected to cause the fail- ure of that life-support device or system, or to affect the safety or effectiveness of that de- vice or system. life support devices or sys- tems are intended to be implanted in the hu- man body, or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endan- gered.


▲Up To Search▲   

 
Price & Availability of TLE4260-S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X