Part Number Hot Search : 
7N80C3 LTC1864 2N20C BUL38 HCC4067B MSC7170 AP4835 SDA20000
Product Description
Full Text Search
 

To Download TCPT1300X01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 84778 for tec hnical questions, contact: sensorstechsupport@vishay.com www.vishay.com rev. 1.7, 17-may-11 1 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 subminiature transmissive optical sensor with transistor output TCPT1300X01 vishay semiconductors description the TCPT1300X01 is a compact transmissive sensor that includes an infrared emitter and a phototransistor detector, located face-to-face in a surface mount package. features ? package type: surface mount ? detector type: phototransistor ? dimensions (l x w x h in mm): 5.5 x 4 x 4 ? aec-q101 qualified ? gap (in mm): 3 ? aperture (in mm): 0.3 ? typical output current under test: i c = 0.6 ma ? emitter wavelength: 950 nm ? moisture sensitivity level (msl): 1 ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec applications ? automotive optical sensors ? accurate position sensor for encoder ? detection of motion speed note (1) conditions like in table basic characteristics/coupler note (1) moq: minimum order quantity pin connection top view coll. nc e a cath. nc 21848 19601 product summary part number gap width (mm) aperture width (mm) typical output current under test (1) (ma) daylight blocking filter integrated TCPT1300X01 3 0.3 0.6 no ordering information ordering code packaging volume (1) remarks TCPT1300X01 tape and reel moq: 2000 pcs, 2000 pcs/reel drypack, msl 1 ** please see document vishay material category policy: www.vishay.com/doc?99902
www.vishay.com for technical questions, contact: sensorstechsupport@vishay.com document number: 84778 2 rev. 1.7, 17-may-11 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 TCPT1300X01 vishay semiconductors subminiature transmissive optical sensor with transistor output absolute maximum ratings fig. 1 - power dissipation limit vs. ambient temperature fig. 2 - forward current limit vs. ambient temperature absolute maximum ratings (t amb = 25 c, unless otherwise specified) parameter test condition symbol value unit coupler total power dissipation t amb ? 25 c p tot 37.5 mw junction temperature t j 110 c ambient temperature range t amb - 40 to + 105 c storage temperature range t stg - 40 to + 125 c soldering temperature in accordance with fig. 16 t sd 260 c input (emitter) reverse voltage v r 5v forward current t amb ? 95 c i f 25 ma forward surge current t p ? 10 s i fsm 200 ma power dissipation t amb ? 25 c p v 37.5 mw output (detector) collector emi tter voltage v ceo 20 v emitter collec tor voltage v eco 7v collector current i c 20 ma collector dark current t amb ? 85 c, v ce = 5 v i ceo 3.3 a 0 5 10 15 20 25 30 35 40 020406080100120 p v - power di ss ipation (mw) t amb - ambient temperature (c) r thja = 460 k/w 22460 22461 0 5 10 15 20 25 30 020406080100120 i f - forward current (ma) t amb - ambient temperature (c) r thja = 460 k/w
document number: 84778 for tec hnical questions, contact: sensorstechsupport@vishay.com www.vishay.com rev. 1.7, 17-may-11 3 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 TCPT1300X01 subminiature transmissive optical sensor with transistor output vishay semiconductors fig. 3 - test circuit for t r and t f fig. 4 - switching times basic characteristics (t amb = 25 c, unless otherwise specified) fig. 5 - forward current vs. forward voltage fig. 6 - forward voltage vs. ambient temperature basic characteristics (t amb = 25 c, unless otherwise specified) parameter test condition symbol min. typ. max. unit coupler collector current v ce = 5 v, i f = 15 ma i c 300 600 a collector emitte r saturation voltage i f = 15 ma, i c = 0.05 ma v cesat 0.4 v input (emitter) forward voltage i f = 15 ma v f 11.21.4v reverse current v r = 5 v i r 10 a junction capacitance v r = 0 v, f = 1 mhz c j 25 pf output (detector) collector emitter voltage i c i c = 1 ma v ceo 20 v emitter collec tor voltage i e = 100 a v eco 7v collector dark current v ce = 25 v, i f = 0 a, e = 0 lx i ceo 1100na switching characteristics rise time i c = 0.3 ma, v ce = 5 v, r l = 100 ? (see figure 3) t r 20 150 s fall time i c = 0.3 ma, v ce = 5 v, r l = 100 ? (see figure 3) t f 30 150 s channel i channel ii 20688 + 5 v i c adjusted by i f i f 0 i f r g = 50 t p t p = 1 ms t = 20 oscilloscope 50 100 r l 1 m c l 20 pf t p t t 0 0 10 % 90 % 100 % t r t d t on t s t f t off i f i c t p pulse duration t d delay time t r rise time t on (= t d + t r ) turn-on time t s storage time t f fall time t off (= t s + t f ) turn-off time 96 11698 0.1 1 10 100 1000 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 v f - forward voltage (v) i f - forward current (ma) 20589 1.0 1.1 1.2 1.3 1.4 - 40 - 20 0 20 40 60 80 100 t amb - ambient temperature (c) v f - forward voltage (v) i f = 15 ma 20592
www.vishay.com for technical questions, contact: sensorstechsupport@vishay.com document number: 84778 4 rev. 1.7, 17-may-11 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 TCPT1300X01 vishay semiconductors subminiature transmissive optical sensor with transistor output fig. 7 - collector current vs. forward current fig. 8 - collector current vs. collector emitter voltage fig. 9 - collector emi tter saturation voltage vs. ambient temperature fig. 10 - collector current vs. ambient temperature fig. 11 - collector dark current vs. ambient temperature fig. 12 - relative co llector current vs. ho rizontal displacement 0.001 0.01 0.1 1 10 0.1 1 10 100 i f - forward current (ma) i c - collector current (ma) 20591 v ce = 5 v 0.01 0.1 1 10 0.1 1 10 100 v ce - collector emitter voltage (v) i c - collector current (ma) 20689 i f = 25 ma i f = 15 ma i f = 5 ma i f = 3 ma 0.00 0.02 0.04 0.06 0.08 0.10 0.12 0.14 0.16 0.18 0.20 - 40 - 20 0 20 40 60 80 100 t amb - ambient tempearture (c) v cesat - coll. emitter saturation voltage (v) i f = 15 ma i f = 5 ma i c = 50 a 20590 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 - 40 - 20 0 20 40 60 80 100 t amb - ambient temperature (c) i c - collector current (ma) i f = 15 ma i f = 5 ma v ce = 5 v 20593 1 10 100 1000 10 000 0 102030405060708090100 t amb - ambient temperature (c) i ce0 - collector dark current (na) i f = 0 v ce = 70 v v ce = 25 v v ce = 5 v 20594 0 0.2 0.4 0.6 0.8 1 - 1.5 - 1 - 0.5 0 0.5 1 1.5 s - horizontal displacement (mm) i c rel - relative collector current 20595 s
document number: 84778 for tec hnical questions, contact: sensorstechsupport@vishay.com www.vishay.com rev. 1.7, 17-may-11 5 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 TCPT1300X01 subminiature transmissive optical sensor with transistor output vishay semiconductors fig. 13 - relative collector cu rrent vs. vertical displacement fig. 14 - rise/fall time vs. collector current fig. 15 - application example reflow solder profile fig. 16 - lead (pb)-free reflow solder profile acc. j-std-020 floor life no time limit. moisture sensitivity level (msl ) 1, acc. jedec, j-std-020. 0 0.5 1 - 1.5 - 1 - 0.5 0 0.5 1 1.5 s - vertical displacement (mm) i crel - rel. collector current 20610 s 1 0.2 optical axis 0 10 20 30 40 50 60 70 80 90 100 0 250 500 750 1000 1250 1500 1750 2000 i c - collector current (a) t r /t f - rise/fall time (s) t f t r 20599 r l = 100 13887 74hct14 gnd i f = 15 ma + v c = 5 v 10 k v e u q 0 50 100 150 200 250 300 0 50 100 150 200 250 300 time (s) temperature (c) 240 c 245 c max. 260 c max. 120 s max. 100 s 217 c max. 30 s max. ramp up 3 c/s max. ramp down 6 c/s 19841 255 c reliability tests in reference to aec-q101 release test condition duration lot size - rejects high temperature storage t stg (max.) = 100 c 1000 h 3 x 50 pcs - 0 pcs low temperature storage t stg (min.) = - 40 c 1000 h 3 x 50 pcs - 0 pcs temperature cycling - 40 c/+ 100 c 1000 x 3 x 77 pcs - 0 pcs h3trb 85 c/85 % rh, emitters: v r = 4 v, detectors: v ceo = 5 v 1000 h 3 x 77 pcs - 0 pcs intermittent op erational life emitters: i f = 80 ma dc, detectors: v ce = 16 v, duty cycle: 2 min on, 2 min off, t amb = 25 c 1000 h (15 000 cycles) 3 x 77 pcs - 0 pcs reliability tests in reference to enhanced temperature release acc. aec-q101 test condition duration lot size - rejects high temperature storage t stg (max.) = 125 c 1000 h 1 x 50 pcs - 0 pcs temperature cycling - 40 c/+ 150 c 1000 x 1 x 77 pcs - 0 pcs power temperature cycle - 25 c/+ 85 c, i f = 50 ma, v ce = 16 v, 2 min. on, 2 min. off 1000 h (15 000 cycles) 1 x 77 pcs - 0 pcs
www.vishay.com for technical questions, contact: sensorstechsupport@vishay.com document number: 84778 6 rev. 1.7, 17-may-11 this document is subject to change without notice. the products described herein and this document ar e subject to specific disclaimers, set forth at www.vishay.com/doc?91000 TCPT1300X01 vishay semiconductors subminiature transmissive optical sensor with transistor output package dimensions in millimeters 19591
document number: 84778 for tec hnical questions, contact: sensorstechsupport@vishay.com www.vishay.com rev. 1.7, 17-may-11 7 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 TCPT1300X01 subminiature transmissive optical sensor with transistor output vishay semiconductors package dimensions in millimeters volume/reel = 2000 pcs 20601
document number: 80112 for technical questions, contact: optocoupleranswers@vishay.com www.vishay.com rev. 1.1, 02-jul-09 1 packaging and ordering information packaging and ordering information vishay semiconductors notes (1) moq: minimum order quantity (2) please refer to datasheets tube specification figures fig. 1 part number moq (1) pcs per tube tube spec. (figure) constituents (forms) cny70 4000 80 1 28 TCPT1300X01 2000 reel (2) 29 tcrt1000 1000 bulk - 26 tcrt1010 1000 bulk - 26 tcrt5000 4500 50 2 27 tcrt5000l 2400 48 3 27 tcst1030 5200 65 5 24 tcst1030l 2600 65 6 24 tcst1103 1020 85 4 24 tcst1202 1020 85 4 24 tcst1230 4800 60 7 24 tcst1300 1020 85 4 24 tcst2103 1020 85 4 24 tcst2202 1020 85 4 24 tcst2300 1020 85 4 24 tcst5250 4860 30 8 24 tcut1300x01 2000 reel (2) 29 tczt8020-paer 2500 bulk - 22 1519 8
www.vishay.com for technical questions, contact: optocoupleranswers@vishay.com document number: 80112 2 rev. 1.1, 02-jul-09 packaging and ordering information vishay semiconductors packaging and ordering information fig. 2 fig. 3 15210 15201
document number: 80112 for technical questions, contact: optocoupleranswers@vishay.com www.vishay.com rev. 1.1, 02-jul-09 3 packaging and ordering information packaging and ordering information vishay semiconductors fig. 4 fig. 5 15199 15202
www.vishay.com for technical questions, contact: optocoupleranswers@vishay.com document number: 80112 4 rev. 1.1, 02-jul-09 packaging and ordering information vishay semiconductors packaging and ordering information fig. 6 fig. 7 15196 15195
document number: 80112 for technical questions, contact: optocoupleranswers@vishay.com www.vishay.com rev. 1.1, 02-jul-09 5 packaging and ordering information packaging and ordering information vishay semiconductors fig. 8 20257
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of TCPT1300X01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X