Part Number Hot Search : 
TCS3414 XXXSP 16011 0512E SM4001A 210A0 3238E 1SV216
Product Description
Full Text Search
 

To Download STL9N3LLH5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  july 2009 doc id 16012 rev 1 1/12 12 STL9N3LLH5 n-channel 30 v, 0.015 ? , 9 a, powerflat? (3.3x3.3) stripfet? v power mosfet features r ds(on) * q g industry benchmark extremely low on-resistance r ds(on) very low switching gate charge high avalanche ruggedness low gate drive power losses applications switching applications description this product utilizes the 5 th generation of design rules of st?s proprietary stripfet? technology. the lowest available r ds(on) *q g , in this chip scale package, makes this device suitable for the most demanding dc-dc converter applications, where high power density is to be achieved. figure 1. internal schematic diagram type v dss r ds(on) max i d STL9N3LLH5 30 v < 0.019 ? 9 a (1) 1. the value is rated according rthj-pcb powerflat?(3.3x3.3) (chip scale package) table 1. device summary order code marking package packaging STL9N3LLH5 9n3l powerflat? (3.3x3.3) tape and reel www.st.com
contents STL9N3LLH5 2/12 doc id 16012 rev 1 contents 1 electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 2 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 3 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 4 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 5 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
STL9N3LLH5 electrical ratings doc id 16012 rev 1 3/12 1 electrical ratings table 2. absolute maximum ratings symbol parameter value unit v ds drain-source voltage (v gs = 0) 30 v v gs gate-source voltage 22 v i d (1) 1. the value is rated according rthj-pcb drain current (continuous) at t c = 25 c 9 a i d (1) drain current (continuous) at t c =100 c 6 a i dm (2) 2. pulse width limited by safe operating area. drain current (pulsed) 36 a p tot (3) 3. the vaule is rated according rthj-c total dissipation at t c = 25 c 50 w p tot (1) total dissipation at t c = 25 c 2 w derating factor 0.4 w/c t j t stg operating junction temperature storage temperature -55 to 150 c table 3. thermal resistance symbol parameter value unit r thj-case thermal resistance junction-case (drain) 2.5 c/w r thj-pcb (1) 1. when mounted on fr-4 board of 1inch2, 2oz cu, t < 10sec thermal resistance junction-pcb 42.8 c/w r thj-pcb (2) 2. steady state thermal resistance junction-pcb 63.5 c/w
electrical characteristics STL9N3LLH5 4/12 doc id 16012 rev 1 2 electrical characteristics (t case =25 c unless otherwise specified) table 4. on/off states symbol parameter test conditions min. typ. max. unit v (br)dss drain-source breakdown voltage i d = 250 a, v gs = 0 30 v i dss zero gate voltage drain current (v gs = 0) v ds = max rating, v ds = max rating @125 c 1 10 a a i gss gate body leakage current (v ds = 0) v gs = 22 v 100 na v gs(th) gate threshold voltage v ds = v gs , i d = 250 a 12.5v r ds(on) static drain-source on resistance v gs = 10 v, i d = 4.5 a v gs = 4.5 v, i d = 4.5 a 15 19 19 22 m ? m ? table 5. dynamic symbol parameter test conditions min. typ. max. unit c iss c oss c rss input capacitance output capacitance reverse transfer capacitance v ds =25 v, f=1 mhz, v gs =0 - 724 132 20 pf pf pf q g q gs q gd total gate charge gate-source charge gate-drain charge v dd =15 v, i d = 9 a v gs =4.5 v (see figure 14) - 5 2 2 nc nc nc r g gate input resistance f=1 mhz gate dc bias = 0 test signal level = 20 mv open drain -3.3 ? table 6. switching times symbol parameter test conditions min. typ. max. unit t d(on) t r t d(off) t f turn-on delay time rise time turn-off delay time fall time v dd =15 v, i d = 4.5 a, r g =4.7 ?, v gs = 10 v (see figure 13) - 4 4.2 21 3.5 - ns ns ns ns
STL9N3LLH5 electrical characteristics doc id 16012 rev 1 5/12 table 7. source drain diode symbol parameter test conditions min. typ. max. unit i sd source-drain current - 9 a i sdm (1) 1. pulse width limited by safe operating area source-drain current (pulsed) - 36 a v sd (2) 2. pulsed: pulse duration = 300 s, duty cycle 1.5 % forward on voltage i sd = 9 a, v gs =0 -1.1v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i sd = 9 a, di/dt = 100 a/s, v dd =20 v, tj=150 c (see figure 18) - 21 10 1 ns nc a
electrical characteristics STL9N3LLH5 6/12 doc id 16012 rev 1 2.1 electrical characteristics (curves) figure 2. safe operating area figure 3. thermal impedance figure 4. output characteristics figure 5. transfer characteristics figure 6. normalized b vdss vs temperature figure 7. static drain-source on resistance i d 100 10 1 0.1 0.1 1 v d s (v) 10 (a) oper a tion in thi s a re a i s limited b y m a x r d s (on) 10m s 100m s 1 s tj=150c tc=25c s inlge p u l s e 0.01 am0 38 21v1 5v 3 v 4v 6v i d 60 40 20 0 0 v d s (v) (a) 1 2 3 8 0 100 4 v g s =10v am0 38 15v1 i d 15 10 5 0 0 2 v g s (v) 4 (a) 1 3 5 20 25 3 0 am0 38 22v1 bv d ss -50 -5 t j (c) (norm) - 3 0 70 20 45 95 0.9 0.95 1.00 1.05 1.1 120 am0 38 19v1 r d s (on) 20 15 10 5 0 4 i d (a) ( ? ) 2 6 25 i d =4.5a v g s =10v 10 8 am0 38 2 3 v1
STL9N3LLH5 electrical characteristics doc id 16012 rev 1 7/12 figure 8. gate charge vs gate-source voltage figure 9. capacitance variations figure 10. normalized gate threshold voltage vs temperature figure 11. normalized on resistance vs temperature figure 12. source-drain diode forward characteristics v g s 6 4 2 0 0 2 q g (nc) (v) 6 8 4 10 v dd =15v v g s =4.5v i d =9a 8 10 am0 38 17v1 200 0 0 v d s (v) 10 20 400 600 8 00 1000 c (pf) ci ss co ss cr ss am0 38 16v1 v g s (th) 0.90 0. 8 0 0.60 0.40 -55 -5 t j (c) (norm) - 3 0 1.10 70 20 45 95 120 am0 38 20v1 r d s (on) 1.2 1 0. 8 0.6 -55 -5 t j (c) (norm) - 3 0 70 20 45 95 120 1.4 1.6 am0 38 24v1 t j =-50c t j =150c t j =25c v s d 0 4 i s d (a) (v) 2 10 6 8 0.4 0.5 0.6 0.7 0. 8 0.9 am0 38 1 8 v1
test circuits STL9N3LLH5 8/12 doc id 16012 rev 1 3 test circuits figure 13. switching times test circuit for resistive load figure 14. gate charge test circuit figure 15. test circuit for inductive load switching and diode recovery times figure 16. unclamped inductive load test circuit figure 17. unclamped inductive wavefo rm figure 18. switching time waveform am0146 8 v1 v g s p w v d r g r l d.u.t. 2200 f 3 . 3 f v dd am01469v1 v dd 47k ? 1k ? 47k ? 2.7k ? 1k ? 12v v i =20v=v gmax 2200 f p w i g =con s t 100 ? 100nf d.u.t. v g am01470v1 a d d.u.t. s b g 25 ? a a b b r g g fa s t diode d s l=100 h f 3 . 3 1000 f v dd am01471v1 v i p w v d i d d.u.t. l 2200 f 3 . 3 f v dd am01472v1 v (br)d ss v dd v dd v d i dm i d am0147 3 v1 v d s t on td on td off t off t f t r 90 % 10 % 10 % 0 0 90 % 90 % 10 % v g s
STL9N3LLH5 package mechanical data doc id 16012 rev 1 9/12 4 package mechanical data in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark.
package mechanical data STL9N3LLH5 10/12 doc id 16012 rev 1 powerflat? ( 3 . 3 x 3 . 3 ) mechanical data dim mm inch min typ max min typ max a0. 9 50 1.000 0.0 3 7 0.0 39 a 3 0.200 0.00 8 b 0.2 9 0. 3 40. 39 0.011 0.01 3 0.015 d 3 .200 3 . 3 00 3 .400 0.126 0.12 3 0.1 3 4 d2 2.24 2.2 9 2. 3 4 0.0 88 0.0 9 0 0.0 9 2 e2.20 3 . 3 0 3 .40 0.0 8 6 0.12 3 0.1 338 e2 1.660 1.710 1.760 0.065 0.067 0.06 9 e 0.650 0.025 l 0.40 0.0157 l1 0.45 0.50 0.55 0.017 0.01 9 6 0.021
STL9N3LLH5 revision history doc id 16012 rev 1 11/12 5 revision history table 8. document revision history date revision changes 09-jul-2009 1 first release
STL9N3LLH5 12/12 doc id 16012 rev 1 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2009 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of STL9N3LLH5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X