Part Number Hot Search : 
TR300 3225K175 54560 MUR460 M1661K MD7540 BFXXX MAX85
Product Description
Full Text Search
 

To Download SS310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  features ratings at 25 o c ambient temperature unless otherwise specified ss34 ss35 ss36 ss38 ss39 SS310 ss34 ss35 ss36 ss38 ss39 SS310 maximum repetitive peak reverse voltage v rrm 40 50 60 80 90 100 v maximum rms voltage v rws 28 35 42 56 63 70 v maximum dc blocking voltage v dc 40 50 60 80 90 100 v maximum average forward rectified current at t l =90 i f(av) a peak forward surge current 8.3ms single half- sine-wave i fsm a maximum instantaneous forward voltage at i fm =3.0a (note1) v f v maximum dc reverse current t j =25 at rated dc blocking voltage t j =125 operating temperature range t j o c storage temperature range t stg o c document number 0281003 1. units - 55 ---- +150 i r note: 1.pulse test: pulse width 300us,duty cycle 1 % maximum thermal resistance o c/w - 55 ---- +125 14 reverse voltage: 20 - 100 v forward current: 3.0 a surface mount schottky barrier rectifiers low forward voltage schottky barrier rectifier guardring protection 20 21 0.50 0.5 20 10 m a r jl 17.0 30 0.70 3.0 0.85 100.0 20 30 case: smc molded plastic body 1111 ss33 ss32 device marking code ss32 ss33 polarity: color band denotes cathode end maximum ratings and electrical characteristics mounting position: any smc weight: 0.007 ounces, 0.21 gram mechanical data reverse energy tested high current capability extremely low thermal resistance galaxy electrical ss32 - - - SS310 bl inch(mm) www.galaxycn.com blgalaxy electrical
www.galaxycn.com document number 0281003 2. amperes amperes amperes instantaneous forward current fig.3 -- typical instantaneous forward xxxxxxxxx---- characteri sti cs peak forward surge current ss32 - - - SS310 lead temperature, number of cycles at 60hz instantaneous forward voltage, volts fi g.1 -- forward derati ng curve fi g.2 -- peak forward surge current ratings and characteristic curves average forward rectified current 0 1 10 100 50 100 t j =t j max 8.3ms single half sine-wave bl galaxy electrical 2 4 0 0 3 1 25 50 75 100 125 150 175 resistive or inductive load 0.375"(9.5mm)lead length t j =25 pulse width=300 s 1 % d u ty c ycle .1 .3 .5 .7 .9 1 .1 1 .3 1 .5 1 .7 1 .9 2 .1 .1 1 10 20 ss32--ss34 ss35-ss36 ss38-SS310


▲Up To Search▲   

 
Price & Availability of SS310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X